Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1204 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TEA1204
Description  High efficiency DC/DC converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1204 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TEA1204 Datasheet HTML 2Page - NXP Semiconductors TEA1204 Datasheet HTML 3Page - NXP Semiconductors TEA1204 Datasheet HTML 4Page - NXP Semiconductors TEA1204 Datasheet HTML 5Page - NXP Semiconductors TEA1204 Datasheet HTML 6Page - NXP Semiconductors TEA1204 Datasheet HTML 7Page - NXP Semiconductors TEA1204 Datasheet HTML 8Page - NXP Semiconductors TEA1204 Datasheet HTML 9Page - NXP Semiconductors TEA1204 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
1998 Mar 02
6
Philips Semiconductors
Product specification
High efficiency DC/DC converter
TEA1204T
Burst mode trigger input
For burst-mode applications, in which the required output
power periodically changes between two different power
levels, the burst mode trigger feature gains optimal
dynamic response. A digital signal indicating the load
change must be connected to the burst pin. Polarity of the
burst signal is arbitrary. When not used, the burst pin must
be tied to pin 3 or pin 6.
Shut-down
When the shut-down pin is made HIGH, the converter
disables both switches and power consumption is reduced
to a few
µA.
Power switches
The power switches in the IC are one N-type and one
P-type MOSFET, having a typical pin-to-pin resistance of
0.12
Ω and 0.16 Ω respectively. The maximum average
current in the switches is 1.0 A.
Temperature protection
At too high device temperature (typical 165
°C), the
converter stops operating. It resumes operation when the
device temperature falls below 165
°C again. As a result,
low-frequent cycling between on and off state will occur.
It should be noted that in the event of device temperatures
around the cut-off limit, the application differs strongly from
maximum specifications.
Current limiters
If the current in one of the power switches exceeds its limit,
current ramping is stopped immediately, and the next
switching phase is entered. Current limitation is required to
enable optimal use of energy in Lithium-Ion batteries, and
to keep power conversion efficient during temporary high
loads. Furthermore, current limitation protects the IC
against overload conditions, inductor saturation, etc.
Behaviour at input voltage exceeding the specified
range
In general, an input voltage exceeding the specified range
is not recommended since instability may occur. There are
two exceptions:
• Upconversion: at an input voltage equal to or higher than
the target output voltage, but up to 6 V, the converter will
stop switching and the external schottky diode will take
over, resulting in Vo equalling Vi minus the diode voltage
drop.
• Downconversion: when the input voltage is equal to or
lower than the target output voltage, but higher than
2.6 V, the P-type FET will stay conducting resulting in Vo
being equal to Vi minus some resistive voltage drop.
The current limit function remains active.
Fig.3
Coil current waveforms in the various power
modes.
handbook, halfpage
time
low power
mode
medium power
mode 1
medium power
mode 2
low DC current
high DC current
increasing
load
MGK924


Similar Part No. - TEA1204

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1200TS PHILIPS-TEA1200TS Datasheet
104Kb / 24P
   0.95 V starting DC-to-DC converter with low battery indicator
2002 May 14
TEA1201TS PHILIPS-TEA1201TS Datasheet
108Kb / 24P
   0.95 V starting basic power unit
2002 Jun 06
TEA1202 PHILIPS-TEA1202 Datasheet
123Kb / 24P
   Battery power unit
2000 Jun 08
TEA1202TS PHILIPS-TEA1202TS Datasheet
123Kb / 24P
   Battery power unit
2000 Jun 08
TEA1205 PHILIPS-TEA1205 Datasheet
107Kb / 16P
   High efficiency DC/DC converter
1998 Mar 24
More results

Similar Description - TEA1204

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H1563P HSMC-H1563P Datasheet
73Kb / 8P
   HIGH-EFFICIENCY DC/DC CONVERTER
logo
NXP Semiconductors
TEA1206T PHILIPS-TEA1206T Datasheet
78Kb / 16P
   High efficiency DC/DC converter
1999 Sep 16
TEA1207T PHILIPS-TEA1207T Datasheet
77Kb / 16P
   High efficiency DC/DC converter
1999 Oct 21
TEA1208T PHILIPS-TEA1208T Datasheet
88Kb / 20P
   High efficiency DC/DC converter
2002 Nov 15
TEA1205AT PHILIPS-TEA1205AT Datasheet
107Kb / 16P
   High efficiency DC/DC converter
1998 Mar 24
logo
Unisonic Technologies
UTC3563 UTC-UTC3563_15 Datasheet
247Kb / 10P
   HIGH-EFFICIENCY DC/DC CONVERTER
logo
Analog Intergrations Co...
AIC1562 AIC-AIC1562 Datasheet
256Kb / 7P
   High-Efficiency, Bootstrapped DC/DC Converter
logo
Toshiba Semiconductor
TPC8022-H TOSHIBA-TPC8022-H Datasheet
331Kb / 7P
   High-Efficiency DC/DC Converter Applications
TPC8212-H TOSHIBA-TPC8212-H Datasheet
446Kb / 7P
   High-Efficiency DC/DC Converter Applications
TPC8021-H TOSHIBA-TPC8021-H Datasheet
501Kb / 7P
   High-Efficiency DC/DC Converter Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com