Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1507 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TEA1507
Description  GreenChipII SMPS control IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1507 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TEA1507 Datasheet HTML 2Page - NXP Semiconductors TEA1507 Datasheet HTML 3Page - NXP Semiconductors TEA1507 Datasheet HTML 4Page - NXP Semiconductors TEA1507 Datasheet HTML 5Page - NXP Semiconductors TEA1507 Datasheet HTML 6Page - NXP Semiconductors TEA1507 Datasheet HTML 7Page - NXP Semiconductors TEA1507 Datasheet HTML 8Page - NXP Semiconductors TEA1507 Datasheet HTML 9Page - NXP Semiconductors TEA1507 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
2000 Dec 05
6
Philips Semiconductors
Preliminary specification
GreenChip
™II SMPS control IC
TEA1507
Current mode control
Current mode control is used for its good line regulation
behaviour.
The ‘on-time’ is controlled by the internally inverted control
pin voltage, which is compared with the primary current
information. The primary current is sensed across an
external resistor. The driver output is latched in the logic,
preventing multiple switch-on.
The internal control voltage is inversely proportional to the
external control pin voltage, with an offset of 1.5 V. This
means that a voltage range from 1 to 1.5 V on pin CTRL
will result in an internal control voltage range from
0.5 to 0 V (the maximum external control voltage results in
a minimum duty cycle).
Oscillator
The maximum fixed frequency of the oscillator is set by an
internal current source and capacitor. The maximum
frequency is reduced once the control voltage enters the
VCO control window. Then, the maximum frequency
changes linearly with the control voltage until the minimum
frequency is reached (see Figs 5 and 6).
Valley switching (see Fig.7)
A new cycle starts when the power switch is switched on.
After the ‘on-time’ (which is determined by the ‘sense’
voltage and the internal control voltage), the switch is
opened and the secondary stroke starts. After the
secondary stroke, the drain voltage shows an oscillation
with a frequency of approximately
where Lp is the primary self inductance of the transformer
and Cd is the capacitance on the drain node.
As soon as the oscillator voltage is high again and the
secondary stroke has ended, the circuit waits for the
lowest drain voltage before starting a new primary stroke.
This method is called valley detection. Figure 7 shows the
drain voltage together with the valley signal, the signal
indicating the secondary stroke and the oscillator signal.
In an optimum design, the reflected secondary voltage on
the primary side will force the drain voltage to zero. Thus,
zero voltage switching is very possible, preventing large
capacitive switching losses
, and
allowing high frequency operation, which results in small
and cost effective inductors.
Demagnetization
The system will be in discontinuous conduction mode all
the time. The oscillator will not start a new primary stroke
until the secondary stroke has ended.
Demagnetization features a cycle-by-cycle output
short-circuit protection by immediately lowering the
frequency (longer off-time), thereby reducing the power
level.
Demagnetization recognition is suppressed during the first
tsuppr time. This suppression may be necessary in
applications where the transformer has a large leakage
inductance and at low output voltages/start-up.
Minimum and maximum ‘on-time’
The minimum ‘on-time’ of the SMPS is determined by the
Leading Edge Blanking (LEB) time. The IC limits the
‘on-time’ to 50
µs. When the system desires an ‘on-time’
longer than 50
µs, a fault condition is assumed (e.g.
removed Ci), the IC will stop switching and enter the safe
restart mode.
1
2
π
×
L
p
C
d
×
()
×
()
----------------------------------------------------
P
1
2
---
CV
2
×
f
×
×
=


handbook, halfpage
VCTRL
1 V
(typ)
0.5 V
1.5 V
(typ)
MGU233
Vsense(max)
Fig.5 The Vsense(max) voltage as function of VCTRL.
handbook, halfpage
Vsense(max)
MGU234
f
6 kHz
175 kHz
50 mV
(typ)
75 mV
(typ)
Fig.6 The VCO frequency as function of Vsense(max)


Similar Part No. - TEA1507

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1501 PHILIPS-TEA1501 Datasheet
116Kb / 20P
   Greeny; GreenChip
1998 Aug 19
TEA1504 PHILIPS-TEA1504 Datasheet
111Kb / 20P
   GreenChip SMPS control IC
1999 Dec 07
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1506AP PHILIPS-TEA1506AP Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1506AT PHILIPS-TEA1506AT Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
More results

Similar Description - TEA1507

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1654 PHILIPS-TEA1654 Datasheet
119Kb / 24P
   GreenChipII SMPS control IC
2003 May 12
TEA1552 PHILIPS-TEA1552 Datasheet
119Kb / 24P
   GreenChipII SMPS control IC
2002 Aug 27
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
TEA1738T NXP-TEA1738T_V01 Datasheet
218Kb / 21P
   GreenChip SMPS control IC
Rev. 2-14 January 2011
TEA1833TS NXP-TEA1833TS_V01 Datasheet
335Kb / 24P
   GreenChip SMPS control IC
Rev. 1.1 - 8 February 2023
TEA18363T NXP-TEA18363T_V01 Datasheet
356Kb / 28P
   GreenChip SMPS control IC
Rev. 1 - 6 March 2023
TEA1533AP PHILIPS-TEA1533AP Datasheet
117Kb / 24P
   GreenChip SMPS control IC
2002 Aug 23
TEA1833LTS PHILIPS-TEA1833LTS Datasheet
255Kb / 24P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1832TS PHILIPS-TEA1832TS Datasheet
242Kb / 23P
   GreenChip SMPS control IC
Rev. 1-16 December 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com