Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1566S Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TEA1566S
Description  GreenChip; SMPS module
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1566S Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TEA1566S Datasheet HTML 3Page - NXP Semiconductors TEA1566S Datasheet HTML 4Page - NXP Semiconductors TEA1566S Datasheet HTML 5Page - NXP Semiconductors TEA1566S Datasheet HTML 6Page - NXP Semiconductors TEA1566S Datasheet HTML 7Page - NXP Semiconductors TEA1566S Datasheet HTML 8Page - NXP Semiconductors TEA1566S Datasheet HTML 9Page - NXP Semiconductors TEA1566S Datasheet HTML 10Page - NXP Semiconductors TEA1566S Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
1999 Apr 20
7
Philips Semiconductors
Preliminary specification
GreenChip
™; SMPS module
TEA1566
Multi frequency control
The oscillator is also capable of working at a lower
frequency (see fosc-l in Chapter “Characteristics”). A ratio
of 1 : 2.5 is maintained between high and low frequency of
the oscillator. Low frequency operation is invoked if the
power supply is working at or below one ninth of its peak
power. By working at a lower frequency, the switching
losses in the power supply are reduced. A novel scheme
is used to ensure that the transfer of high to low frequency
and vice versa has no effect on the regulation of the output
voltage.
Gate driver
The gate driver has a totem-pole output stage that has
current sourcing capability of 120 mA and a current sink
capability of 550 mA. This is to enable fast turn on and turn
off of the power device for efficient operation.
A lower driver source current has been chosen in order to
limit the
∆V/∆t at switch-on. This is advantageous for EMI
(ElectroMagnetic Interference) and reduces the current
spike across Rsense.
Demagnetization protection
This feature guarantees discontinuous conduction mode
operation for the power supply which simplifies the design
of feedback control and gives faster transient response.
Demagnetization protection is an additional protection
feature that protects against saturation of the
transformer/inductor. Demagnetization protection also
protects the power supply components against excessive
stresses at start-up, when all energy storage components
are completely discharged. The converter is cycle by cycle
protected during shorted output system fault condition due
to the demagnetization protection. The value of the
demagnetization resistor (Rdem) can be calculated with the
formula given in Section “Sample and hold”.
Negative clamp
The negative clamp circuit does not let the voltage on
pin Dem go below
−0.4 V, when the auxiliary winding
voltage goes negative during the time that the power
device is turned on, to ensure correct operation of the IC.
Over voltage protection
An Over Voltage Protection (OVP) mode has been
implemented in the GreenChip
™ series. This circuit works
by sensing the Vaux voltage. If the output voltage exceeds
the preset voltage limit, the OVP circuit turns off the power
MOSFET. With no switching of the power device, the Vaux
capacitor is not re-supplied and discharges to UVLO level
and the system goes into the low dissipation safe-restart
mode described earlier. The system recovers from the
safe-restart mode only if the OVP condition is removed.
Over current protection
Cycle by cycle Over Current Protection (OCP) is provided
by sensing the voltage on an external resistor which is
connected to the source of the power MOSFET.
The voltage on the current sense resistor, which reflects
the amplitude of the primary current, is compared
internally with a reference voltage using a high speed
comparator. This threshold voltage is specified as Vth(Imax)
in the chapter “Characteristics”. The maximum primary
(protection) current is therefore:
[A]
If the power device current exceeds the current limit, the
comparator trips and turns off the power device.
The power device is typically turned off in 210 ns
(see tD in Chapter “Characteristics”).
The availability of the current sense resistor off-chip for
programming the OCP trip level increases design flexibility
for the power supply designer. An off-chip current sense
resistor also reduces the risk of an OCP condition being
sensed incorrectly. At power MOSFET turn-on the
∆V/∆t limiters capacitance discharge current does not
have to flow through the sense resistor, because this
capacitor can be connected between drain and source of
the power MOSFET directly.
The Leading Edge Blanking (LEB) circuit works together
with the OCP circuit and inhibits the operation of the OCP
comparator for a short duration (see tLEB in
Chapter “Characteristics”) when the power device is
turned on. This ensures that the power device is not turned
off prematurely due to false sensing of an OCP condition
because of current spikes caused by discharge of
primary-side snubber and parasitic capacitances.
LEB time is not fixed and it tracks the oscillator frequency.
I
prot
V
th Imax
()
R
sense
------------------------
=


Similar Part No. - TEA1566S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1501 PHILIPS-TEA1501 Datasheet
116Kb / 20P
   Greeny; GreenChip
1998 Aug 19
TEA1504 PHILIPS-TEA1504 Datasheet
111Kb / 20P
   GreenChip SMPS control IC
1999 Dec 07
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1506AP PHILIPS-TEA1506AP Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1506AT PHILIPS-TEA1506AT Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
More results

Similar Description - TEA1566S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1731TS PHILIPS-TEA1731TS Datasheet
245Kb / 19P
   GreenChip SMPS control IC
Rev. 2.1-16 August 2012
TEA1705 NXP-TEA1705 Datasheet
116Kb / 11P
   GreenChip SMPS transient controller
Rev. 2-12 December 2013
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
   GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
   GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
TEA1738T NXP-TEA1738T_V01 Datasheet
218Kb / 21P
   GreenChip SMPS control IC
Rev. 2-14 January 2011
TEA1833TS NXP-TEA1833TS_V01 Datasheet
335Kb / 24P
   GreenChip SMPS control IC
Rev. 1.1 - 8 February 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com