Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1610 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TEA1610
Description  Zero-voltage-switching resonant converter controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1610 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TEA1610 Datasheet HTML 7Page - NXP Semiconductors TEA1610 Datasheet HTML 8Page - NXP Semiconductors TEA1610 Datasheet HTML 9Page - NXP Semiconductors TEA1610 Datasheet HTML 10Page - NXP Semiconductors TEA1610 Datasheet HTML 11Page - NXP Semiconductors TEA1610 Datasheet HTML 12Page - NXP Semiconductors TEA1610 Datasheet HTML 13Page - NXP Semiconductors TEA1610 Datasheet HTML 14Page - NXP Semiconductors TEA1610 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
2001 Apr 25
11
Philips Semiconductors
Product specification
Zero-voltage-switching
resonant converter controller
TEA1610P; TEA1610T
Notes
1. Supply current IDD will increase with increasing bridge frequency to drive the capacitive load of two MOSFETs.
Typical MOSFETs for the TEA1610 application are 8N50 (Philips type PHX80N50E, Qg(tot) = 55 nC typ.) and these
will increase the supply current at 150 kHz according to the following formula:
∆IDD =2 × Qg(tot) × fbridge =2 × 55 nC × 150 kHz = 16.5 mA.
2. The frequency of the oscillator depends on the value of capacitor Cf, the peak-to-peak voltage swing VCF and the
charge/discharge currents ICF(ch) and ICF(dis).
VCF(L)
CF trip level LOW
DC level
1.27
V
VCF(H)
CF trip level HIGH
DC level
3.0
V
VCf(p-p)
Cf voltage (peak-to-peak value)
1.63
1.73
1.83
V
tdt
dead time
Cf = 100 pF; IIFS = 0.5 mA;
IIRS =50 µA
0.37
0.40
0.43
µs
Output drivers
IGH(source)
high side output source current
VDD(F) =13V; VSH = 0; VGH =0
−135
−180
−225
mA
IGH(sink)
high side output sink current
VDD(F) =13V; VSH =0;
VGH =13V
300
mA
IGL(source)
low side output source current
VGL =0
−135
−180
−225
mA
IGL(sink)
low side output sink current
VGL =14V
300
mA
VGH(H)
high side output voltage HIGH
VDD(F) =13V; VSH =0;
IGH =10mA
10.8
12
V
VGH(L)
high side output voltage LOW
VDD(F) =13V; VSH =0;
IGH =10mA
0.2
0.5
V
VGL(H)
low side output voltage HIGH
IGL = 10 mA
10.8
12
V
VGL(L)
low side output voltage LOW
IGL =10mA
0.2
0.5
V
Vd(boot)
bootstrap diode voltage drop
I = 5 mA
1.5
1.8
2.1
V
Shut-down input pin SD
ISD
input current
VSD = 2.33 V
0
0.2
0.5
µA
VSD(th)
threshold level
2.26
2.33
2.40
V
Error amplifier pins I
+, I−, VCO
II(CM)
common mode input current
VI(CM) =1V
−−0.1
−0.5
µA
VI(CM)
common mode input voltage
−−
2.5
V
VI(offset)
input offset voltage
VI(CM) =1V; IVCO = −10 mA
−2
0
+2
mV
gm
transconductance
VI(CM) = 1 V; source only
330
−µA/mV
Ao
open loop gain
RL =10kΩ to GND; VI(CM) =1V −
70
dB
GB
gain bandwidth product
RL =10kΩ to GND; VI(CM) =1V −
5
MHz
VVCO(max)
maximum output voltage
operating; RL =10kΩ to GND
3.2
3.6
4.0
V
IVCO(max)
maximum output current
operating; VVCO =1V
−0.4
−0.5
−0.6
mA
VVCO(start)
output voltage during start-up
IVCO = 0.3 mA
2.30
2.50
2.70
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TEA1610

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1610P NXP-TEA1610P Datasheet
120Kb / 21P
   Zero-voltage-switching resonant converter controller
Rev. 03-26 March 2007
TEA1610T NXP-TEA1610T Datasheet
120Kb / 21P
   Zero-voltage-switching resonant converter controller
Rev. 03-26 March 2007
More results

Similar Description - TEA1610

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1612T NXP-TEA1612T Datasheet
116Kb / 19P
   Zero voltage switching resonant converter controller
Rev. 01-24 September 2009
TEA1610P NXP-TEA1610P Datasheet
120Kb / 21P
   Zero-voltage-switching resonant converter controller
Rev. 03-26 March 2007
TEA1611T NXP-TEA1611T Datasheet
109Kb / 18P
   Zero voltage switching resonant converter controller
Rev. 01-7 September 2009
logo
Texas Instruments
SLUA159 TI-SLUA159 Datasheet
794Kb / 28P
[Old version datasheet]   Zero Voltage Switching Resonant Power Conversion
logo
STMicroelectronics
E-L6598D013TR STMICROELECTRONICS-E-L6598D013TR Datasheet
367Kb / 24P
   High voltage resonant controller
logo
Motorola, Inc
UAA1016B MOTOROLA-UAA1016B Datasheet
339Kb / 6P
   ZERO VOLTAGE CONTROLLER
logo
STMicroelectronics
L6599 STMICROELECTRONICS-L6599 Datasheet
635Kb / 36P
   High-voltage resonant controller
L6598 STMICROELECTRONICS-L6598 Datasheet
114Kb / 16P
   HIGH VOLTAGE RESONANT CONTROLLER
L6599DTR STMICROELECTRONICS-L6599DTR Datasheet
639Kb / 36P
   High-voltage resonant controller
L6599_0807 STMICROELECTRONICS-L6599_0807 Datasheet
636Kb / 36P
   High-voltage resonant controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com