Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA5551T Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TEA5551T
Description  1-chip AM radio
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA5551T Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TEA5551T Datasheet HTML 6Page - NXP Semiconductors TEA5551T Datasheet HTML 7Page - NXP Semiconductors TEA5551T Datasheet HTML 8Page - NXP Semiconductors TEA5551T Datasheet HTML 9Page - NXP Semiconductors TEA5551T Datasheet HTML 10Page - NXP Semiconductors TEA5551T Datasheet HTML 11Page - NXP Semiconductors TEA5551T Datasheet HTML 12Page - NXP Semiconductors TEA5551T Datasheet HTML 13Page - NXP Semiconductors TEA5551T Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
October 1990
10
Philips Semiconductors
Product specification
1-chip AM radio
TEA5551T
Fig.4
Typical signal (S) and noise (N) output voltages, where Vo is the AF output voltage at pin 13, as a function
of the input voltage Vi. Vi is the input voltage at pin 16. Also shown is the total harmonic distortion (THD).
Conditions: fo = 1 MHz; fm = 1 kHz; VS = 3 V; Rg = 50 Ω; m = 0.3 (unless otherwise specified).
Fig.5
Total distortion (dtot) as a function of output power (Po).
Conditions: VS = 3 V and 4.5 V; RL = 32 Ω; f = 1 kHz.


Similar Part No. - TEA5551T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA5500 PHILIPS-TEA5500 Datasheet
362Kb / 9P
   Coded locking circuit for security systems
October 1990
TEA5500T PHILIPS-TEA5500T Datasheet
362Kb / 9P
   Coded locking circuit for security systems
October 1990
TEA5501 PHILIPS-TEA5501 Datasheet
269Kb / 11P
   CODED LOCKING CIRCUIT FOR SECURITY SYSTEMS
October 1990
TEA5570 PHILIPS-TEA5570 Datasheet
180Kb / 19P
   RF/IF circuit for AM/FM radio
September 1987
TEA5580 PHILIPS-TEA5580 Datasheet
347Kb / 9P
   PLL stereo decoder
May 1986
More results

Similar Description - TEA5551T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7641BP TOSHIBA-TA7641BP Datasheet
685Kb / 9P
   AM 1 CHIP RADIO
logo
Samsung semiconductor
KA22426 SAMSUNG-KA22426 Datasheet
113Kb / 4P
   AM/FM 1 CHIP RADIO
S1A0426C02 SAMSUNG-S1A0426C02 Datasheet
70Kb / 4P
   AM/FM 1 CHIP RADIO
S1A0426C01 SAMSUNG-S1A0426C01 Datasheet
70Kb / 4P
   AM/FM 1 CHIP RADIO
KA22426D SAMSUNG-KA22426D Datasheet
112Kb / 4P
   AM/FM 1 CHIP RADIO
KA22427B SAMSUNG-KA22427B Datasheet
275Kb / 9P
   AM/FM 1-CHIP RADIO
logo
List of Unclassifed Man...
CD7613 ETC1-CD7613 Datasheet
202Kb / 8P
   AM/FM 1 CHIP RADIO
logo
Samsung semiconductor
S1A0427B01 SAMSUNG-S1A0427B01 Datasheet
305Kb / 14P
   AM/FM 1 CHIP RADIO
logo
Hangzhou Youwang Electr...
UTC7613AP YOUWANG-UTC7613AP Datasheet
98Kb / 5P
   AM/FM 1 CHIP RADIO
logo
Samsung semiconductor
KA22425D SAMSUNG-KA22425D Datasheet
113Kb / 4P
   AM/FM 1 CHIP RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com