Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2701A-1-F4 Datasheet(PDF) 1 Page - California Eastern Labs

Part # PS2701A-1-F4
Description  HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2701A-1-F4 Datasheet(HTML) 1 Page - California Eastern Labs

  PS2701A-1-F4 Datasheet HTML 1Page - California Eastern Labs PS2701A-1-F4 Datasheet HTML 2Page - California Eastern Labs PS2701A-1-F4 Datasheet HTML 3Page - California Eastern Labs PS2701A-1-F4 Datasheet HTML 4Page - California Eastern Labs PS2701A-1-F4 Datasheet HTML 5Page - California Eastern Labs PS2701A-1-F4 Datasheet HTML 6Page - California Eastern Labs PS2701A-1-F4 Datasheet HTML 7Page - California Eastern Labs PS2701A-1-F4 Datasheet HTML 8Page - California Eastern Labs PS2701A-1-F4 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DESCRIPTION
The PS2701A-1 is an optically coupled isolator containing a GaAs light emitting diode and an NPN silicon
phototransistor to realize an excellent cost performance.
This package is SOP (Small Outline Package) type and has shield effect to cut off ambient light.
It is designed for high density mounting applications.
PIN CONNECTION
(Top View)
1. Anode
2. Cathode
3. Emitter
4. Collector
43
12
FEATURES
• High isolation voltage (BV = 3 750 Vr.m.s.)
• SOP (Small Outline Package) type
• Ordering number of taping product: PS2701A-1-F3, F4
• Pb-Free product
• Safety standards
• UL approved: File No. E72422
• DIN EN60747-5-2 (VDE0884 Part2) approved (Option)
APPLICATIONS
• Hybrid IC
• Measuring instruments
• Power supply
• Programmable logic controllers
The mark
shows major revised points.
PHOTOCOUPLER
PS2701A-1
HIGH ISOLATION VOLTAGE
SOP PHOTOCOUPLER
−NEPOC Series−
Document No. PN10396EJ02V0DS (2nd edition)
Date Published December 2004 CP(K)


Similar Part No. - PS2701A-1-F4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS2701A-1-F4 ETC-PS2701A-1-F4 Datasheet
117Kb / 4P
   NEC is HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
NEC
PS2701A-1-F4 NEC-PS2701A-1-F4 Datasheet
120Kb / 13P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
PS2701A-1-F4-A NEC-PS2701A-1-F4-A Datasheet
120Kb / 13P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
More results

Similar Description - PS2701A-1-F4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2705A-1 RENESAS-PS2705A-1_15 Datasheet
167Kb / 14P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
NEC
PS2705A-1 NEC-PS2705A-1 Datasheet
117Kb / 13P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
PS2801-1 NEC-PS2801-1 Datasheet
131Kb / 12P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2701A-1 RENESAS-PS2701A-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
May 14, 2020
PS2705A-1 RENESAS-PS2705A-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
May 14, 2020
logo
NEC
PS2701A-1 NEC-PS2701A-1 Datasheet
120Kb / 13P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2705A-1 CEL-PS2705A-1 Datasheet
835Kb / 13P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2701A-1 RENESAS-PS2701A-1_15 Datasheet
191Kb / 14P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2806-4-A CEL-PS2806-4-A Datasheet
397Kb / 14P
   HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2703-1-K ETC2-PS2703-1-K Datasheet
300Kb / 13P
   HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com