Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2701A-1-V Datasheet(PDF) 4 Page - California Eastern Labs

Part # PS2701A-1-V
Description  HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2701A-1-V Datasheet(HTML) 4 Page - California Eastern Labs

  PS2701A-1-V Datasheet HTML 1Page - California Eastern Labs PS2701A-1-V Datasheet HTML 2Page - California Eastern Labs PS2701A-1-V Datasheet HTML 3Page - California Eastern Labs PS2701A-1-V Datasheet HTML 4Page - California Eastern Labs PS2701A-1-V Datasheet HTML 5Page - California Eastern Labs PS2701A-1-V Datasheet HTML 6Page - California Eastern Labs PS2701A-1-V Datasheet HTML 7Page - California Eastern Labs PS2701A-1-V Datasheet HTML 8Page - California Eastern Labs PS2701A-1-V Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current (DC)
IF
30
mA
Reverse Voltage
VR
6
V
Power Dissipation Derating
PD/°C
0.8
mW/
°C
Power Dissipation
PD
80
mW
Peak Forward Current
*1
IFP
0.5
A
Transistor
Collector to Emitter Voltage
VCEO
70
V
Emitter to Collector Voltage
VECO
5
V
Collector Current
IC
30
mA
Power Dissipation Derating
PC/°C
1.5
mW/
°C
Power Dissipation
PC
150
mW
Isolation Voltage
*2
BV
3 750
Vr.m.s.
Operating Ambient Temperature
TA
–55 to +100
°C
Storage Temperature
Tstg
–55 to +150
°C
*1 PW = 100
µs, Duty Cycle = 1%
*2 AC voltage for 1 minute at TA = 25°C, RH = 60% between input and output
Data Sheet PN10396EJ02V0DS
4
PS2701A-1


Similar Part No. - PS2701A-1-V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS2701A-1-V ETC-PS2701A-1-V Datasheet
117Kb / 4P
   NEC is HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
NEC
PS2701A-1-V NEC-PS2701A-1-V Datasheet
120Kb / 13P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
PS2701A-1-V-A NEC-PS2701A-1-V-A Datasheet
120Kb / 13P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2701A-1-V-F3 ETC-PS2701A-1-V-F3 Datasheet
117Kb / 4P
   NEC is HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
NEC
PS2701A-1-V-F3 NEC-PS2701A-1-V-F3 Datasheet
120Kb / 13P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
More results

Similar Description - PS2701A-1-V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2705A-1 RENESAS-PS2705A-1_15 Datasheet
167Kb / 14P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
NEC
PS2705A-1 NEC-PS2705A-1 Datasheet
117Kb / 13P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
PS2801-1 NEC-PS2801-1 Datasheet
131Kb / 12P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2701A-1 RENESAS-PS2701A-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
May 14, 2020
PS2705A-1 RENESAS-PS2705A-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
May 14, 2020
logo
NEC
PS2701A-1 NEC-PS2701A-1 Datasheet
120Kb / 13P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2705A-1 CEL-PS2705A-1 Datasheet
835Kb / 13P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2701A-1 RENESAS-PS2701A-1_15 Datasheet
191Kb / 14P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2806-4-A CEL-PS2806-4-A Datasheet
397Kb / 14P
   HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2703-1-K ETC2-PS2703-1-K Datasheet
300Kb / 13P
   HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com