Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS71501-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS71501-Q1
Description  50-mA, 24-V, 3.2-mA Supply Current Low-Dropout Linear Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS71501-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS71501-Q1 Datasheet HTML 1Page - Texas Instruments TPS71501-Q1 Datasheet HTML 2Page - Texas Instruments TPS71501-Q1 Datasheet HTML 3Page - Texas Instruments TPS71501-Q1 Datasheet HTML 4Page - Texas Instruments TPS71501-Q1 Datasheet HTML 5Page - Texas Instruments TPS71501-Q1 Datasheet HTML 6Page - Texas Instruments TPS71501-Q1 Datasheet HTML 7Page - Texas Instruments TPS71501-Q1 Datasheet HTML 8Page - Texas Instruments TPS71501-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Actual Size
(2,15 mm x 2,3 mm)
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
3
2
4
5
DCK PACKAGE
(TOP VIEW)
1
FB/NC
GND
NC
OUT
IN
IN
Li–
OUT
MSP430
TPS715xx
TPS71501-Q1
TPS71525-Q1, TPS71530-Q1
TPS71533-Q1, TPS71550-Q1
SGLS272C – OCTOBER 2004 – REVISED APRIL 2007
50-mA, 24-V, 3.2-
µA Supply Current
Low-Dropout Linear Regulators in SC70 Package
• Ultra-Low-Power Microcontrollers
• Qualification in Accordance With
AEC-Q100 (1)
• Cellular/Cordless Handsets
• Portable/Battery-Powered Equipment
• Qualified for Automotive Applications
• Customer-Specific Configuration Control Can
Be Supported Along With Major-Change
Approval
The TPS715xx low-dropout (LDO) voltage regulators
offer the benefits of high input voltage, LDO voltage,
• 24-V Maximum Input Voltage
low-power operation, and miniaturized packaging.
• Low 3.2-µA Quiescent Current at 50 mA
The devices, which operate over an input range of
• Stable With Any Capacitor (>0.47 µF)
2.5 V to 24 V, are stable with any capacitor
(>0.47
µF). The LDO voltage and low quiescent
• 50-mA Low-Dropout Regulator
current allow operations at extremely low power
• Available in 2.5 V, 3 V, 3.3 V, 5 V, and
levels. Therefore, the devices are ideal for powering
Adjustable (1.2 V to 15 V)
battery-management
ICs.
Specifically,
since
the
• Minimum/Maximum Specified Current Limit
devices are enabled as soon as the applied voltage
reaches the minimum input voltage, the output is
• 5-Pin SC70/SOT-323 (DCK) Package
quickly available to power continuously operating
• –40°C to 125°C Specified Junction
battery-charging ICs.
Temperature Range
The usual PNP pass transistor has been replaced by
a PMOS pass element. Because the PMOS pass
element behaves as a low-value resistor, the LDO
voltage, typically 415 mV at 50 mA of load current, is
directly proportional to the load current. The low
quiescent current (3.2
µA typ) is stable over the
(1)
Contact Texas Instruments for details. Q100 qualification data
available on request.
entire range of output load current (0 mA to 50 mA).
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
AVAILABLE OPTIONS(1)
TJ
VOLTAGE
PACKAGE
PART NUMBER
SYMBOL
2.5 V
SC70/SOT-323 (DCK)
TPS71525QDCKRQ1
ANU
3 V
SC70/SOT-323 (DCK)
TPS71530QDCKRQ1
ANV
–40
°C to 125°C
3.3 V
SC70/SOT-323 (DCK)
TPS71533QDCKRQ1
ANW
5 V
SC70/SOT-323 (DCK)
TPS71550QDCKRQ1
ANX
(Adjustable) 1.2 V–15 V
SC70/SOT-323 (DCK)
TPS71501QDCKRQ1
ANS
(1)
Contact Texas Instruments for other voltage options between 1.25 V and 5.85 V.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS71501-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71501-Q1 TI1-TPS71501-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   Supply Current Low-Dropout Linear Regulators
TPS71501-Q1 TI-TPS71501-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   TPS715xx-Q1 50-mA, 24-V, 3.2-μA Supply Current Low-Dropout Linear Regulators in SC70 Package
REVISED DECEMBER 2015
TPS71501-Q1 TI-TPS71501-Q1_15 Datasheet
811Kb / 16P
[Old version datasheet]   50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulators in SC70 Package
TPS71501-Q1 TI-TPS71501-Q1_V01 Datasheet
1Mb / 20P
[Old version datasheet]   TPS715xx-Q1 50-mA, 24-V, 3.2-μA Supply Current Low-Dropout Linear Regulators in SC70 Package
REVISED DECEMBER 2015
More results

Similar Description - TPS71501-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71501-EP TI1-TPS71501-EP Datasheet
467Kb / 14P
[Old version datasheet]   50-mA, 24-V, 3.2-mA SUPPLY CURRENT, LOW-DROPOUT LINEAR REGULATOR
TPS715 TI-TPS715 Datasheet
294Kb / 14P
[Old version datasheet]   50 mA, 24 V, 3.2 uA Supply Current Low-Dropout Linear Regulator
TPS715XX TI1-TPS715XX_12 Datasheet
643Kb / 16P
[Old version datasheet]   50 mA, 24 V, 3.2-mA Supply Current
TPS715XX TI-TPS715XX Datasheet
373Kb / 14P
[Old version datasheet]   50 mA, 24 V, 3.2 mA Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS71501-Q1 TI-TPS71501-Q1_15 Datasheet
811Kb / 16P
[Old version datasheet]   50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulators in SC70 Package
TPS71530-Q1 TI-TPS71530-Q1_15 Datasheet
811Kb / 16P
[Old version datasheet]   50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulators in SC70 Package
TPS71501-Q1 TI-TPS71501-Q1_V01 Datasheet
1Mb / 20P
[Old version datasheet]   TPS715xx-Q1 50-mA, 24-V, 3.2-μA Supply Current Low-Dropout Linear Regulators in SC70 Package
REVISED DECEMBER 2015
TPS715 TI1-TPS715_17 Datasheet
985Kb / 22P
[Old version datasheet]   50-mA, 24-V, 3.2-uA Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS715 TI-TPS715_V01 Datasheet
3Mb / 29P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED AUGUST 2022
TPS715 TI-TPS715_V02 Datasheet
3Mb / 30P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com