Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA5581 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TEA5581
Description  PLL stereo decoder
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA5581 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TEA5581 Datasheet HTML 3Page - NXP Semiconductors TEA5581 Datasheet HTML 4Page - NXP Semiconductors TEA5581 Datasheet HTML 5Page - NXP Semiconductors TEA5581 Datasheet HTML 6Page - NXP Semiconductors TEA5581 Datasheet HTML 7Page - NXP Semiconductors TEA5581 Datasheet HTML 8Page - NXP Semiconductors TEA5581 Datasheet HTML 9Page - NXP Semiconductors TEA5581 Datasheet HTML 10Page - NXP Semiconductors TEA5581 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
June 1989
7
Philips Semiconductors
Product specification
PLL stereo decoder
TEA5581
TEA5581T
Carrier and harmonic
suppression at the output
note 3
Pilot signal suppression
f = 19 kHz;
R4 = 180 k
Ω; note 2;
see Figs 3 and 4
α
19
32
40
dB
Subcarrier suppression
f = 38 kHz
α38
50
dB
f = 57 kHz
α
57
50
dB
f = 228 kHz
α
228
75
dB
Intermodulation suppression
note 4
fm = 10 kHz
spurious signal
fs = 1 kHz
α2
50
dB
fm = 13 kHz
spurious signal
fs = 1 kHz
α3
50
dB
VWF tone suppression
f = 57 kHz
note 5
α
57
80
dB
SCA tone rejection
f = 67 kHz
note 6
α
67
70
dB
ACI rejection
note 7
f = 114 kHz
α
114
90
dB
f = 190 kHz
α
190
60
dB
Ripple rejection
Ripple rejection
f = 100 Hz;
Vripple = 100 mV;
mono
RR100
50
dB
VCO
Oscillator frequency
adjustable with R5
fosc
228
kHz
Capture range
deviation from
228 kHz centre
frequency;
Vpilot = 32 mV
∆f/f
6
%
Temperature coefficient
uncompensated
TC
−−200× 100−6
K− 1
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TEA5581

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA5580 PHILIPS-TEA5580 Datasheet
347Kb / 9P
   PLL stereo decoder
May 1986
TEA5582 PHILIPS-TEA5582 Datasheet
97Kb / 12P
   PLL stereo decoder BTSC system
July 1990
More results

Similar Description - TEA5581

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA5580 PHILIPS-TEA5580 Datasheet
347Kb / 9P
   PLL stereo decoder
May 1986
logo
List of Unclassifed Man...
TCA4511-2 ETC1-TCA4511-2 Datasheet
275Kb / 9P
   PLL Stereo decoder
logo
NXP Semiconductors
TDA7040T PHILIPS-TDA7040T Datasheet
112Kb / 11P
   Low voltage PLL stereo decoder
September 1986
TEA5582 PHILIPS-TEA5582 Datasheet
97Kb / 12P
   PLL stereo decoder BTSC system
July 1990
TDA1005A PHILIPS-TDA1005A Datasheet
872Kb / 19P
   FREQUENCY MULTIPLEX PLL STEREO DECODER
fEBRUARY 1980
TDA1592 PHILIPS-TDA1592 Datasheet
191Kb / 20P
   PLL stereo decoder and noise blanker
1996 May 31
TDA1591 PHILIPS-TDA1591 Datasheet
167Kb / 20P
   PLL stereo decoder and noise blanker
1996 Sep 02
logo
NTE Electronics
NTE7050 NTE-NTE7050 Datasheet
36Kb / 5P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder
NTE1206 NTE-NTE1206 Datasheet
23Kb / 2P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder
NTE743 NTE-NTE743 Datasheet
24Kb / 3P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com