Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS71501QDCKRQ1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS71501QDCKRQ1
Description  50-mA, 24-V, 3.2-mA Supply Current Low-Dropout Linear Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS71501QDCKRQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS71501QDCKRQ1 Datasheet HTML 3Page - Texas Instruments TPS71501QDCKRQ1 Datasheet HTML 4Page - Texas Instruments TPS71501QDCKRQ1 Datasheet HTML 5Page - Texas Instruments TPS71501QDCKRQ1 Datasheet HTML 6Page - Texas Instruments TPS71501QDCKRQ1 Datasheet HTML 7Page - Texas Instruments TPS71501QDCKRQ1 Datasheet HTML 8Page - Texas Instruments TPS71501QDCKRQ1 Datasheet HTML 9Page - Texas Instruments TPS71501QDCKRQ1 Datasheet HTML 10Page - Texas Instruments TPS71501QDCKRQ1 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
www.ti.com
APPLICATION INFORMATION
C1
0.1
µF
OUT
4
3
IN
NC
GND
2
5
VI
VO
0.47
µF
1
NC/FB
External Capacitor Requirements
Power Dissipation and Junction Temperature
P
D(max) +
T
J
max * TA
R
q
JA
(1)
P
D +
V
I *
V
O
I
O
(2)
TPS71501-Q1
TPS71525-Q1, TPS71530-Q1
TPS71533-Q1, TPS71550-Q1
SGLS272C – OCTOBER 2004 – REVISED APRIL 2007
The TPS715xx family of LDO regulators has been optimized for ultra-low power applications such as the
MSP430 microcontroller. Its ultralow supply current maximizes efficiency at light loads and its high input voltage
range makes it suitable for supplies such as unconditioned solar panels.
Figure 15. Typical Application Circuit (Fixed Voltage Version)
Although not required, a 0.047-
µF or larger input bypass capacitor, connected between IN and GND and located
close to the device, is recommended to improve transient response and noise rejection of the power supply as a
whole. A higher-value input capacitor may be necessary if large, fast-rise-time load transients are anticipated
and the device is located several inches from the power source.
The TPS715xx requires an output capacitor connected between OUT and GND to stabilize the internal control
loop. Any capacitor (including ceramic and tantalum)
≥0.47 µF properly stabilizes this loop.
To ensure reliable operation, worst-case junction temperature should not exceed 125
°C. This restriction limits
the power dissipation the regulator can handle in any given application. To ensure the junction temperature is
within acceptable limits, calculate the maximum allowable dissipation, PD(max), and the actual dissipation, PD,
which must be less than or equal to PD(max).
The maximum-power-dissipation limit is determined using the following equation:
where:
TJmax = Maximum allowable junction temperature
RθJA = Thermal resistance junction-to-ambient for the package (see the Dissipation Ratings table)
TA = Ambient temperature
The regulator dissipation is calculated using:
Power dissipation resulting from quiescent current is negligible.
7
Submit Documentation Feedback


Similar Part No. - TPS71501QDCKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71501QDCKRQ1 TI-TPS71501QDCKRQ1 Datasheet
1Mb / 20P
[Old version datasheet]   TPS715xx-Q1 50-mA, 24-V, 3.2-μA Supply Current Low-Dropout Linear Regulators in SC70 Package
REVISED DECEMBER 2015
TPS71501QDCKRQ1 TI1-TPS71501QDCKRQ1 Datasheet
4Mb / 29P
[Old version datasheet]   TPS715-Q1 50-mA, 24-V, 3.2-μA Quiescent Current Low-Dropout Linear Regulators in SC70 Package
MAY 2023
More results

Similar Description - TPS71501QDCKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71501-EP TI1-TPS71501-EP Datasheet
467Kb / 14P
[Old version datasheet]   50-mA, 24-V, 3.2-mA SUPPLY CURRENT, LOW-DROPOUT LINEAR REGULATOR
TPS715 TI-TPS715 Datasheet
294Kb / 14P
[Old version datasheet]   50 mA, 24 V, 3.2 uA Supply Current Low-Dropout Linear Regulator
TPS715XX TI1-TPS715XX_12 Datasheet
643Kb / 16P
[Old version datasheet]   50 mA, 24 V, 3.2-mA Supply Current
TPS715XX TI-TPS715XX Datasheet
373Kb / 14P
[Old version datasheet]   50 mA, 24 V, 3.2 mA Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS71501-Q1 TI-TPS71501-Q1_15 Datasheet
811Kb / 16P
[Old version datasheet]   50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulators in SC70 Package
TPS71530-Q1 TI-TPS71530-Q1_15 Datasheet
811Kb / 16P
[Old version datasheet]   50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulators in SC70 Package
TPS71501-Q1 TI-TPS71501-Q1_V01 Datasheet
1Mb / 20P
[Old version datasheet]   TPS715xx-Q1 50-mA, 24-V, 3.2-μA Supply Current Low-Dropout Linear Regulators in SC70 Package
REVISED DECEMBER 2015
TPS715 TI1-TPS715_17 Datasheet
985Kb / 22P
[Old version datasheet]   50-mA, 24-V, 3.2-uA Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS715 TI-TPS715_V01 Datasheet
3Mb / 29P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED AUGUST 2022
TPS715 TI-TPS715_V02 Datasheet
3Mb / 30P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com