Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA5582 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TEA5582
Description  PLL stereo decoder BTSC system
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA5582 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TEA5582 Datasheet HTML 2Page - NXP Semiconductors TEA5582 Datasheet HTML 3Page - NXP Semiconductors TEA5582 Datasheet HTML 4Page - NXP Semiconductors TEA5582 Datasheet HTML 5Page - NXP Semiconductors TEA5582 Datasheet HTML 6Page - NXP Semiconductors TEA5582 Datasheet HTML 7Page - NXP Semiconductors TEA5582 Datasheet HTML 8Page - NXP Semiconductors TEA5582 Datasheet HTML 9Page - NXP Semiconductors TEA5582 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
July 1990
6
Philips Semiconductors
Product specification
PLL stereo decoder (BTSC system)
TEA5582
AC CHARACTERISTICS
Measured in the test circuit of Fig.5; VS = 8.5 V; Tamb = 25 °C.
AC conditions: (1) input signal (Vi) of 815 mV p-p for L = 1, R = 1 (mono) fm = 1 kHz (= 80% modulation). (2) MUX input
signal (Vi) of 1.2 V p-p for L = 1, R = 0 and no DBX; fm = 1 kHz (stereo) and Vpilot = 200 mV p-p. (3) S1 open, unless
specified (without L
−R filter); voltage controlled oscillator (VCO) adjusted to 188.8 kHz at V
i = 0 V; values are measured
with an external IF roll-off network (
−2 dB at 31.5 kHz = 2fH) at the input (dashed components RS and CS in Fig.5).
All the above conditions apply unless otherwise specified.
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Overall performance (Vi to Vo)
Input current (RMS value)
Il(rms)
−−
12
µA
Overall gain
mono; R1 = 47 k
Go (Vo/Vi)
4
5.8
7
dB
AF output voltage (mono)
(RMS value)
V11 = V10
460
560
640
mV
AF output voltage (mono)
(RMS value)
V15 = V14
245
mV
Total harmonic distortion
note 1
THD
0.3
0.5
%
Output voltage
THD = 1%
V11 = V10
800
mV
Output channel unbalance
V
11/V10−
0.1
1
dB
Channel separation
L = 1; R = 0
α
24
28
dB
Signal-to-noise ratio
bandwidth
20 Hz to 16 kHz
S/N
76
dB
bandwidth IEC 79
(curve Din A)
S/N
82
dB
Pilot presence detector
note 2
Switching to:
stereo
Vpilot
40
60
mV
mono
Vpilot
15
30
mV
hysteresis
∆V
pilot
2.5
dB
Smooth mono/stereo control
(pin 16)
see Fig.4
Channel separation (
α)
Full stereo
V16 ≥ 1.25 V
α
24
28
dB
Smooth operation
V16 = typ. 1 V
α−
10
dB
Full mono
V16 ≤ 0.75 V
α−
1dB


Similar Part No. - TEA5582

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA5580 PHILIPS-TEA5580 Datasheet
347Kb / 9P
   PLL stereo decoder
May 1986
TEA5581 PHILIPS-TEA5581 Datasheet
133Kb / 16P
   PLL stereo decoder
June 1989
TEA5581T PHILIPS-TEA5581T Datasheet
133Kb / 16P
   PLL stereo decoder
June 1989
More results

Similar Description - TEA5582

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7116 NTE-NTE7116 Datasheet
37Kb / 5P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder (BTSC System)
logo
NXP Semiconductors
TEA5580 PHILIPS-TEA5580 Datasheet
347Kb / 9P
   PLL stereo decoder
May 1986
TEA5581 PHILIPS-TEA5581 Datasheet
133Kb / 16P
   PLL stereo decoder
June 1989
logo
List of Unclassifed Man...
TCA4511-2 ETC1-TCA4511-2 Datasheet
275Kb / 9P
   PLL Stereo decoder
logo
Asahi Kasei Microsystem...
AKD4140-B AKM-AKD4140-B Datasheet
630Kb / 31P
   BTSC decoder
logo
NXP Semiconductors
TDA9850 PHILIPS-TDA9850 Datasheet
203Kb / 32P
   I2C-bus controlled BTSC stereo/SAP decoder
1995 Jun 19
TDA9851 PHILIPS-TDA9851 Datasheet
145Kb / 20P
   I2C-bus controlled economic BTSC stereo decoder
1997 Nov 12
logo
ON Semiconductor
LA72702NV ONSEMI-LA72702NV Datasheet
163Kb / 10P
   BTSC Decoder
July, 2013
logo
Asahi Kasei Microsystem...
AK4140 AKM-AK4140 Datasheet
635Kb / 42P
   Digital BTSC Decoder
logo
NXP Semiconductors
TDA3833 PHILIPS-TDA3833 Datasheet
95Kb / 13P
   BTSC-stereo/SAP/DBX decoder and DBX expander
September 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com