Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40192 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40192
Description  4.5V TO 18V INPUT 10 PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40192 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS40192 Datasheet HTML 4Page - Texas Instruments TPS40192 Datasheet HTML 5Page - Texas Instruments TPS40192 Datasheet HTML 6Page - Texas Instruments TPS40192 Datasheet HTML 7Page - Texas Instruments TPS40192 Datasheet HTML 8Page - Texas Instruments TPS40192 Datasheet HTML 9Page - Texas Instruments TPS40192 Datasheet HTML 10Page - Texas Instruments TPS40192 Datasheet HTML 11Page - Texas Instruments TPS40192 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
www.ti.com
4
6
8
10
12
14
16
18
0
10
40
70
80
100
60
30
20
90
50
VVDD − Input Voltage − V
VENABLE < 0.6 V
TJ − Junction Temperature − °C
560
580
540
520
500
660
680
640
620
600
−40 −25 −10
5
20
35
95
125
50
65
80
110
Overvoltage
Undervoltage
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
0.5
3.0
3.5
4.5
1.5
1.0
5.0
2.0
2.5
4.0
1-D - Freewheel Time - ms
TPS40192, TPS40193
SLUS719 – MARCH 2007
TYPICAL CHARACTERISTICS (continued)
POWERGOOD THRESHOLD VOLTAGE
SHUTDOWN CURRENT
vs
vs
JUNCTION TEMPERATURE
INPUT VOLTAGE
Figure 9.
Figure 10.
RELATIVE OVERCURRENT TRIP POINT
vs
FREEWHEEL TIME
Figure 11.
8
Submit Documentation Feedback


Similar Part No. - TPS40192

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40192 TI-TPS40192 Datasheet
879Kb / 38P
[Old version datasheet]   4.5-V TO 18-V INPUT 10-PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
TPS40192 TI1-TPS40192 Datasheet
1Mb / 46P
[Old version datasheet]   Wide Input Range Non-Synchronous Voltage Mode Controller
TPS40192 TI1-TPS40192 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, 10-Pin, Synchronous Buck Controller With Power Good
TPS40192DRCR TI-TPS40192DRCR Datasheet
879Kb / 38P
[Old version datasheet]   4.5-V TO 18-V INPUT 10-PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
TPS40192DRCR TI1-TPS40192DRCR Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, 10-Pin, Synchronous Buck Controller With Power Good
More results

Similar Description - TPS40192

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP62600 DIODES-AP62600 Datasheet
2Mb / 26P
   4.5V TO 18V INPUT, 6A SYNCHRONOUS BUCK CONVERTER
June 2022
AP62500 DIODES-AP62500 Datasheet
2Mb / 27P
   4.5V TO 18V INPUT, 5A SYNCHRONOUS BUCK CONVERTER
November 2022 Rev. 1 - 2
logo
Texas Instruments
TPS40192 TI-TPS40192_1 Datasheet
879Kb / 38P
[Old version datasheet]   4.5-V TO 18-V INPUT 10-PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
TPS40192 TI1-TPS40192_17 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, 10-Pin, Synchronous Buck Controller With Power Good
logo
Intersil Corporation
ISL85005 INTERSIL-ISL85005 Datasheet
1Mb / 22P
   4.5V to 18V Input, 5A High Efficiency Synchronous Buck Regulator
November 28, 2016
logo
Renesas Technology Corp
ISL85005 RENESAS-ISL85005 Datasheet
1Mb / 23P
   4.5V to 18V Input, 5A High Efficiency Synchronous Buck Regulator
logo
Rohm
BD86123AEFJ ROHM-BD86123AEFJ Datasheet
452Kb / 20P
   4.5V to 18V, 3A 1ch Synchronous Buck Converter
BD95835EFJ ROHM-BD95835EFJ Datasheet
585Kb / 23P
   4.5V to 18V, 3A 1ch Synchronous Buck Converter
BD86120EFJ ROHM-BD86120EFJ Datasheet
456Kb / 20P
   4.5V to 18V, 5A 1ch Synchronous Buck Converter
logo
Microchip Technology
MCP16323T-ADJE MICROCHIP-MCP16323T-ADJE Datasheet
1Mb / 32P
   18V Input, 3A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com