Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3606-33DGSG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS3606-33DGSG4
Description  BATTERY-BACKUP SUPERVISOR FOR LOW-POWER PROCESSORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3606-33DGSG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS3606-33DGSG4 Datasheet HTML 6Page - Texas Instruments TPS3606-33DGSG4 Datasheet HTML 7Page - Texas Instruments TPS3606-33DGSG4 Datasheet HTML 8Page - Texas Instruments TPS3606-33DGSG4 Datasheet HTML 9Page - Texas Instruments TPS3606-33DGSG4 Datasheet HTML 10Page - Texas Instruments TPS3606-33DGSG4 Datasheet HTML 11Page - Texas Instruments TPS3606-33DGSG4 Datasheet HTML 12Page - Texas Instruments TPS3606-33DGSG4 Datasheet HTML 13Page - Texas Instruments TPS3606-33DGSG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
TPS360633
BATTERY BACKUP SUPERVISOR FOR LOW POWER PROCESSORS
SLVS335C − DECEMBER 2000 − REVISED JANUARY 2007
10
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
rDS(on)
Static drain-source on-state resistance (VDD to VOUT)
vs Output current
2
rDS(on)
Static drain-source on-state resistance (VBAT to VOUT) vs Output current
3
IDD
Supply current
vs Supply voltage
4
IDD
Supply current
vs Battery supply
5
VIT
Input threshold voltage at RESET
vs Free-air temperature
6
VOH
High-level output voltage at RESET
vs High-level output current
7, 8
VOH
High-level output voltage at PFO
vs High-level output current
9, 10
VOL
Low-level output voltage at RESET
vs Low-level output current
11, 12
Minimum pulse duration at VDD
vs Threshold voltage overdrive at VDD
13
Minimum pulse duration at PFI
vs Threshold voltage overdrive at PFI
14
Figure 2
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
50
75
100
125
150
175
200
STATIC DRAIN SOURCE ON-STATE RESISTANCE
(VDD TO VOUT)
vs
OUTPUT CURRENT
IO − Output Current − mA
TA = −40°C
TA = 25°C
TA = 85°C
TA = 0°C
VDD = 3.3 V
VBAT = GND
MSWITCH = GND
Figure 3
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
50
75
100
125
150
175
200
IO − Output Current − mA
TA = −40°C
TA = 25°C
TA = 85°C
TA = 0°C
VBAT = 3.3 V
MSWITCH = VDD
STATIC DRAIN SOURCE ON-STATE RESISTANCE
(VBAT TO VOUT)
vs
OUTPUT CURRENT
www.ti.com


Similar Part No. - TPS3606-33DGSG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3600 TI1-TPS3600 Datasheet
1Mb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3600D20 TI-TPS3600D20 Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3600D20 TI1-TPS3600D20 Datasheet
1Mb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3600D20PW TI-TPS3600D20PW Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3600D20PW TI1-TPS3600D20PW Datasheet
1Mb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
More results

Similar Description - TPS3606-33DGSG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3600D20 TI-TPS3600D20 Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3600D20 TI1-TPS3600D20_16 Datasheet
1Mb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3617-50 TI1-TPS3617-50 Datasheet
271Kb / 15P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3617 TI1-TPS3617 Datasheet
612Kb / 17P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3631-01 TI1-TPS3631-01 Datasheet
469Kb / 19P
[Old version datasheet]   ADJUSTABLE BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3613-01 TI1-TPS3613-01 Datasheet
319Kb / 15P
[Old version datasheet]   Adustable battery-backup supervisor for ram retention
logo
Alliance Semiconductor ...
ASM690 ALSC-ASM690 Datasheet
323Kb / 13P
   UP Power Supply Supervisor With Battery Backup Switch
logo
IMP, Inc
IMP690A IMP-IMP690A Datasheet
225Kb / 10P
   關P POWER SUPPLY SUPERVISOR WITH BATTERY BACKUP SWITCH
logo
PulseCore Semiconductor
ASM690A PULSECORE-ASM690A Datasheet
348Kb / 15P
   關P Power Supply Supervisor With Battery Backup Switch
logo
TelCom Semiconductor, I...
TC70 TELCOM-TC70 Datasheet
89Kb / 7P
   MICROMASTER - SYSTEM SUPERVISOR WITH POWER SUPPLY MONITOR, WATCHDOG AND BATTERY BACKUP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com