Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN47 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # AN47
Description  Getting more out of the ZXLD1350 - dimming techniques
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

AN47 Datasheet(HTML) 2 Page - Zetex Semiconductors

  AN47 Datasheet HTML 1Page - Zetex Semiconductors AN47 Datasheet HTML 2Page - Zetex Semiconductors AN47 Datasheet HTML 3Page - Zetex Semiconductors AN47 Datasheet HTML 4Page - Zetex Semiconductors AN47 Datasheet HTML 5Page - Zetex Semiconductors AN47 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AN47
www.zetex.com
2
Issue 1 - August 2006
© Zetex Semiconductors plc 2006
If the PWM frequency is higher than approximately 10kHz and the duty cycle above the specified
minimum value, the device will remain active and the output will be continuous, with a nominal
output current given by:
I
OUT
0.1 D
PWM
R
S
--------------------------
[for 0.16< DPWM <1]
PWM
GND
ZXLD1350
ADJ
GND
Input buffer transistor
For PWM dimming an input bipolar transistor with open collector output is recommended. This
will ensure the 200mV input shutdown threshold is achieved.
It is possible to PWM directly without a buffer transistor. This must be done with caution. Doing
this will overdrive the internal 1.25V reference. If a 2.5V input level is used at 100% PWM (DC) the
output current into the LED will be 2X the normal current which may destroy the ZXLD1350.
Overdriving with a 5V logic signal is very likely to damage the device as it exceeds the ADJ pin
voltage rating.
Soft start and decoupling capacitors
Any extra capacitor on the ADJ pin will affect the leading and falling edge of the PWM signal. Take
this into account as the rise time will be increased by approximately 0.5ms/nF.
Compare this with a 100Hz PWM. 50% duty cycle Ton and Toff are 5ms at 1% duty cycle Ton is
0.1ms. 1nF on the ADJ pin will cause 0.5ms rise time which result in an error and limitation in
dimming at low duty cycles.


Similar Part No. - AN47

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN47 SILABS-AN47 Datasheet
251Kb / 6P
   Si321X LINEFEED POWER MONITORING AND PROTECTION
More results

Similar Description - AN47

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN009 ETC2-AN009 Datasheet
236Kb / 6P
   Getting Started with the KXPS5
FLUKE-787 ETC2-FLUKE-787 Datasheet
544Kb / 50P
   Getting Acquainted with the Meter
logo
STMicroelectronics
UM0284 STMICROELECTRONICS-UM0284 Datasheet
437Kb / 11P
   Getting started with the STUSB03E
UM0250 STMICROELECTRONICS-UM0250 Datasheet
244Kb / 12P
   Getting started with the ST7
logo
TE Connectivity Ltd
408-7276 TEC-408-7276 Datasheet
85Kb / 1P
   Remove the contact by pulling it out of the rear of cavity.
logo
Phihong USA Inc.
PIA01RZ-012-P PHIHONG-PIA01RZ-012-P Datasheet
50Kb / 2P
   One Output with out Dimming Control
logo
STMicroelectronics
UM1662 STMICROELECTRONICS-UM1662 Datasheet
605Kb / 11P
   Getting started with the STM32F429 Discovery kit
September 2013 Rev 1
logo
TE Connectivity Ltd
408-8658 TEC-408-8658 Datasheet
80Kb / 1P
   Push the spool assembly from the hole in the top of the spool valve until it falls out of the bottom.
logo
STMicroelectronics
UM1833 STMICROELECTRONICS-UM1833 Datasheet
874Kb / 8P
   Getting started with the STCOMET development environment
AN2752 STMICROELECTRONICS-AN2752 Datasheet
2Mb / 40P
   Getting started with the STM8S and STM8A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com