Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8570AEETCF29Z Datasheet(PDF) 9 Page - Analog Microelectronics

Part # AME8570AEETCF29Z
Description  mProcessor Supervisory
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8570AEETCF29Z Datasheet(HTML) 9 Page - Analog Microelectronics

Back Button AME8570AEETCF29Z Datasheet HTML 5Page - Analog Microelectronics AME8570AEETCF29Z Datasheet HTML 6Page - Analog Microelectronics AME8570AEETCF29Z Datasheet HTML 7Page - Analog Microelectronics AME8570AEETCF29Z Datasheet HTML 8Page - Analog Microelectronics AME8570AEETCF29Z Datasheet HTML 9Page - Analog Microelectronics AME8570AEETCF29Z Datasheet HTML 10Page - Analog Microelectronics AME8570AEETCF29Z Datasheet HTML 11Page - Analog Microelectronics AME8570AEETCF29Z Datasheet HTML 12Page - Analog Microelectronics AME8570AEETCF29Z Datasheet HTML 13Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
AME, Inc.
9
Rev. A.01
AME8570
µProcessor Supervisory
n Detailed Description
The AME8570 are designed to interface with the reset
input of a microprocessor and to prevent code-execution
errors due to power up, power down, and other power
supply errors.
Reset Output
Each output pin in the family can be configured to be
either push-pull or open-drain. In addition each output may
be either active high or active low. Active high reset out-
puts are denoted as RESET. Active low reset outputs
are denoted as RESETB. The selection guide on this
data sheet shows all possible combinations of output
driver configuration.
A reset will be asserted if any of two things happen:
1) V
IN drops below the threshold (VTH)
2) The MRB pin is pulled low.
The reset will remain asserted for the prescribed reset
interval after:
1) V
IN rises above the threshold (VTH)
2) MRB goes high
Manual Reset Input
The AME8570 feature a manual reset feature (MRB).
A logic low on the MRB pin asserts a reset. The reset
remains asserted as long as the MRB pin remains low.
After the MRB pin transitions to a high state the reset
remains asserted for the prescribed reset interval (T
D2).
The MRB pin is internally pulled up to V
IN by a 100K
resistor. It is internally debounced to reject switching
transients.
The MRB pin is ESD protected by diodes connected
to V
IN and GND. So the MRB pin should never be driven
higher than V
IN or lower than GND.
Glitch Rejection
The AME8570 family will reject negative going transients
on the V
IN line to some extent. The smaller the duration
of the transient the larger its amplitude may be without
triggering a reset. The "Glitch Rejection" chart in the
graphs section of this datasheet shows the relation be-
tween glitch amplitude and allowable glitch duration to
avoid unintended resets.
Accurate Output State at Low V
IN
With V
IN voltage on the order of the MOS transistor
threshold (<1.0V) the outputs of the AME8570 may be-
come undefined. For parts with active low output
(RESETB) a resistor placed between RESETB and GND
on the order of 100K will ensure that the RESETB output
stays low when V
IN is lower than the threshold voltage of
the part. In a like manner a resistor on the order of 100K
when placed between RESET and V
IN will ensure parts
with active high output (RESET) will remain high when
V
IN is lower than the threshold voltage of the part.


Similar Part No. - AME8570AEETCF29Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8570M AME-AME8570M Datasheet
596Kb / 25P
   Manual Reset Input Option
More results

Similar Description - AME8570AEETCF29Z

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT1163WI28 ONSEMI-CAT1163WI28 Datasheet
143Kb / 12P
   Supervisory Circuits with Supervisory Circuits with
November, 2011 ??Rev. 10
logo
Analog Microelectronics
AME8500 AME-AME8500 Datasheet
410Kb / 14P
   UProcessor Supervisory
logo
ON Semiconductor
ASM161 ONSEMI-ASM161 Datasheet
140Kb / 7P
   Supervisory Circuit
August, 2011 ??Rev. 3
logo
Pericom Semiconductor C...
PT7M7436 PERICOM-PT7M7436 Datasheet
358Kb / 6P
   Supervisory Circuit
PT7M6315US PERICOM-PT7M6315US Datasheet
430Kb / 6P
   Supervisory Circuit
logo
Micrel Semiconductor
MIC705 MICREL-MIC705 Datasheet
177Kb / 8P
   Supervisory Circuits
logo
ON Semiconductor
N84C163 ONSEMI-N84C163_18 Datasheet
212Kb / 13P
   Supervisory Circuits
May, 2018 ??Rev. 1
logo
Diodes Incorporated
PT7M6314US DIODES-PT7M6314US Datasheet
471Kb / 8P
   Supervisory Circuit
01/15/16
PT7M6315US DIODES-PT7M6315US Datasheet
991Kb / 8P
   Supervisory Circuit
March 2021 Rev 2-2
logo
Pericom Semiconductor C...
PT7M1233 PERICOM-PT7M1233 Datasheet
253Kb / 7P
   Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com