Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25017RHLTG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # BQ25017RHLTG4
Description  SINGLE-CHIP CHARGER AND DC/DC CONVERTER IC FOR PORTABLE APPLICATIONS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ25017RHLTG4 Datasheet(HTML) 5 Page - Texas Instruments

  BQ25017RHLTG4 Datasheet HTML 1Page - Texas Instruments BQ25017RHLTG4 Datasheet HTML 2Page - Texas Instruments BQ25017RHLTG4 Datasheet HTML 3Page - Texas Instruments BQ25017RHLTG4 Datasheet HTML 4Page - Texas Instruments BQ25017RHLTG4 Datasheet HTML 5Page - Texas Instruments BQ25017RHLTG4 Datasheet HTML 6Page - Texas Instruments BQ25017RHLTG4 Datasheet HTML 7Page - Texas Instruments BQ25017RHLTG4 Datasheet HTML 8Page - Texas Instruments BQ25017RHLTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
www.ti.com
bq25015
bq25017
SLUS721A – DECEMBER 2006 – REVISED MARCH 2007
ELECTRICAL CHARACTERISTICS (continued)
over operating temperature range (T
A = 0°C to 125°C) and recommended supply voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
FPWM – bq25015
VIH(FPWM)
High-level input voltage
2.0
VIL(FPWM)
Low-level input voltage
0.4
FPWM – bq25017
VIH(FPWM)
High-level input voltage
1.3
V
VIL(FPWM)
Low-level input voltage
0.4
IFPWM
Input bias current
VEN = GND or VBAT, VFPWM = GND or VBAT
0.01
0.1
µA
ENABLE
VIH(EN)
High-level input voltage
1.3
V
VIL(EN)
Low-level input voltage
0.4
IEN
Input bias current
VEN = GND or VBAT, VFPWM = GND or VBAT
0.01
0.1
µA
POWER SWITCH
VIN = VGS = 3.6 V
530
790
Internal P-channel MOSFET
on-resistance
VIN = VGS = 2.5 V
670
930
RDS(on)
m
VIN = VGS = 3.6 V
430
620
Internal N-channel MOSFET
on-resistance
VIN = VGS = 2.5 V
530
740
ILEAK(P)
P-channel leakage current
VDS = 6.0 V
0.1
1.0
µA
ILEAK(N)
N-channel leakage current
VDS = 6.0 V
0.1
1.0
I(LIM)
P-channel current limit
2.5 V < VBAT < 4.2 V
380
480
670
mA
OSCILLATOR
fSW
Switching frequency
0.65
1.00
1.50 MHz
OUTPUT
VREF
Reference voltage
bq25015
0.5
Feedback
VFB
bq25015 3.6 V
≤ V
BAT≤ 4.2 V, 0 mA ≤ IOUT≤ 150 mA
–3%
+3%
voltage(2)
V
Adjustable output
bq25015
0.7
VBAT
voltage range
VDC-DC
Fixed output
bq25017 3.6 V
≤ V
BAT≤ 4.2 V, 0 mA ≤ IOUT≤ 150 mA
1.746
1.8
1.854
voltage
(2)
For output voltages
≤ 1.2 V a 22-µF output capacitor value is required to achieve a maximum output voltage accuracy of +3% while
operating in power save mode (PFM).
5
Submit Documentation Feedback


Similar Part No. - BQ25017RHLTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25010 TI-BQ25010 Datasheet
295Kb / 20P
[Old version datasheet]   SINGLE-CHIP CHARGER AND DC/DC CONVERTER IC FOR BLUETOOTH HEADSETS AND OTHER PORTABLE APPLICATIONS (bqHYBRID??
logo
Cirrus Logic
BQ25010EVM APEX-BQ25010EVM Datasheet
1Mb / 10P
   Evaluation Kit
Rev A
logo
Texas Instruments
BQ25010RHLR TI-BQ25010RHLR Datasheet
295Kb / 20P
[Old version datasheet]   SINGLE-CHIP CHARGER AND DC/DC CONVERTER IC FOR BLUETOOTH HEADSETS AND OTHER PORTABLE APPLICATIONS (bqHYBRID??
BQ25011 TI-BQ25011 Datasheet
295Kb / 20P
[Old version datasheet]   SINGLE-CHIP CHARGER AND DC/DC CONVERTER IC FOR BLUETOOTH HEADSETS AND OTHER PORTABLE APPLICATIONS (bqHYBRID??
BQ25011RHLR TI-BQ25011RHLR Datasheet
295Kb / 20P
[Old version datasheet]   SINGLE-CHIP CHARGER AND DC/DC CONVERTER IC FOR BLUETOOTH HEADSETS AND OTHER PORTABLE APPLICATIONS (bqHYBRID??
More results

Similar Description - BQ25017RHLTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25010 TI-BQ25010 Datasheet
295Kb / 20P
[Old version datasheet]   SINGLE-CHIP CHARGER AND DC/DC CONVERTER IC FOR BLUETOOTH HEADSETS AND OTHER PORTABLE APPLICATIONS (bqHYBRID??
logo
ams AG
AS1333 AMSCO-AS1333 Datasheet
1Mb / 16P
   650mA, Step Down DC/DC Converter for Portable Applications
logo
Dialog Semiconductor
DA9131 DIALOG-DA9131 Datasheet
1Mb / 56P
   High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
logo
Renesas Technology Corp
DA9132 RENESAS-DA9132 Datasheet
969Kb / 58P
   High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
25-May-2022
logo
Dialog Semiconductor
DA9132 DIALOG-DA9132 Datasheet
1Mb / 56P
   High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
logo
Renesas Technology Corp
DA9131 RENESAS-DA9131 Datasheet
955Kb / 58P
   High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
25-May-2022
logo
Eutech Microelectronics...
EUP8086 EUTECH-EUP8086 Datasheet
892Kb / 19P
   Battery Charger and Step-Down Converter for Portable Applications
logo
Advanced Analog Technol...
AAT2556 AAT-AAT2556 Datasheet
2Mb / 29P
   Battery Charger and Step-Down Converter for Portable Applications
logo
Skyworks Solutions Inc.
AAT2556 SKYWORKS-AAT2556 Datasheet
2Mb / 27P
   Battery Charger and Step-Down Converter for Portable Applications
logo
Advanced Analogic Techn...
AAT2556 ANALOGICTECH-AAT2556 Datasheet
743Kb / 29P
   Battery Charger and Step-Down Converter for Portable Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com