Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB745TRRPBF Datasheet(PDF) 3 Page - International Rectifier

Part # MBRB745TRRPBF
Description  SCHOTTKY RECTIFIER 7.5 Amp
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MBRB745TRRPBF Datasheet(HTML) 3 Page - International Rectifier

  MBRB745TRRPBF Datasheet HTML 1Page - International Rectifier MBRB745TRRPBF Datasheet HTML 2Page - International Rectifier MBRB745TRRPBF Datasheet HTML 3Page - International Rectifier MBRB745TRRPBF Datasheet HTML 4Page - International Rectifier MBRB745TRRPBF Datasheet HTML 5Page - International Rectifier MBRB745TRRPBF Datasheet HTML 6Page - International Rectifier MBRB745TRRPBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MBRB7..PbF Series
Bulletin PD-21048 rev. A 06/06
3
www.irf.com
Fig. 2 - Typical Values Of Reverse Current
Vs. Reverse Voltage (Per Leg)
Fig. 3 - Typical Junction Capacitance
Vs. Reverse Voltage (Per Leg)
Fig. 4 - Max. Thermal Impedance Z
thJC Characteristics (Per Leg)
Fig. 1 - Max. Forward Voltage Drop Characteristics
(Per Leg)
Forward Voltage Drop - V
FM (V)
1
10
100
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
T = 150˚C
T = 125˚C
T = 25˚C
J
J
J
Reverse Voltage - V
R (V)
0.0001
0.001
0.01
0.1
1
10
100
0
5
10 15 20 25 30 35 40 45
125˚C
100˚C
75˚C
50˚C
25˚C
T = 150˚C
J
Reverse Voltage - V
R (V)
100
1000
0
1020
3040
50
T = 25˚C
J
t
1 , Rectangular Pulse Duration (Seconds)
0.001
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
Single Pulse
(Thermal Resistance)
D = 0.75
D = 0.50
D = 0.33
D = 0.25
D = 0.20
Notes:
1. Duty factor D = t1/ t2
2. Peak Tj = Pdm x ZthJC + Tc
2
t
1
t
P
DM


Similar Part No. - MBRB745TRRPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBRB745TRRPBF VISHAY-MBRB745TRRPBF Datasheet
101Kb / 6P
   Schottky Rectifier, 7.5 A
Revision: 20-Aug-08
More results

Similar Description - MBRB745TRRPBF

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR720 MCC-MBR720_08 Datasheet
113Kb / 3P
   7.5 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
First Components Intern...
FBR735 FCI-FBR735 Datasheet
129Kb / 2P
   7.5 Amp SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
MBR720 MCC-MBR720 Datasheet
107Kb / 2P
   7.5 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBR720 MCC-MBR720_13 Datasheet
200Kb / 3P
   7.5 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
Vishay Siliconix
MBRB735 VISHAY-MBRB735 Datasheet
104Kb / 6P
   Schottky Rectifier, 7.5 A
Revision: 22-Aug-08
VS-MBRB745PBF VISHAY-VS-MBRB745PBF Datasheet
146Kb / 7P
   Schottky Rectifier, 7.5 A
Revision: 16-Mar-10
MBRB735PBF VISHAY-MBRB735PBF_10 Datasheet
102Kb / 6P
   Schottky Rectifier, 7.5 A
Revision: 16-Mar-10
VS-MBR7PBF VISHAY-VS-MBR7PBF_V01 Datasheet
127Kb / 7P
   Schottky Rectifier, 7.5 A
08-Feb-17
VS-MBR7PBF VISHAY-VS-MBR7PBF Datasheet
154Kb / 7P
   Schottky Rectifier, 7.5 A
Revision: 30-Aug-11
MBR735PBF VISHAY-MBR735PBF_12 Datasheet
153Kb / 7P
   Schottky Rectifier, 7.5 A
Revision: 30-Aug-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com