Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

ENC28J60 Datasheet(PDF) 8 Page - Microchip Technology

Part # ENC28J60
Description  Stand-Alone Ethernet Controller with SPI Interface
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60 Datasheet(HTML) 8 Page - Microchip Technology

Back Button ENC28J60_06 Datasheet HTML 4Page - Microchip Technology ENC28J60_06 Datasheet HTML 5Page - Microchip Technology ENC28J60_06 Datasheet HTML 6Page - Microchip Technology ENC28J60_06 Datasheet HTML 7Page - Microchip Technology ENC28J60_06 Datasheet HTML 8Page - Microchip Technology ENC28J60_06 Datasheet HTML 9Page - Microchip Technology ENC28J60_06 Datasheet HTML 10Page - Microchip Technology ENC28J60_06 Datasheet HTML 11Page - Microchip Technology ENC28J60_06 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 96 page
background image
ENC28J60
DS39662B-page 6
Preliminary
© 2006 Microchip Technology Inc.
2.3
CLKOUT Pin
The clock out pin is provided to the system designer for
use as the host controller clock or as a clock source for
other devices in the system. The CLKOUT has an
internal prescaler which can divide the output by 1, 2,
3, 4 or 8. The CLKOUT function is enabled and the
prescaler is selected via the ECOCON register
(Register 2-1).
To create a clean clock signal, the CLKOUT pin is held
low for a period when power is first applied. After the
Power-on Reset ends, the OST will begin counting.
When the OST expires, the CLKOUT pin will begin out-
putting its default frequency of 6.25 MHz (main clock
divided by 4). At any future time that the ENC28J60 is
reset by software or the RESET pin, the CLKOUT func-
tion will not be altered (ECOCON will not change
value). Additionally, Power-Down mode may be
entered and the CLKOUT function will continue to
operate. When Power-Down mode is cancelled, the
OST will be reset but the CLKOUT function will
continue. When the CLKOUT function is disabled
(ECOCON = 0), the CLKOUT pin is driven low.
The CLKOUT function is designed to ensure that mini-
mum timings are preserved when the CLKOUT pin
function is enabled, disabled or the prescaler value is
changed. No high or low pulses will be outputted which
exceed the frequency specified by the ECOCON
configuration. However, when switching frequencies, a
delay between two and eight OSC1 clock periods will
occur where no clock pulses will be produced (see
Figure 2-3). During this period, CLKOUT will be held
low.
FIGURE 2-3:
CLKOUT TRANSITION
ECOCON
Changed
80 ns to 320 ns Delay
REGISTER 2-1:
ECOCON: CLOCK OUTPUT CONTROL REGISTER
U-0
U-0
U-0
U-0
U-0
R/W-1
R/W-0
R/W-0
COCON2
COCON1
COCON0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-3
Unimplemented: Read as ‘0’
bit 2-0
COCON2:COCON0: Clock Output Configuration bits
11x
= Reserved for factory test. Do not use. Glitch prevention not assured.
101
= CLKOUT outputs main clock divided by 8 (3.125 MHz)
100
= CLKOUT outputs main clock divided by 4 (6.25 MHz)
011
= CLKOUT outputs main clock divided by 3 (8.333333 MHz)
010
= CLKOUT outputs main clock divided by 2 (12.5 MHz)
001
= CLKOUT outputs main clock divided by 1 (25 MHz)
000
= CLKOUT is disabled. The pin is driven low.


Similar Part No. - ENC28J60_06

ManufacturerPart #DatasheetDescription
Microchip Technology
Microchip Technology
ENC28J60T MICROCHIP-ENC28J60T Datasheet
1Mb / 102P
   Stand-Alone Ethernet Controller with SPI Interface
10/26/12
ENC28J60 MICROCHIP-ENC28J60_12 Datasheet
1Mb / 102P
   Stand-Alone Ethernet Controller with SPI Interface
10/26/12
More results

Similar Description - ENC28J60_06

ManufacturerPart #DatasheetDescription
Microchip Technology
Microchip Technology
ENC28J60 MICROCHIP-ENC28J60_12 Datasheet
1Mb / 102P
   Stand-Alone Ethernet Controller with SPI Interface
10/26/12
MCP2515T-ESTRB4 MICROCHIP-MCP2515T-ESTRB4 Datasheet
633Kb / 84P
   Stand-Alone CAN Controller With SPI Interface
10/05/07
MCP2515 MICROCHIP-MCP2515_12 Datasheet
1Mb / 92P
   Stand-Alone CAN Controller with SPI Interface
2003-2012 11/29/11
MCP2515-I MICROCHIP-MCP2515-I Datasheet
1Mb / 92P
   Stand-Alone CAN Controller with SPI Interface
11/29/11
MCP2515T-E MICROCHIP-MCP2515T-E Datasheet
633Kb / 84P
   Stand-Alone CAN Controller With SPI Interface
10/05/07
MCP2510 MICROCHIP-MCP2510 Datasheet
993Kb / 76P
   Stand-Alone CAN Controller with SPI Interface
2000 - 2001
MCP2515-E MICROCHIP-MCP2515-E Datasheet
1Mb / 92P
   Stand-Alone CAN Controller with SPI Interface
11/29/11
ENC28J60 MICROCHIP-ENC28J60 Datasheet
145Kb / 4P
   Stand-Alone Ethernet Controller with SPI Product Brief
2004
ENC424J600 MICROCHIP-ENC424J600 Datasheet
1Mb / 168P
   Stand-Alone 10/100 Ethernet Controller with SPI or Parallel Interface
2010
ENC424J600-I MICROCHIP-ENC424J600-I Datasheet
1Mb / 168P
   Stand-Alone 10/100 Ethernet Controller with SPI or Parallel Interface
2010
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com