Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC250F1 Datasheet(PDF) 7 Page - Tyco Electronics

Part # FC250F1
Description  Power Module: dc-dc Converter; 18 Vdc to 36 Vdc Input, 3.3 Vdc Output; 165 W
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

FC250F1 Datasheet(HTML) 7 Page - Tyco Electronics

Back Button FC250F1 Datasheet HTML 3Page - Tyco Electronics FC250F1 Datasheet HTML 4Page - Tyco Electronics FC250F1 Datasheet HTML 5Page - Tyco Electronics FC250F1 Datasheet HTML 6Page - Tyco Electronics FC250F1 Datasheet HTML 7Page - Tyco Electronics FC250F1 Datasheet HTML 8Page - Tyco Electronics FC250F1 Datasheet HTML 9Page - Tyco Electronics FC250F1 Datasheet HTML 10Page - Tyco Electronics FC250F1 Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Tyco Electronics Corp.
7
Data Sheet
July 2000
18 Vdc to 36 Vdc Input, 3.3 Vdc Output; 165 W
FC250F1 Power Module: dc-dc Converter;
Characteristic Curves (continued)
8-2881 (F)
Note: Tested with a 10 µF aluminum and a 1.0 µF ceramic capacitor
across the load.
Figure 5. Typical FC250F1 Transient Response to
Step Decrease in Load from 50% to 25%
of Full Load at Room Temperature and
28 V Input (Waveform Averaged to
Eliminate Ripple Component.)
8-2878 (F)
Note: Tested with a 10 µF aluminum and a 1.0 µF ceramic capacitor
across the load.
Figure 6. Typical FC250F1 Transient Response to
Step Increase in Load from 50% to 75% of
Full Load at Room Temperature and 28 V
Input (Waveform Averaged to Eliminate
Ripple Component.)
8-2882 (F)
Note: Tested with a 10 µF aluminum and a 1.0 µF ceramic capacitor
across the load.
Figure 7. Typical FC250F1 Start-Up Transient at
Room Temperature, 28 V Input, and Full
Load
TIME, t (20
µs/div)
TIME, t (20
µs/div)
TIME, t (5 ms/div)
NO CAPACITANCE
5870
µF FULL LOAD
2200
µF FULL LOAD
1000
µF FULL LOAD
470
µF FULL LOAD
NO LOAD


Similar Part No. - FC250F1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FC250B1 ETC2-FC250B1 Datasheet
196Kb / 18P
   Capacitors for High Current, Power Semiconductor, and DC Applications
logo
Tyco Electronics
FC250R MACOM-FC250R Datasheet
1Mb / 20P
   Power Module:dc-dc Converter; 18 Vdc to 36 Vdc Input, 28 Vdc Output; 250 W
FC250R1 MACOM-FC250R1 Datasheet
1Mb / 20P
   Power Module:dc-dc Converter; 18 Vdc to 36 Vdc Input, 28 Vdc Output; 250 W
More results

Similar Description - FC250F1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANC243.3W12 WALL-LANC243.3W12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 3.3 VDC Output at 3.5A
logo
Tyco Electronics
FC250R MACOM-FC250R Datasheet
1Mb / 20P
   Power Module:dc-dc Converter; 18 Vdc to 36 Vdc Input, 28 Vdc Output; 250 W
logo
List of Unclassifed Man...
FC150A ETC-FC150A Datasheet
1Mb / 14P
   POWER MODULE : DC-DC CONVERTERS ; 18 VDC TO 36 VDC INPUT, 5 VDC OUTPUT;50W TO 150W
logo
Wall Industries,Inc.
LANC2433UW12 WALL-LANC2433UW12 Datasheet
923Kb / 14P
   DC/DC Converter 9-36 VDC Input 3.3 VDC Output at 3.5A
LANC483.3W12 WALL-LANC483.3W12 Datasheet
1Mb / 14P
   DC/DC Converter 36-75 VDC Input 3.3 VDC Output at 3.5A
logo
Murata Power Solutions ...
SS25-A-A-A MURATA-PS-SS25-A-A-A Datasheet
190Kb / 4P
   5 Vdc Input, 3.3 Vdc Output DC/DC Converter
logo
C&D Technologies
SS26 CANDD-SS26 Datasheet
238Kb / 4P
   5 VDC INPUT, 3.3 VDC OUTPUT DC/DC CONVERTER
logo
Lineage Power Corporati...
JW050F1 LINEAGEPOWER-JW050F1 Datasheet
838Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 3.3 Vdc Output; 33 W to 99 W
logo
Wall Industries,Inc.
LANC123.3W12 WALL-LANC123.3W12 Datasheet
880Kb / 14P
   DC/DC Converter 9-18 VDC Input 3.3 VDC Output at 3.5A
LANC2412DW12 WALL-LANC2412DW12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 짹12 VDC Output at 짹0.5A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com