Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC250F1 Datasheet(PDF) 5 Page - Tyco Electronics

Part # FC250F1
Description  Power Module: dc-dc Converter; 18 Vdc to 36 Vdc Input, 3.3 Vdc Output; 165 W
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

FC250F1 Datasheet(HTML) 5 Page - Tyco Electronics

  FC250F1 Datasheet HTML 1Page - Tyco Electronics FC250F1 Datasheet HTML 2Page - Tyco Electronics FC250F1 Datasheet HTML 3Page - Tyco Electronics FC250F1 Datasheet HTML 4Page - Tyco Electronics FC250F1 Datasheet HTML 5Page - Tyco Electronics FC250F1 Datasheet HTML 6Page - Tyco Electronics FC250F1 Datasheet HTML 7Page - Tyco Electronics FC250F1 Datasheet HTML 8Page - Tyco Electronics FC250F1 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Tyco Electronics Corp.
5
Data Sheet
July 2000
18 Vdc to 36 Vdc Input, 3.3 Vdc Output; 165 W
FC250F1 Power Module: dc-dc Converter;
Feature Specifications (continued)
Table 4. Feature Specifications (continued)
Solder, Cleaning, and Drying Considerations
Post solder cleaning is usually the final circuit-board assembly process prior to electrical testing. The result of inad-
equate circuit-board cleaning and drying can affect both the reliability of a power module and the testability of the
finished circuit-board assembly. For guidance on appropriate soldering, cleaning, and drying procedures, refer to
Board-Mounted Power Modules Soldering and Cleaning Application Note (AP97-021EPS).
Parameter
Symbol
Min
Typ
Max
Unit
Overtemperature Protection (See Figure 18.)
TC
105
°C
Forced Load Share Accuracy
10
%IO, rated
Power Good Signal Interface
(See Feature Descriptions.):
Low Impedance—Module Operating
High Impedance—Module Off
Rpwr/good
Ipwr/good
Rpwr/good
Vpwr/good
1
100
1
40
mA
M
V


Similar Part No. - FC250F1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FC250B1 ETC2-FC250B1 Datasheet
196Kb / 18P
   Capacitors for High Current, Power Semiconductor, and DC Applications
logo
Tyco Electronics
FC250R MACOM-FC250R Datasheet
1Mb / 20P
   Power Module:dc-dc Converter; 18 Vdc to 36 Vdc Input, 28 Vdc Output; 250 W
FC250R1 MACOM-FC250R1 Datasheet
1Mb / 20P
   Power Module:dc-dc Converter; 18 Vdc to 36 Vdc Input, 28 Vdc Output; 250 W
More results

Similar Description - FC250F1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANC243.3W12 WALL-LANC243.3W12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 3.3 VDC Output at 3.5A
logo
Tyco Electronics
FC250R MACOM-FC250R Datasheet
1Mb / 20P
   Power Module:dc-dc Converter; 18 Vdc to 36 Vdc Input, 28 Vdc Output; 250 W
logo
List of Unclassifed Man...
FC150A ETC-FC150A Datasheet
1Mb / 14P
   POWER MODULE : DC-DC CONVERTERS ; 18 VDC TO 36 VDC INPUT, 5 VDC OUTPUT;50W TO 150W
logo
Wall Industries,Inc.
LANC2433UW12 WALL-LANC2433UW12 Datasheet
923Kb / 14P
   DC/DC Converter 9-36 VDC Input 3.3 VDC Output at 3.5A
LANC483.3W12 WALL-LANC483.3W12 Datasheet
1Mb / 14P
   DC/DC Converter 36-75 VDC Input 3.3 VDC Output at 3.5A
logo
Murata Power Solutions ...
SS25-A-A-A MURATA-PS-SS25-A-A-A Datasheet
190Kb / 4P
   5 Vdc Input, 3.3 Vdc Output DC/DC Converter
logo
C&D Technologies
SS26 CANDD-SS26 Datasheet
238Kb / 4P
   5 VDC INPUT, 3.3 VDC OUTPUT DC/DC CONVERTER
logo
Lineage Power Corporati...
JW050F1 LINEAGEPOWER-JW050F1 Datasheet
838Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 3.3 Vdc Output; 33 W to 99 W
logo
Wall Industries,Inc.
LANC123.3W12 WALL-LANC123.3W12 Datasheet
880Kb / 14P
   DC/DC Converter 9-18 VDC Input 3.3 VDC Output at 3.5A
LANC2412DW12 WALL-LANC2412DW12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 짹12 VDC Output at 짹0.5A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com