Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM-9040LM-5AN Datasheet(PDF) 1 Page - Opto Electronics Co,. LTD

Part # FM-9040LM-5AN
Description  IR Receiver Modules for Remote Control Systems
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-OEC [Opto Electronics Co,. LTD]
Direct Link  http://www.e-oec.com
Logo E-OEC - Opto Electronics Co,. LTD

FM-9040LM-5AN Datasheet(HTML) 1 Page - Opto Electronics Co,. LTD

  FM-9040LM-5AN Datasheet HTML 1Page - Opto Electronics Co,. LTD FM-9040LM-5AN Datasheet HTML 2Page - Opto Electronics Co,. LTD FM-9040LM-5AN Datasheet HTML 3Page - Opto Electronics Co,. LTD FM-9040LM-5AN Datasheet HTML 4Page - Opto Electronics Co,. LTD FM-9040LM-5AN Datasheet HTML 5Page - Opto Electronics Co,. LTD FM-9040LM-5AN Datasheet HTML 6Page - Opto Electronics Co,. LTD FM-9040LM-5AN Datasheet HTML 7Page - Opto Electronics Co,. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
光電企業有限公司
FM-9038LM-5AN
November 2006 Rev 1.3
IR Receiver Modules for Remote Control Systems
Ordering Info.(carrier frequencies)
37.9 K
FM-9038LM-5AN
40.0 K
FM-9040LM-5AN
56.7 K
FM-9056LM-5AN
36.7 K
FM-9036LM-5AN
32.7 K
FM-9032LM-5AN
Carrier Frequency (fo)
Type
Features
Supply Voltage Range: 2.7V to 6.5V
TTL and CMOS compatibility
Photo detector and preamplifier in one package.
Internal filter for PCM frequency
Open collector output (built-in Pull-up resistor(40K)
Output active low
Enhanced Immunity against all kinds of disturbance light
No occurrence of disturbance pulses at output pin within nominal conditions.
Short settling time after power On.( below 1msec)
Meet RoHS
Block Diagram
The FM-9038LM-5AN is remote control receiver modules.
Pin diode and receiver IC are assembled on one module.
Small-sized, light-weight, and low current consumption.
modules have been achieved by using resin mold.
The demodulated output signal can directly be decoded
by a microprocessor. The main benefit is the reliable
function even in disturbed ambient and the protection
against uncontrolled output pulses.
Description
Application Circuit
R-C filter recommended to suppress power supply disturbances.
R-C filter should be connected closely between VCC pin and GND pin.
VCC
GND
IR Receiver Module VCC
GND
VOUT
Transmitter
47uf
47~100Ω
MCU


Similar Part No. - FM-9040LM-5AN

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
FM-0011-433 RFSOLUTIONS-FM-0011-433 Datasheet
341Kb / 3P
   ??02 SERIES RADIO / IR ENCODER TRANSMITTERS
FM-001B-433 RFSOLUTIONS-FM-001B-433 Datasheet
341Kb / 3P
   ??02 SERIES RADIO / IR ENCODER TRANSMITTERS
FM-008C4B-433 RFSOLUTIONS-FM-008C4B-433 Datasheet
341Kb / 3P
   ??02 SERIES RADIO / IR ENCODER TRANSMITTERS
logo
FOTEK CONTROLS CO., LTD...
FM-01G FOTEK-FM-01G Datasheet
285Kb / 2P
   MARK SENSOR
FM-01PG FOTEK-FM-01PG Datasheet
285Kb / 2P
   MARK SENSOR
More results

Similar Description - FM-9040LM-5AN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 6, 15-Oct-2002
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP331 VISHAY-TSOP331 Datasheet
490Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP361 VISHAY-TSOP361 Datasheet
654Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP53230 VISHAY-TSOP53230 Datasheet
479Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.0, 13-Mar-12
TSOP352 VISHAY-TSOP352 Datasheet
323Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 03-Sep-13
TSOP773 VISHAY-TSOP773 Datasheet
297Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.4, 22-Jul-16
TSOP77230W VISHAY-TSOP77230W Datasheet
336Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 13-Sep-17
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.2, 26-Sep-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com