Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA5759H Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TEA5759H
Description  Self Tuned Radio STR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA5759H Datasheet(HTML) 2 Page - NXP Semiconductors

  TEA5759H Datasheet HTML 1Page - NXP Semiconductors TEA5759H Datasheet HTML 2Page - NXP Semiconductors TEA5759H Datasheet HTML 3Page - NXP Semiconductors TEA5759H Datasheet HTML 4Page - NXP Semiconductors TEA5759H Datasheet HTML 5Page - NXP Semiconductors TEA5759H Datasheet HTML 6Page - NXP Semiconductors TEA5759H Datasheet HTML 7Page - NXP Semiconductors TEA5759H Datasheet HTML 8Page - NXP Semiconductors TEA5759H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
1999 Aug 26
2
Philips Semiconductors
Product specification
Self Tuned Radio (STR)
TEA5757; TEA5759
FEATURES
• The tuning system has an optimized IC partitioning both
from application (omitting interferences) and flexibility
(removable front panel option) point of view: the tuning
synthesizer is on-chip with the radio
• The tuning quality is superior and requires no IF-counter
for stop-detection; it is insensitive to ceramic filter
tolerances
• In combination with the microcontroller, fast, low-power
operation of preset mode, manual-search, auto-search
and auto-store are possible
• The local (internal) controller function facilitates reduced
and simplified microcontroller software
• The high integration level (radio and tuning synthesizer
on one chip) means fewer external components with
regard to the communication between the radio and the
microcontroller (90% less components compared to the
digital tuning application of a radio IC with external PLL
tuning function) and a simple and small printed-circuit
board
• There will be no application considerations for the tuning
system, with regards to quality and high integration
level, since there will be no external 110 MHz buffers,
loop filter or false lock elimination
• The inherent FUZZY LOGIC behaviour of the Self
Tuned Radio (STR), which mimics hand tuning, yields a
potentially fast yet reliable tuning operation
• The level of the incoming signal at which the radio must
lock is software programmable
• Two programmable ports
• High selectivity with distributed IF gain
• Soft mute
• Signal dependent stereo-blend
• High impedance MOSFET input on AM
• Wide supply voltage range of 2.5 to 12 V
• Low current consumption 18 mA at AM and FM
(including tuning synthesizer)
• High input sensitivity
• Low output distortion
• Due to the new tuning concept, the tuning is
independent of the channel spacing.
GENERAL DESCRIPTION
The TEA5757; TEA5759 is a 44-pin integrated AM/FM
stereo radio circuit including a novel tuning concept.
The radio part is based on the TEA5712.
The TEA5757 is used in FM-standards in which the local
oscillator frequency is above the radio frequency
(e.g. European and American standards).
The TEA5759 is the version in which the oscillator
frequency is below the radio frequency
(e.g. Japanese standard).
The new tuning concept combines the advantages of hand
tuning with electronic facilities and features. User
‘intelligence’ is incorporated into the tuning algorithm and
an improvement of the analog signal processing is used for
the AFC function.
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TEA5757H
QFP44
plastic quad flat package; 44 leads (lead length 1.3 mm); body
10
× 10 × 1.75 mm
SOT307-2
TEA5759H


Similar Part No. - TEA5759H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA5759HL PHILIPS-TEA5759HL Datasheet
209Kb / 40P
   Self Tuned Radio STR
2000 Feb 02
More results

Similar Description - TEA5759H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA5762 PHILIPS-TEA5762 Datasheet
171Kb / 32P
   Self Tuned Radio STR
1999 Aug 04
TEA5757HL PHILIPS-TEA5757HL Datasheet
209Kb / 40P
   Self Tuned Radio STR
2000 Feb 02
logo
National Semiconductor ...
LM1863 NSC-LM1863 Datasheet
268Kb / 14P
   AM Radio System for Electronically Tuned Radios
logo
SHENZHEN FUMAN ELECTRON...
TC9088 FUMAN-TC9088 Datasheet
233Kb / 6P
   Single-chip electrically tuned FM radio IC
logo
American Accurate Compo...
JXWBSJ-T-2000-4000-50D AAC-JXWBSJ-T-2000-4000-50D Datasheet
66Kb / 1P
   Electrically Tuned Attenuator
logo
Agilent(Hewlett-Packard...
VTO-8000 HP-VTO-8000 Datasheet
918Kb / 7P
   Varactor-Tuned Oscillators
logo
American Accurate Compo...
JXWBSJ-T-500-1000-50D AAC-JXWBSJ-T-500-1000-50D Datasheet
66Kb / 1P
   Electrically Tuned Attenuator
JXWBSJ-T-1000-2000-50D AAC-JXWBSJ-T-1000-2000-50D Datasheet
66Kb / 1P
   Electrically Tuned Attenuator
JXWBSJ-T-4000-8000-50D AAC-JXWBSJ-T-4000-8000-50D Datasheet
61Kb / 1P
   Electrically Tuned Attenuator
JXWBSJ-T-8000-18000-60D AAC-JXWBSJ-T-8000-18000-60D Datasheet
60Kb / 1P
   Electrically Tuned Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com