Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA5762H Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TEA5762H
Description  Self Tuned Radio STR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA5762H Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TEA5762H Datasheet HTML 4Page - NXP Semiconductors TEA5762H Datasheet HTML 5Page - NXP Semiconductors TEA5762H Datasheet HTML 6Page - NXP Semiconductors TEA5762H Datasheet HTML 7Page - NXP Semiconductors TEA5762H Datasheet HTML 8Page - NXP Semiconductors TEA5762H Datasheet HTML 9Page - NXP Semiconductors TEA5762H Datasheet HTML 10Page - NXP Semiconductors TEA5762H Datasheet HTML 11Page - NXP Semiconductors TEA5762H Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
1999 Aug 04
8
Philips Semiconductors
Product specification
Self Tuned Radio (STR)
TEA5762
To ensure that the search function operates correctly
under all conditions the following search sequence must
be applied:
• Store the current frequency in the memory
• Issue the search command
• Wait for data valid and read the new frequency
• If the new frequency is the same as the stored
frequency, issue a pre-set step (e.g. 50 kHz) and start
the search sequence again.
Description of the bus
The TEA5762 radio has a bus which consists of three
wires, as shown in Table 1.
Table 1
Bus signals
SIGNAL
DESCRIPTION
PIN
BUS-CLOCK
software driven clock input
27
DATA
data input/output
28
WRITE-ENABLE
write/read-input
29
These three signals, together with the mono/stereo pin
(MO/ST; pin 24), communicate with the microcontroller.
The mono/stereo indicator has two functions, which are
controlled by the BUS-CLOCK, as shown in Table 2.
Table 2
Bus-clock functions
The TEA5762 has a 25-bit shift register; see Table 3 for an
explanation of the shift register bits.
If in search mode no transmitter can be found, all
frequency bits of the shift register are set to logic 0.
The bus protocol is depicted in Figs 3 and 4.
BUS-CLOCK
MO/ST (PIN 24)
RESULT
LOW
LOW
stereo
LOW
HIGH
mono
HIGH
LOW
tuned
HIGH
HIGH
not tuned
Table 3
Explanation of the shift register bits
BIT
DESCRIPTION
LOGIC
STATE
RESULT
S.24 (MSB)
search start/end
0
after a search when a station is found or after a preset
1
during the search action
D.23
search up/down
0
indicates if the radio has to search down
1
indicates if the radio has to search up
M.22
mono/stereo
0
stereo is allowed
1
mono is required (radio switched to forced mono)
B0.21
band
see Table 4
selects FM/MW/LW/SW band
B1.20
band
see Table 4
selects FM/MW/LW/SW band
P0.19
port
note 1
user programmable bits which e.g. can be used as band
switch driver
P1.18
port
note 1
user programmable bits which e.g. can be used as band
switch driver
S0.17
search-level of station
see Table 5
determines the locking field strength during an
automatic search, automatic store or manual search
S1.16
search-level of station
see Table 5
determines the locking field strength during an
automatic search, automatic store or manual search
15
dummy
buffer
F.14 to F.0 (LSB)
frequency
determine the tuning frequency of the radio; see Table 6
for the bit values


Similar Part No. - TEA5762H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA5760UK NXP-TEA5760UK Datasheet
220Kb / 37P
   Single chip FM stereo radio
Rev. 01-14 December 2006
TEA5761UK NXP-TEA5761UK Datasheet
239Kb / 45P
   Low voltage single-chip FM stereo radio
Rev. 01-2 August 2006
TEA5764HN PHILIPS-TEA5764HN Datasheet
287Kb / 64P
   FM radio RDS
Rev. 02-9 August 2005
TEA5764UK PHILIPS-TEA5764UK Datasheet
281Kb / 64P
   FM radio RDS
Rev. 02-9 August 2005
TEA5767 PHILIPS-TEA5767 Datasheet
382Kb / 2P
   single-chip FM stereo radio
March 2002
More results

Similar Description - TEA5762H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA5757 PHILIPS-TEA5757 Datasheet
172Kb / 32P
   Self Tuned Radio STR
1999 Aug 26
TEA5757HL PHILIPS-TEA5757HL Datasheet
209Kb / 40P
   Self Tuned Radio STR
2000 Feb 02
logo
National Semiconductor ...
LM1863 NSC-LM1863 Datasheet
268Kb / 14P
   AM Radio System for Electronically Tuned Radios
logo
SHENZHEN FUMAN ELECTRON...
TC9088 FUMAN-TC9088 Datasheet
233Kb / 6P
   Single-chip electrically tuned FM radio IC
logo
American Accurate Compo...
JXWBSJ-T-2000-4000-50D AAC-JXWBSJ-T-2000-4000-50D Datasheet
66Kb / 1P
   Electrically Tuned Attenuator
logo
Agilent(Hewlett-Packard...
VTO-8000 HP-VTO-8000 Datasheet
918Kb / 7P
   Varactor-Tuned Oscillators
logo
American Accurate Compo...
JXWBSJ-T-500-1000-50D AAC-JXWBSJ-T-500-1000-50D Datasheet
66Kb / 1P
   Electrically Tuned Attenuator
JXWBSJ-T-1000-2000-50D AAC-JXWBSJ-T-1000-2000-50D Datasheet
66Kb / 1P
   Electrically Tuned Attenuator
JXWBSJ-T-4000-8000-50D AAC-JXWBSJ-T-4000-8000-50D Datasheet
61Kb / 1P
   Electrically Tuned Attenuator
JXWBSJ-T-8000-18000-60D AAC-JXWBSJ-T-8000-18000-60D Datasheet
60Kb / 1P
   Electrically Tuned Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com