Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9704-00 Datasheet(PDF) 3 Page - Peregrine Semiconductor Corp.

Part # 9704-00
Description  3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

9704-00 Datasheet(HTML) 3 Page - Peregrine Semiconductor Corp.

  9704-00 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 9704-00 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 9704-00 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 9704-00 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 9704-00 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 9704-00 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 9704-00 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 9704-00 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 9704-00 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Product Specification
PE9704
Page 3 of 10
Document No. 70-0083-03
│ www.psemi.com
©2003-2006 Peregrine Semiconductor Corp. All rights reserved.
Table 1. Pin Descriptions (continued)
17
GND
Both
Ground
18
CLOCK
Serial
Input
Clock input. Data is clocked serially into either the 20-bit primary register (E_WR
“low”) or the 8-bit enhancement register (E_WR “high”) on the rising edge of
CLOCK.
M6
Direct
Input
M Counter bit6
19
M7
Direct
Input
M Counter bit7
20
M8
Direct
Input
M Counter bit8 (MSB)
21
A0
Direct
Input
A Counter bit0
22
DMODE
Both
Input
Selects direct interface mode (DMODE=1) or serial interface mode (DMODE=0)
23
VDD
Both
(Note 1)
Same as pin 1
24
E_WR
Serial
Input
Enhancement register write enable. While E_WR is “high”, DATA can be serially
clocked into the enhancement register on the rising edge of CLOCK.
A1
Direct
Input
A Counter bit1.
25
A2
Direct
Input
A Counter bit2
26
A3
Direct
Input
A Counter bit3 (MSB)
27
FIN
Both
Input
RF prescaler input from the VCO. 3.0 GHz maximum frequency.
28
GND
Both
Ground.
29
GND
Both
Ground.
30
N/C
No connect.
31
VDD
Both
(Note 1)
Same as pin 1
32
DOUT
Serial
Output
Data Out. The Main Counter output, R Counter output, or dual modulus prescaler
select (MSEL) can be routed to DOUT through enhancement register programming.
33
VDD
Both
(Note 1)
Same as pin 1
34
N/C
No connect.
35
GND
Both
Ground.
36
PD_
D
Both
Output
PD_
D pulses down when f
p leads fc.
37
PD_
U
Both
PD_
U pulses down when f
c leads fp.
38
VDD
Both
(Note 1)
Same as pin 1
39
CEXT
Both
Output
Logical “NAND” of PD_
U and PD_D, passed through an on-chip, 2 kΩ series
resistor. Connecting CEXT to an external capacitor will low pass filter the input to the
inverting amplifier used for driving LD.
40
GND
Both
Ground
41
GND
Both
Ground
42
FR
Both
Input
Reference frequency input
43
ENH
Both
Output, OD
Enhancement mode. When asserted low (“0”), enhancement register bits are
functional.
44
LD
Serial
Output
Lock detect output, the open-drain logical inversion of CEXT. When the loop is
locked, LD is high impedance; otherwise LD is a logic low (“0”).
Note 1:
VDD pins 1, 11, 12, 23, 31, 33, 35, and 38 are connected by diodes and must be supplied with the same positive voltage level.
Note 2:
All digital input pins have 70 k
Ω pull-down resistors to ground.
Pin No.
Pin Name
Interface Mode
Type
Description


Similar Part No. - 9704-00

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
9704-00 PEREGRINE-9704-00 Datasheet
253Kb / 11P
   3.0 GHz Integer-N PLL for Rad Hard Apllications
More results

Similar Description - 9704-00

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE9702 PEREGRINE-PE9702_06 Datasheet
260Kb / 13P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor
PE9704 PSEMI-PE9704 Datasheet
248Kb / 10P
   3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PE9702 PSEMI-PE9702 Datasheet
263Kb / 13P
   3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor...
PE9701 PEREGRINE-PE9701 Datasheet
280Kb / 13P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor
PE9701 PSEMI-PE9701 Datasheet
287Kb / 13P
   3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor...
PE97022 PEREGRINE-PE97022 Datasheet
355Kb / 14P
   3500 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor
PE97042 PSEMI-PE97042 Datasheet
461Kb / 11P
   3.5 GHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PE97022 PSEMI-PE97022 Datasheet
561Kb / 14P
   3.5 GHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PE9601 PSEMI-PE9601 Datasheet
490Kb / 14P
   2200 MHz UltraCMOS Integer-N PLL for Rad Hard Applications
logo
Peregrine Semiconductor...
PE9601 PEREGRINE-PE9601 Datasheet
258Kb / 14P
   2200 MHz UltraCMOS??Integer-N PLL for Rad Hard Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com