Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE42693DTI Datasheet(PDF) 3 Page - Peregrine Semiconductor Corp.

Part # PE42693DTI
Description  SP9T UltraCMOS 2.75 V Switch 100 - 3000 MHz, 68 dBm IIP3
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE42693DTI Datasheet(HTML) 3 Page - Peregrine Semiconductor Corp.

  PE42693DTI Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE42693DTI Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE42693DTI Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE42693DTI Datasheet HTML 4Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Product Brief
PE42693
Page 3 of 4
Document No. 70-0231-01
│ www.psemi.com
©2007 Peregrine Semiconductor Corp. All rights reserved.
Contact sales@psemi.com for full version of datasheet
RX2
GND
5
6
RX3
GND
7
8
RX4
GND
9
10
TRX2
GND
24
23
TX1
GND
22
21
TX2
GND
20
19
TRX3
2
GND
1
RX1
GND
3
4
11
12
13
17
18
TRX1
GND
26
14
15
16
28
29
30
31
27
25
ANT
ANT
ANT
ANT
ANT
Electrostatic Discharge (ESD) Precautions
When handling this UltraCMOS™ device, observe
the same precautions that you would use with other
ESD-sensitive devices. Although this device
contains circuitry to protect it from damage due to
ESD, precautions should be taken to avoid
exceeding the specified rating.
Latch-Up Avoidance
Unlike conventional CMOS devices, UltraCMOS™
devices are immune to latch-up.
Table 5. Truth Table
Table 6. Ordering Information
Table 4. Pin Descriptions
Figure 4. Pad Configuration (Top View)
Notes: 6. GND traces should be physically short and connected to
ground plane for best performance.
7. Blocking capacitors needed only when non-zero DC
voltage present.
8. Application must ensure at least 40 dB of voltage isolation
from the RF signal.
9. Redundant antenna pads for flexible impedance matching.
Pad #
Pad Name
Description
1
TRX37
RF I/O – TRX3
2
GND6
Ground
3
RX17
RF I/O – RX1
4
GND6
Ground
5
RX27
RF I/O – RX2
6
GND6
Ground
7
RX37
RF I/O – RX3
8
GND6
Ground
9
RX47
RF I/O – RX4
10
GND6
Ground
11
V18
Switch control input, CMOS logic level
12
GND6
Ground
13
V28
Switch control input, CMOS logic level
14
V38
Switch control input, CMOS logic level
15
GND6
Ground
16
V48
Switch control input, CMOS logic level
17
VDD8
Supply
18
GND6
Ground
19
GND6
Ground
20
TX27
RF I/O – TX2
21
GND6
Ground
22
TX17
RF I/O – TX1
23
GND6
Ground
24
TRX27
RF I/O – TRX2
25
GND6
Ground
26
TRX17
RF I/O – TRX1
27
ANT9
RF Common – Antenna
28
ANT9
RF Common – Antenna
29
ANT9
RF Common – Antenna
30
ANT9
RF Common – Antenna
31
ANT9
RF Common – Antenna
Path
V4
V3
V2
RX1-ANT
0
0
0
RX2-ANT
0
0
0
RX3-ANT
0
0
1
RX4-ANT
0
0
1
TX1-ANT
0
1
0
TX2-ANT
0
1
1
TRX1-ANT
1
1
0
TRX2-ANT
0
1
0
TRX3-ANT
1
0
0
V1
0
1
0
1
1
0
0
0
1
ALL Off
Note
Note
Note
Note
Note:
All unused logic states will turn all RF ports off.
Order Code
Package
Shipping Method
PE42693DTI
Wafer on Film Frame
Wafer (Gross Die / Wafer Quantity)
PE42693DBI
Die in Waffle Pack
238 Dice / Waffle Pack
EK-42693-01
Evaluation Kit
1/ box


Similar Part No. - PE42693DTI

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4269 PASTERNACK-PE4269 Datasheet
231Kb / 3P
   SMB Jack Connector Clamp - Solder Attachment For RG178, RG196
PE4269 PASTERNACK-PE4269 Datasheet
338Kb / 4P
   SMB Jack Connector Clamp/Solder Attachment
PE4269 PASTERNACK-PE4269_16 Datasheet
338Kb / 4P
   SMB Jack Connector Clamp/Solder Attachment
More results

Similar Description - PE42693DTI

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE42671 PEREGRINE-PE42671 Datasheet
129Kb / 4P
   SP7T UltraCMOS 2.75 V Switch 100 - 3000 MHz, 68 dBm IIP3
PE42672 PEREGRINE-PE42672 Datasheet
171Kb / 4P
   SP7T UltraCMOS??2.75 V Switch 100 - 3000 MHz, 68 dBM IIP3
PE42612 PEREGRINE-PE42612 Datasheet
157Kb / 4P
   SP4T UltraCMOS 2.6 V Switch 100 - 3000 MHz
PE4268 PEREGRINE-PE4268 Datasheet
307Kb / 11P
   SP6T UltraCMOS??2.6 V Switch 100 - 3000 MHz
PE4261 PEREGRINE-PE4261 Datasheet
160Kb / 4P
   SP4T UltraCMOS??2.6 V Switch 100 - 3000 MHz
PE4263 PEREGRINE-PE4263 Datasheet
149Kb / 4P
   SP6T UltraCMOS??2.6 V Switch 100 - 3000 MHz
PE42632 PEREGRINE-PE42632 Datasheet
125Kb / 4P
   SP6T UltraCMOS 2.70 V Switch 100 - 3000 MHz,50ohm
logo
Peregrine Semiconductor
PE613010 PSEMI-PE613010 Datasheet
290Kb / 8P
   UltraCMOS SPST Tuning Control Switch, 100-3000 MHz
PE613050 PSEMI-PE613050 Datasheet
319Kb / 8P
   UltraCMOS SP4T Tuning Control Switch, 100-3000 MHz
logo
Peregrine Semiconductor...
PE4271 PEREGRINE-PE4271 Datasheet
300Kb / 8P
   SPST CATV UltraCMOS??Switch DC - 3000 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com