Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA6322T Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TEA6322T
Description  Sound fader control circuit
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6322T Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TEA6322T Datasheet HTML 2Page - NXP Semiconductors TEA6322T Datasheet HTML 3Page - NXP Semiconductors TEA6322T Datasheet HTML 4Page - NXP Semiconductors TEA6322T Datasheet HTML 5Page - NXP Semiconductors TEA6322T Datasheet HTML 6Page - NXP Semiconductors TEA6322T Datasheet HTML 7Page - NXP Semiconductors TEA6322T Datasheet HTML 8Page - NXP Semiconductors TEA6322T Datasheet HTML 9Page - NXP Semiconductors TEA6322T Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
1995 Dec 19
6
Philips Semiconductors
Preliminary specification
Sound fader control circuit
TEA6322T
The last section of the circuit is the volume II block. The
balance and fader functions are performed using the same
control blocks. This is realized by 4 independently
controllable attenuators, one for each output. The control
range of these attenuators is 55 dB in steps of 1 dB with an
additional mute step.
The circuit provides 3 mute modes:
1. Zero crossing mode mute via I2C-bus using
2 independent zero crossing detectors
(ZCM, see Tables 2 and 9).
2. Fast mute via MUTE pin.
3. Fast mute via I2C-bus either by general mute (GMU,
see Tables 2 and 9) or volume II block setting
(see Table 4).
The mute function is performed immediately if ZCM is
cleared (ZCM = 0). If the bit is set (ZCM = 1) the mute is
activated after changing the GMU bit. The actual mute
switching is delayed until the next zero crossing of the
audio frequency signal. As the two audio channels (left and
right) are independent, two comparators are built-in to
control independent mute switches.
To avoid a large delay of mute switching when very low
frequencies are processed or the output signal amplitude
is lower than the DC offset voltage a second I2C-bus
transmission is needed. Both transmissions have the
same data and the second transmission a delay time of
e.g. 100 ms. The first transmission starts the zero cross
circuit, but second transmission moves the mute switch
immediately if the circuit has no zero cross detected.
The mute function can also be controlled externally. If the
mute pin is switched to ground all outputs are muted
immediately (except the outputs volume left and right (OVL
and OVR) and hardware mute). This mute request
overwrites all mute controls via the I2C-bus for the time the
pin is held LOW. The hardware mute position is not stored
in the TEA6322T.
The MUTE pin can also be used as output. The mute pin
voltage is LOW when all outputs are in mute position.
For the turn on/off behaviour the following explanation is
generally valid. To avoid AF output caused by the input
signal coming from preceding stages, which produces
output during drop of VCC, the mute has to be set, before
the VCC will drop. This can be achieved by I2C-bus control
or by grounding the MUTE pin.
For use where is no mute in the application before turn off,
a supply voltage drop of more than 1
× VBE will result in a
mute during the voltage drop.
The power supply should include a VCC buffer capacitor,
which provides a discharging time constant. If the input
signal does not disappear after turn off the input will
become audible after certain time. A 4.7 k
Ω resistor
discharges the VCC buffer capacitor, because the internal
current of the IC does not discharge it completely.
The hardware mute function is favourable for use in Radio
Data System (RDS) applications. The zero crossing mute
avoids modulation plops. This feature is an advantage for
mute during changing presets and/or sources (e.g. traffic
announcement during cassette playback).
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Human body model: C = 100 pF; R = 1.5 k
Ω; V ≥ 2 kV. Charge device model: C = 200 pF; R = 0 Ω; V ≥ 500 V.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage
0
10
V
Vn
voltage at pins 1, 2 and 5 to 40
to pins 3 and 4
0VCC
V
Tamb
operating ambient temperature
−40
+85
°C
Tstg
storage temperature
−65
+150
°C
Ves
electrostatic handling
note 1


Similar Part No. - TEA6322T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA6320 PHILIPS-TEA6320 Datasheet
252Kb / 40P
   Sound fader control circuit
1995 Dec 19
TEA6320T PHILIPS-TEA6320T Datasheet
252Kb / 40P
   Sound fader control circuit
1995 Dec 19
TEA6321 PHILIPS-TEA6321 Datasheet
247Kb / 36P
   Sound fader control circuit
1995 Dec 19
TEA6321T PHILIPS-TEA6321T Datasheet
247Kb / 36P
   Sound fader control circuit
1995 Dec 19
TEA6323 PHILIPS-TEA6323 Datasheet
229Kb / 36P
   Sound fader control circuit
1995 Dec 20
More results

Similar Description - TEA6322T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA6320 PHILIPS-TEA6320 Datasheet
252Kb / 40P
   Sound fader control circuit
1995 Dec 19
TEA6300 PHILIPS-TEA6300 Datasheet
180Kb / 22P
   Sound fader control circuit
May 1990
TEA6323T PHILIPS-TEA6323T Datasheet
229Kb / 36P
   Sound fader control circuit
1995 Dec 20
TEA6321 PHILIPS-TEA6321 Datasheet
247Kb / 36P
   Sound fader control circuit
1995 Dec 19
TEA6330T PHILIPS-TEA6330T Datasheet
158Kb / 19P
   Sound fader control circuit for car radios
January 1992
logo
Princeton Technology Co...
PT2318 PTC-PT2318 Datasheet
51Kb / 3P
   Sound Fader Controller IC
logo
NXP Semiconductors
TEA6324T PHILIPS-TEA6324T Datasheet
250Kb / 36P
   Sound control circuit
1997 Mar 13
logo
Princeton Technology Co...
PT2318 PTC-PT2318_10 Datasheet
480Kb / 28P
   Sound Fader Controller IC
logo
Intersil Corporation
EL4094 INTERSIL-EL4094 Datasheet
491Kb / 12P
   Video Gain Control/Fader
logo
Elantec Semiconductor
EL4094C ELANTEC-EL4094C Datasheet
311Kb / 12P
   Video Gain Control/Fader
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com