Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA6323 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TEA6323
Description  Sound fader control circuit
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6323 Datasheet(HTML) 5 Page - NXP Semiconductors

  TEA6323 Datasheet HTML 1Page - NXP Semiconductors TEA6323 Datasheet HTML 2Page - NXP Semiconductors TEA6323 Datasheet HTML 3Page - NXP Semiconductors TEA6323 Datasheet HTML 4Page - NXP Semiconductors TEA6323 Datasheet HTML 5Page - NXP Semiconductors TEA6323 Datasheet HTML 6Page - NXP Semiconductors TEA6323 Datasheet HTML 7Page - NXP Semiconductors TEA6323 Datasheet HTML 8Page - NXP Semiconductors TEA6323 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
1995 Dec 20
5
Philips Semiconductors
Preliminary specification
Sound fader control circuit
TEA6323T
FUNCTIONAL DESCRIPTION
The source selector allows either the source selection
between the differential stereo input (IAL, IAR and COM)
and three stereo inputs, or selection of four stereo inputs
and the mono input (COM). The maximum input signal
voltage is Vi(rms) = 2 V. The outputs of the source selector
and the inputs of the following volume control parts are
available at pins 13 and 11 for the left channel and pins 28
and 30 for the right channel. This offers the possibility of
interfacing a noise reduction system.
The volume control part is following the source selector.
The signal phase from input volume control part to all
outputs is 180
°.
Fig.2 Pin configuration.
handbook, halfpage
TEA6323T
MHA257
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
TL
OUTLF
OUTLR
AGND
DGND
ICL
i.c.
IDL
IAL
i.c.
IBL
COM
QSL
IVL
ILL
OVL
B1L
B2L
MUTE
SDA
ICR
IDR
Vref
IAR
IBR
CAP
QSR
ILR
IVR
B1R
OVR
i.c.
B2R
TR
OUTRF
OUTRR
VCC
SCL
n.c.
n.c.
The volume control function is split into two sections:
volume I control block and volume II control block.
The control range of volume I is between +20 dB and
−31 dB in steps of 1 dB. The volume II control range is
between 0 dB and
−55 dB in steps of 1 dB. Although the
theoretical possible control range is 106 dB
(+20 to
−86 dB), in practice a range of 86 dB
(+20 to
−66 dB) is recommended. The gain/attenuation
setting of the volume I control block is common for both
channels.
The volume I control block operates in combination with
the loudness control. The filter is linear when the maximum
gain for the volume I control (+20 dB) is selected. The filter
characteristic increases automatically over a range of
32 dB down to a setting of
−12 dB. That means the
maximum filter characteristic is obtained at
−12 dB setting
of volume I. Further reduction of the volume does not
further influence the filter characteristic (see Fig.5). The
maximum selected filter characteristic is determined by
external components. The proposed application gives a
maximum boost of 17 dB for bass and 4.5 dB for treble.
The loudness may be switched on or off via I2C-bus control
(see Table 7).
The volume I control block has an output pin and is
followed by the bass control block. An external filter for
each channel in combination with internal resistors,
provides the frequency response of the bass control (see
Fig.3). The adjustable range is between
−18 and +18 dB in
steps of 1.8 dB at 46 Hz.
Both, loudness and bass control result in a maximum bass
boost of 35 dB for low volume settings.
The treble control block offers a control range between
−12 and +12 dB in steps of 1.5 dB at 15 kHz. The filter
characteristic is determined by a single capacitor of 5.6 nF
for each channel in combination with internal resistors
(see Fig.4).
The basic step width of treble control is 3 dB. The
intermediate steps are obtained by switching 1.5 dB boost
and 1.5 dB attenuation steps.
The bass and treble control functions can be switched off
via I2C-bus. In this event the internal signal flow is
disconnected. The connections B2L and B2R are outputs
and TL and TR are inputs for inserting an external
equalizer.


Similar Part No. - TEA6323

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA6320 PHILIPS-TEA6320 Datasheet
252Kb / 40P
   Sound fader control circuit
1995 Dec 19
TEA6320T PHILIPS-TEA6320T Datasheet
252Kb / 40P
   Sound fader control circuit
1995 Dec 19
TEA6321 PHILIPS-TEA6321 Datasheet
247Kb / 36P
   Sound fader control circuit
1995 Dec 19
TEA6321T PHILIPS-TEA6321T Datasheet
247Kb / 36P
   Sound fader control circuit
1995 Dec 19
TEA6322 PHILIPS-TEA6322 Datasheet
230Kb / 36P
   Sound fader control circuit
1995 Dec 19
More results

Similar Description - TEA6323

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA6320 PHILIPS-TEA6320 Datasheet
252Kb / 40P
   Sound fader control circuit
1995 Dec 19
TEA6322T PHILIPS-TEA6322T Datasheet
230Kb / 36P
   Sound fader control circuit
1995 Dec 19
TEA6300 PHILIPS-TEA6300 Datasheet
180Kb / 22P
   Sound fader control circuit
May 1990
TEA6321 PHILIPS-TEA6321 Datasheet
247Kb / 36P
   Sound fader control circuit
1995 Dec 19
TEA6330T PHILIPS-TEA6330T Datasheet
158Kb / 19P
   Sound fader control circuit for car radios
January 1992
logo
Princeton Technology Co...
PT2318 PTC-PT2318 Datasheet
51Kb / 3P
   Sound Fader Controller IC
logo
NXP Semiconductors
TEA6324T PHILIPS-TEA6324T Datasheet
250Kb / 36P
   Sound control circuit
1997 Mar 13
logo
Princeton Technology Co...
PT2318 PTC-PT2318_10 Datasheet
480Kb / 28P
   Sound Fader Controller IC
logo
Intersil Corporation
EL4094 INTERSIL-EL4094 Datasheet
491Kb / 12P
   Video Gain Control/Fader
logo
Elantec Semiconductor
EL4094C ELANTEC-EL4094C Datasheet
311Kb / 12P
   Video Gain Control/Fader
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com