Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA6323 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TEA6323
Description  Sound fader control circuit
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6323 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TEA6323 Datasheet HTML 5Page - NXP Semiconductors TEA6323 Datasheet HTML 6Page - NXP Semiconductors TEA6323 Datasheet HTML 7Page - NXP Semiconductors TEA6323 Datasheet HTML 8Page - NXP Semiconductors TEA6323 Datasheet HTML 9Page - NXP Semiconductors TEA6323 Datasheet HTML 10Page - NXP Semiconductors TEA6323 Datasheet HTML 11Page - NXP Semiconductors TEA6323 Datasheet HTML 12Page - NXP Semiconductors TEA6323 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
1995 Dec 20
9
Philips Semiconductors
Preliminary specification
Sound fader control circuit
TEA6323T
Vi(rms)
maximum input voltage
(RMS value)
THD
< 0.5%
2.15
V
Vno
noise output voltage
CCIR468-2 weighted;
quasi peak
Gv =20dB
110
220
µV
Gv =0dB
33
50
µV
Gv = −66 dB
13
22
µV
mute position
10
−µV
CRtot
total continuous control range
106
dB
recommended control range
86
dB
Gstep
step resolution
1
dB
step error between any adjoining
step
−−
0.5
dB
∆G
a
attenuator set error
Gv = +20 to −50 dB
−−
2dB
Gv = −51 to −66 dB
−−
3dB
∆Gt
gain tracking error
Gv = +20 to −50 dB
−−
2dB
MUTEatt
mute attenuation
see Fig.9
100
110
dB
Voffset
DC step offset between any
adjoining step
Gv =0to −66 dB
0.2
10
mV
Gv =20to0dB
215
mV
DC step offset between any step to
mute
Gv =0to −66 dB
−−
10
mV
Gv =20to0dB
−−
40
mV
Gv =0to −31 dB;
loudness on
−−
17
mV
Volume I control and loudness
CRvol
continuous volume control range
51
dB
Gv
voltage gain
−31
+20
dB
Gstep
step resolution
1
dB
LBmax
maximum loudness boost
loudness on; referred to
loudness off; boost is
determined by external
components
f = 40 Hz
17
dB
f = 10 kHz
4.5
dB
Bass control
Gbass
bass control, maximum boost
f = 46 Hz
16
18
19
dB
maximum attenuation
f = 46 Hz
16
18
19
dB
Gstep
step resolution (toggle switching)
f = 46 Hz
1.8
dB
step error between any adjoining
step
f = 46 Hz
−−
0.5
dB
Voffset
DC step offset in any bass position
−−
20
mV
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TEA6323

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA6320 PHILIPS-TEA6320 Datasheet
252Kb / 40P
   Sound fader control circuit
1995 Dec 19
TEA6320T PHILIPS-TEA6320T Datasheet
252Kb / 40P
   Sound fader control circuit
1995 Dec 19
TEA6321 PHILIPS-TEA6321 Datasheet
247Kb / 36P
   Sound fader control circuit
1995 Dec 19
TEA6321T PHILIPS-TEA6321T Datasheet
247Kb / 36P
   Sound fader control circuit
1995 Dec 19
TEA6322 PHILIPS-TEA6322 Datasheet
230Kb / 36P
   Sound fader control circuit
1995 Dec 19
More results

Similar Description - TEA6323

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA6320 PHILIPS-TEA6320 Datasheet
252Kb / 40P
   Sound fader control circuit
1995 Dec 19
TEA6322T PHILIPS-TEA6322T Datasheet
230Kb / 36P
   Sound fader control circuit
1995 Dec 19
TEA6300 PHILIPS-TEA6300 Datasheet
180Kb / 22P
   Sound fader control circuit
May 1990
TEA6321 PHILIPS-TEA6321 Datasheet
247Kb / 36P
   Sound fader control circuit
1995 Dec 19
TEA6330T PHILIPS-TEA6330T Datasheet
158Kb / 19P
   Sound fader control circuit for car radios
January 1992
logo
Princeton Technology Co...
PT2318 PTC-PT2318 Datasheet
51Kb / 3P
   Sound Fader Controller IC
logo
NXP Semiconductors
TEA6324T PHILIPS-TEA6324T Datasheet
250Kb / 36P
   Sound control circuit
1997 Mar 13
logo
Princeton Technology Co...
PT2318 PTC-PT2318_10 Datasheet
480Kb / 28P
   Sound Fader Controller IC
logo
Intersil Corporation
EL4094 INTERSIL-EL4094 Datasheet
491Kb / 12P
   Video Gain Control/Fader
logo
Elantec Semiconductor
EL4094C ELANTEC-EL4094C Datasheet
311Kb / 12P
   Video Gain Control/Fader
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com