Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70EPF04 Datasheet(PDF) 5 Page - International Rectifier

Part # 70EPF04
Description  FAST SOFT RECOVERY RECTIFIER DIODE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

70EPF04 Datasheet(HTML) 5 Page - International Rectifier

  70EPF04 Datasheet HTML 1Page - International Rectifier 70EPF04 Datasheet HTML 2Page - International Rectifier 70EPF04 Datasheet HTML 3Page - International Rectifier 70EPF04 Datasheet HTML 4Page - International Rectifier 70EPF04 Datasheet HTML 5Page - International Rectifier 70EPF04 Datasheet HTML 6Page - International Rectifier 70EPF04 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
70EPF.. QUIET
IR Series
Bulletin I2154 rev. C 12/02
www.irf.com
Fig.14-ThermalImpedanceZthJCCharacteristics
Fig.10-RecoveryChargeCharacteristics,T
J
=25°C
SquareWavePulseDuration(s)
RateOfFallOf ForwardCurrent-dI/dt(A/µs)
RateOfFallOf ForwardCurrent-dI/dt(A/µs)
Fig.11-RecoveryChargeCharacteristics,T
J
=150°C
RateOfFallOf ForwardCurrent-dI/dt(A/µs)
RateOfFallOf ForwardCurrent-dI/dt(A/µs)
Fig.12-RecoveryCurrentCharacteristics,T
J
=25°C
Fig.13-RecoveryCurrentCharacteristics,T
J
=150°C
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
10 20 30 40 50 60 70 80 90 100
1 A
5 A
10 A
30 A
70EPF.. Series
T = 25 ˚C
J
I
= 70 A
FM
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
10 20 30 40 50 60 70 80 90 100
1 A
5 A
10 A
30 A
I
= 70 A
FM
70EPF.. Series
T = 150 ˚C
J
0
2
4
6
8
10
12
14
10 20 30 40 50 60 70 80 90 100
1 A
5 A
10 A
70EPF.. Series
T = 25 ˚C
J
30 A
I
= 70 A
FM
1
10
100
10 20 30 40 50 60 70 80 90 100
I
= 70 A
FM
30 A
10 A
5 A
1 A
70EPF.. Series
T = 150˚C
J
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
Steady State Value
(DC Operation)
Single Pulse
D = 0.50
D = 0.33
D = 0.25
D = 0.17
D = 0.08
70EPF.. Series


Similar Part No. - 70EPF04

ManufacturerPart #DatasheetDescription
logo
International Rectifier
70EPF10 IRF-70EPF10 Datasheet
148Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
70EPF10J IRF-70EPF10J Datasheet
148Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
70EPF12 IRF-70EPF12 Datasheet
148Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
70EPF12J IRF-70EPF12J Datasheet
148Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
More results

Similar Description - 70EPF04

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20ETF02 IRF-20ETF02 Datasheet
196Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
80EPF10 IRF-80EPF10 Datasheet
175Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
30EPF06PBF IRF-30EPF06PBF Datasheet
212Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE
10ETF10FP IRF-10ETF10FP Datasheet
179Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
10ETF06SPBF IRF-10ETF06SPBF Datasheet
229Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE
logo
Inchange Semiconductor ...
10ETF02S ISC-10ETF02S Datasheet
265Kb / 2P
   Fast Soft Recovery Rectifier Diode
10ETF12 ISC-10ETF12 Datasheet
263Kb / 2P
   Fast Soft Recovery Rectifier Diode
logo
International Rectifier
60EPF06 IRF-60EPF06 Datasheet
149Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE
85EPF IRF-85EPF Datasheet
144Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
10ETF02 IRF-10ETF02 Datasheet
217Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
85EPF02 IRF-85EPF02 Datasheet
142Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com