Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70EPF04 Datasheet(PDF) 7 Page - International Rectifier

Part # 70EPF04
Description  FAST SOFT RECOVERY RECTIFIER DIODE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

70EPF04 Datasheet(HTML) 7 Page - International Rectifier

  70EPF04 Datasheet HTML 1Page - International Rectifier 70EPF04 Datasheet HTML 2Page - International Rectifier 70EPF04 Datasheet HTML 3Page - International Rectifier 70EPF04 Datasheet HTML 4Page - International Rectifier 70EPF04 Datasheet HTML 5Page - International Rectifier 70EPF04 Datasheet HTML 6Page - International Rectifier 70EPF04 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
70EPF.. QUIET
IR Series
Bulletin I2154 rev. C 12/02
www.irf.com
Ordering Information Table
70
E
P
F
06
J
Device Code
1
5
24
3
1
-
Current Rating
2
-
Circuit Configuration:
E
= Single Diode
3
-
Package:
P
= TO-247AC
4
-
Type of Silicon:
F
= Fast Recovery
5
-
Voltage code: Code x 100 = V
RRM
(*)
6
-
none = PowIRtabTMstandard
65
J
= Short Lead Version6
02 = 200V
04 = 400V
06 = 600V
6
(*)
for higher voltage up to 1600V contact factory
Base Cathode
1
Anode
2
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 12/02
Data and specifications subject to change without notice.
This product has been designed and qualified for Industrial Level.
Qualification Standards can be found on IR's Web site.


Similar Part No. - 70EPF04

ManufacturerPart #DatasheetDescription
logo
International Rectifier
70EPF10 IRF-70EPF10 Datasheet
148Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
70EPF10J IRF-70EPF10J Datasheet
148Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
70EPF12 IRF-70EPF12 Datasheet
148Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
70EPF12J IRF-70EPF12J Datasheet
148Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
More results

Similar Description - 70EPF04

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20ETF02 IRF-20ETF02 Datasheet
196Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
80EPF10 IRF-80EPF10 Datasheet
175Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
30EPF06PBF IRF-30EPF06PBF Datasheet
212Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE
10ETF10FP IRF-10ETF10FP Datasheet
179Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
10ETF06SPBF IRF-10ETF06SPBF Datasheet
229Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE
logo
Inchange Semiconductor ...
10ETF02S ISC-10ETF02S Datasheet
265Kb / 2P
   Fast Soft Recovery Rectifier Diode
10ETF12 ISC-10ETF12 Datasheet
263Kb / 2P
   Fast Soft Recovery Rectifier Diode
logo
International Rectifier
60EPF06 IRF-60EPF06 Datasheet
149Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE
85EPF IRF-85EPF Datasheet
144Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
10ETF02 IRF-10ETF02 Datasheet
217Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
85EPF02 IRF-85EPF02 Datasheet
142Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com