Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA6360T Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TEA6360T
Description  5-band stereo equalizer circuit
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6360T Datasheet(HTML) 2 Page - NXP Semiconductors

  TEA6360T Datasheet HTML 1Page - NXP Semiconductors TEA6360T Datasheet HTML 2Page - NXP Semiconductors TEA6360T Datasheet HTML 3Page - NXP Semiconductors TEA6360T Datasheet HTML 4Page - NXP Semiconductors TEA6360T Datasheet HTML 5Page - NXP Semiconductors TEA6360T Datasheet HTML 6Page - NXP Semiconductors TEA6360T Datasheet HTML 7Page - NXP Semiconductors TEA6360T Datasheet HTML 8Page - NXP Semiconductors TEA6360T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
May 1991
2
Philips Semiconductors
Preliminary specification
5-band stereo equalizer circuit
TEA6360
FEATURES
• Monolithic integrated 5-band stereo equalizer circuit
• Five filters for each channel
• Centre frequency, bandwidth and maximum boost/cut
defined by external components
• Choise for variable or constant Q-factor via I2C software
• Defeat mode
• All stages are DC-coupled
• I2C-bus control for all functions
• Two different modul addresses programmable.
GENERAL DESCRIPTION
The 5-band stereo equalizer is an 12C-bus controlled tone
processor for application in car radio sets, TV sets and
music centres. It offers the possibility of sound control as
well as equalization of sound pressure behaviour of
different rooms or loudspeakers, especially in cars.
QUICK REFERENCE DATA
ORDERING INFORMATION
Notes
1. SOT232; SOT232-1; 1996 August 08.
2. SOT287; SOT287-1; 1996 August 08.
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
Vp
supply voltage (pin 14)
7
8.5
13.2
V
Ip
supply current
24.5
mA
V1,32
input voltage range
2.1 to
VP−1
V
Vo
maximum output signal level
-
(RMS value, pins 13 and 20)
1.1
V
Gv
total signal gain, all filters linear
−0.5
0dB
B
−1 dB frequency response (linear)
0 to 20
−−
kHz
Tamb
operating ambient temperature
−40
85
°C
EXTENDED
TYPE NUMBER
PACKAGE
PINS
PIN POSITION
MATERIAL
CODE
TEA6360(1)
32
shrink DIL
plastic
SOT232
TEA6360/T(2)
32
mini-pack
plastic
SOT287


Similar Part No. - TEA6360T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA6300 PHILIPS-TEA6300 Datasheet
180Kb / 22P
   Sound fader control circuit
May 1990
TEA6300T PHILIPS-TEA6300T Datasheet
180Kb / 22P
   Sound fader control circuit
May 1990
TEA6320 PHILIPS-TEA6320 Datasheet
252Kb / 40P
   Sound fader control circuit
1995 Dec 19
TEA6320T PHILIPS-TEA6320T Datasheet
252Kb / 40P
   Sound fader control circuit
1995 Dec 19
TEA6321 PHILIPS-TEA6321 Datasheet
247Kb / 36P
   Sound fader control circuit
1995 Dec 19
More results

Similar Description - TEA6360T

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
SG6 RFSOLUTIONS-SG6 Datasheet
720Kb / 2P
   77 Band Graphic Equalizer (Stereo)
logo
Toshiba Semiconductor
TA2062F TOSHIBA-TA2062F Datasheet
290Kb / 7P
   5 BAND GRAPHIC EQUALIZER
TA7796P TOSHIBA-TA7796P Datasheet
338Kb / 8P
   5 BAND GRAPHIC EQUALIZER
logo
Sanyo Semicon Device
LA3600 SANYO-LA3600 Datasheet
169Kb / 6P
   5-Band Graphic Equalizer
logo
NTE Electronics
NTE1215 NTE-NTE1215 Datasheet
79Kb / 2P
   Integrated Circuit Stereo Equalizer Amplifier
logo
Rohm
BA3822LS ROHM-BA3822LS Datasheet
96Kb / 5P
   5-channel stereo graphic equalizer
logo
rfsolutions.ltd
SG3 RFSOLUTIONS-SG3 Datasheet
716Kb / 2P
   77 Band Graphic Equalizer (Stereo)
SG5 RFSOLUTIONS-SG5 Datasheet
705Kb / 2P
   66 Band Graphic Equalizer (Stereo)
logo
Samsung semiconductor
KA2223 SAMSUNG-KA2223 Datasheet
188Kb / 4P
   5-BAND GRAPHIC EQUALIZER AMPLIFIER
logo
Freescale Semiconductor...
DSP56001 FREESCALE-DSP56001 Datasheet
1Mb / 36P
   DIGITAL STEREO 10-BAND GRAPHIC EQUALIZER USING THE DSP56001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com