Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1008PS-153K Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 1008PS-153K
Description  Inductors for xDSL Filters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1008PS-153K Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  1008PS-153K Datasheet HTML 1Page - List of Unclassifed Manufacturers 1008PS-153K Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1008PS Inductors for xDSL Filters
Document 240-1
Coilcraft’s new 1008PS Series is ideal for use in a variety of
filters, including the data separation filters used in VDSL and
ISDN/ADSL implementations.
They measure just 2.74 mm high and have very low DC
resistance to reduce insertion loss. The specially designed
ferrite cover provides magnetic shielding and the best
possible surface for pick and place handling.
Coilcraft offers reference designs for various xDSL filters
using these and other surface mount components. We can
also provide several complete low pass and band pass filter
modules in space-saving SIP configurations.
Coilcraft Designer’s Kit C141 contains six samples each of
the standard parts shown. To order, contact Coilcraft or visit
http://order.coilcraft.com.
Specifications subject to change without notice.
Document 240-1
Revised 03/27/03
1. Specify packaging code:
1008PS-105K
C
Packaging:
C =7
″ machine-ready reel. EIA-481 embossed plastic tape
(750 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter C instead.
D =13
″ machine-ready reel. EIA-481 embossed plastic tape.
Factory order only, not stocked (2500 parts per full reel).
2. Inductance measured at 100 kHz, 0.1 Vrms, using Coilcraft SMD-A fixture in
Agilent/HP 4263B impedance analyzer.
3. Q measured on Agilent/HP 4291 with Agilent/HP 16193 test fixture.
4. DCR measured on micro-ohmmeter and Coilcraft CCF840 test fixture.
5. SRF measured using Agilent/HP 8753D network analyzer and Coilcraft
SMD-D test fixture.
6. DC current at which the inductance drops 10% (typ) from its value without
current.
7. Average current for a 40°C rise above 25°C ambient.
8. Operating temperature range
−40°C to +85°C.
9. Electrical specifications at 25°C.
See Qualification Standards section for environmental and test data.
DCR4
SRF5
Part
L ±10%2 Q min3
max
typ
Isat6 Irms7
1number1
(µH)
@ 1 MHz (Ohms) (MHz)
(A)
(A)
1008PS-102K_
1.0
35
0.05
344
3.0
2.00
1008PS-152K_
1.5
35
0.06
260
2.8
2.00
1008PS-182K_
1.8
35
0.09
225
2.1
1.90
1008PS-272K_
2.7
38
0.14
185
1.3
1.60
1008PS-392K_
3.9
38
0.26
175
1.2
1.20
1008PS-472K_
4.7
38
0.35
160
1.0
1.10
1008PS-562K_
5.6
38
0.36
150
1.0
0.90
1008PS-682K_
6.8
38
0.58
120
0.84
0.80
1008PS-103K_
10
38
0.92
105
0.78
0.72
1008PS-153K_
15
38
1.15
35
0.70
0.60
1008PS-223K_
22
40
1.40
26
0.65
0.55
1008PS-333K_
33
45
1.61
20
0.51
0.50
1008PS-393K_
39
45
1.85
16
0.45
0.47
1008PS-473K_
47
45
2.5
19
0.40
0.42
1008PS-683K_
68
45
3.8
12
0.31
0.32
1008PS-823K_
82
45
4.3
9.0
0.30
0.30
1008PS-104K_
100
45
5.8
7.0
0.30
0.30
1008PS-124K_
120
50
6.3
7.0
0.25
0.28
1008PS-154K_
150
50
7.5
5.8
0.22
0.26
1008PS-224K_
220
55
10.0
10.0
0.22
0.21
1008PS-334K_
330
55
11.5
3.8
0.20
0.19
1008PS-474K_
470
55
16.3
3.1
0.16
0.18
1008PS-564K_
560
55
18.1
2.8
0.13
0.15
1008PS-684K_
680
55
24.0
2.5
0.12
0.14
1008PS-824K_
820
45
26.0
1.5
0.10
0.12
1008PS-105K_
1000
45
29.0
2.0
0.10
0.11


Similar Part No. - 1008PS-153K

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1008PS-153KL COILCRAFT-1008PS-153KL Datasheet
227Kb / 2P
   Power Chip Inductors
1008PS-153KL COILCRAFT-1008PS-153KL Datasheet
261Kb / 2P
   Shielded High SRF Inductors
1008PS-153KLB COILCRAFT-1008PS-153KLB Datasheet
213Kb / 2P
   Shielded High SRF Inductors - 1008PS
1008PS-153KLC COILCRAFT-1008PS-153KLC Datasheet
213Kb / 2P
   Shielded High SRF Inductors - 1008PS
1008PS-153KLD COILCRAFT-1008PS-153KLD Datasheet
250Kb / 2P
   Shielded High SRF Inductors 1008PS
More results

Similar Description - 1008PS-153K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ZCYS TDK-ZCYS Datasheet
51Kb / 2P
   Common Mode Filters(SMD) For xDSL
logo
Coilcraft lnc.
1812DPS COILCRAFT-1812DPS Datasheet
220Kb / 2P
   Coupled Inductors for xDSL
logo
Rhombus Industries Inc.
L-286 RHOMBUS-IND-L-286 Datasheet
58Kb / 1P
   xDSL Inductors
L-286 RHOMBUS-IND-L-286_00 Datasheet
59Kb / 1P
   xDSL Inductors
logo
Coilcraft lnc.
DW3316 COILCRAFT-DW3316_15 Datasheet
251Kb / 1P
   DW3316 Coupled Inductors for xDSL
DW3316-155ML COILCRAFT-DW3316-155ML Datasheet
165Kb / 1P
   DW3316 Coupled Inductors for xDSL
logo
EPCOS
B82803 EPCOS-B82803 Datasheet
259Kb / 5P
   xDSL splitter transformers EP 7 core inductors
logo
Rhombus Industries Inc.
T-1188G RHOMBUS-IND-T-1188G Datasheet
41Kb / 1P
   xDSL Transformer
logo
XFMRS Inc.
XF0144-EP16S XFMRS-XF0144-EP16S Datasheet
56Kb / 1P
   XDSL TRANSFORMER
logo
LinkCom Manufacturing C...
LAL0562-80 LINKCOM-LAL0562-80 Datasheet
67Kb / 1P
   xDSL Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com