Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

110E1G48S416PB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 110E1G48S416PB
Description  Mechanical Encoder
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

110E1G48S416PB Datasheet(HTML) 1 Page - Vishay Siliconix

  110E1G48S416PB Datasheet HTML 1Page - Vishay Siliconix 110E1G48S416PB Datasheet HTML 2Page - Vishay Siliconix 110E1G48S416PB Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Mechanical Encoder
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 57089
136
Revision: 05-Aug-04
110E
Vishay Spectrol
FEATURES
• Cost Effective - Eliminates A/D Converters
• High Resolution - Up to 36 Positions
• Stability - Operating Range of - 40°C to + 105°C
• Variability - Horizontal and Vertical Mounting
The Model 110E is a 7/8” square mechanical encoder which
provides a 2 - bit grey code for relative reference and a 4 - bit
grey code for absolute reference applications.
Manually
operated it has a rotational life of 100,000 shaft revolutions,
a positive dentent feel and can be combined with a second
modular section in a concentric - shaft construction. Its small
size makes it suitable for panel-mounted applications where
the need for costly front - panel displays can be completely
eliminated.
DIMENSIONS in inches
0.343
+ 0.002
0.250 - 0.001
3/8 - 32 UNEF - 2A
0.250
0.320
0.100 TYP
0.100 (2X)
0.615
0.830
± 0.005
SQUARE
0.625
TYPE “B” MTG
WITH BRACKET
0.245
0.050
(2X)
0.250
0.300
0.600
Ø.047
(7X)
0.100 (2X)
0.900
0.450
0.343
0.156
PC TERMINALS
TYPE C - 30
SOLDER HOOK
TERMINALS
(ON 0.200 SPACING)
0.100
0.200
REF
0.156
0.363
Ø.047
0.450 (2X)
0.320
(2X)
0.600
(2X)
0.100 (2X)
0.100 TYP
0.100 (2X)
0.020 X 0.025 THK
0.830
± 0.005
SQUARE
0.415
1 4 2 G8
± 0.005
0.068
± 0.005
0.047
0.218
0.375
0.005/0.010 R
0.060
0.047 Ø
SUGGESTED
0.206
± 0.010
SUGGESTED
TYPE “C” MTG
WITH BRACKET
FLATTED SHAFT
3/4”, 7/8”, F.M.S.
SHAFT DIMENSIONS
PC TERMINALS
TYPE B - 110
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
1
G2
STEP
2 - BIT, 36 - POSITION
INCREMENTAL OUTPUT
2 - BIT
16 POS.
2 - BIT
24 POS.
2 - BIT
36 POS.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
STEP
4 - BIT
16 POS.
4 - BITS, 6 - POSITION
INCREMENTAL OUTPUT
14
2
G
8
Output Codes
At start position, step 1, is
with shaft flat at 12 o’ clock
position when looking at
shaft end with terminals down.


Similar Part No. - 110E1G48S416PB

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
110 CTS-110 Datasheet
957Kb / 3P
   Commercial 3/4inch (19mm) Diameter, 1 1/2 and 2 watt Wirewound Variable Resistor
logo
SUNMATE electronic Co.,...
110 SUNMATE-110 Datasheet
110Kb / 2P
   1.3 Watts Axial Leaded Zener Diodes
logo
Marl International Limi...
110-000-01-50 MARL-110-000-01-50 Datasheet
203Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
110-000-04-50 MARL-110-000-04-50 Datasheet
203Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
110-000-04-51 MARL-110-000-04-51 Datasheet
203Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
More results

Similar Description - 110E1G48S416PB

ManufacturerPart #DatasheetDescription
logo
CUI INC
ACZ16 CUI-ACZ16_10 Datasheet
106Kb / 3P
   mechanical incremental encoder
ACZ09 CUI-ACZ09 Datasheet
126Kb / 3P
   MECHANICAL INCREMENTAL ENCODER
ACZ11 CUI-ACZ11 Datasheet
189Kb / 3P
   mechanical incremental encoder
ACZ16 CUI-ACZ16_V01 Datasheet
428Kb / 4P
   MECHANICAL INCREMENTAL ENCODER
07/14/2020
ACZ11 CUI-ACZ11_V01 Datasheet
357Kb / 4P
   MECHANICAL INCREMENTAL ENCODER
06/15/2020
ACZ09 CUI-ACZ09_V01 Datasheet
274Kb / 4P
   MECHANICAL INCREMENTAL ENCODER
08/10/2021
logo
Grayhill, Inc
20SG2AC-G2AC-P GRAYHILL-20SG2AC-G2AC-P Datasheet
194Kb / 1P
   Compact mechanical encoder with concentric shafts
logo
Wurth Elektronik GmbH &...
482009514001 WURTH-482009514001 Datasheet
613Kb / 8P
   WS-ENTV Mechanical Incremental Encoder Switch
002.001
logo
Honeywell Solid State E...
510E1A48F204PB HONEYWELL-510E1A48F204PB Datasheet
50Kb / 2P
   510 Series Encoder, Mechanical 4 pulse/rev/channel 2-bit Gray code
logo
Bourns Electronic Solut...
PES12_MDS BOURNS-PES12_MDS Datasheet
343Kb / 2P
   ENCODER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com