Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP2A200LCS Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP2A200LCS
Description  Light Modulation, Reflective Type Photointerrupter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2A200LCS Datasheet(HTML) 2 Page - Sharp Corporation

  GP2A200LCS Datasheet HTML 1Page - Sharp Corporation GP2A200LCS Datasheet HTML 2Page - Sharp Corporation GP2A200LCS Datasheet HTML 3Page - Sharp Corporation GP2A200LCS Datasheet HTML 4Page - Sharp Corporation GP2A200LCS Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GP2A200LCS
s Electro-optical Characteristics
4.75
5.25
0.4
4.5
Parameter
MIN.
TYP.
MAX.
Conditions
(Ta=25˚C)
VCC=5V, RL
=∞, smoothing value
VCC
=5V, IOL=16mA, at detecting time
VCC=5V, RL
=1kΩ, at non-detecting time
Kodak 90% reflective paper, VCC=5V
Black paper, VCC=5V
Kodak 90% reflective paper, VCC=5V
Black paper, VCC=5V
VCC=5V
VCC=5V, peak pulse value
Kodak 90% reflective paper, VCC=5V
*3
*4
*4
*4
*4
*4
*5
VCC=5V
*5
22.0
15.0
30
150
90.0
2.0
5.0
1.0
1.0
Supply voltage
Low level output voltage
High level output voltage
Non-detecting distance
Detecting distance
Response time
Dissipation current (I)
Dissipation current (II)
External disturbing light illuminance
VCC
ICC
ICCP
VOL
VOH
LLHL
LHLS
LHLL
LHLS
LHLL
tPHL
tPLH
Symbol
EV1
EV2
*6
*6
V
mA
mA
V
V
mm
mm
mm
ms
ms
mm
mm
Unit
lx
lx
3 000
1 500
*3 Refer to Fig.1
*4 Refer to Fig.2
*5 Refer to Fig.3
*6 Refer to Fig.4
Fig.1 Test Condition for Peak Pulse Value ICCP
VO
GND
tW
tP
V
ICCP=Vr/1Ω
tW (TYP.)=8µs
tP (TYP.)=130µs
VCC=5V
RL=1kΩ
GP2A200LCS
R
=1Ω


Similar Part No. - GP2A200LCS

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2A200LCS0F SHARP-GP2A200LCS0F Datasheet
151Kb / 10P
   Detecting Distance : 2 to 22mm OPIC Output, Refl ective Photointerrupter with Connector
GP2A200LCSCF SHARP-GP2A200LCSCF Datasheet
151Kb / 10P
   Detecting Distance : 2 to 22mm OPIC Output, Refl ective Photointerrupter with Connector
More results

Similar Description - GP2A200LCS

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2A11 SHARP-GP2A11 Datasheet
116Kb / 4P
   LIGHT MODULATION REFLECTIVE TYPE OPIC PHOTOINTERRUPTER
GP2A25 SHARP-GP2A25 Datasheet
41Kb / 3P
   Light Modulation, Reflection Type Photointerrupter
GP2A20 SHARP-GP2A20 Datasheet
46Kb / 3P
   Light Modulation, Long Focal Distance Type OPIC Photointerrupter
logo
KODENSHI_AUK CORP.
KIR1004S KODENSHI-KIR1004S Datasheet
141Kb / 2P
   Photointerrupter(Reflective)
logo
Hamamatsu Corporation
S4289-61 HAMAMATSU-S4289-61 Datasheet
199Kb / 4P
   Light modulation photo IC Asynchronous type light modulation
logo
Sharp Corporation
GP2S29 SHARP-GP2S29 Datasheet
67Kb / 5P
   Long Focal Distance, Reflective Type Photointerrupter
logo
Unity Opto Technology
MIR-3306-TC11 UOT-MIR-3306-TC11 Datasheet
231Kb / 9P
   SMD Type Reflective Photo Sensor Subminiature Photointerrupter
MIR-3307-TC11 UOT-MIR-3307-TC11 Datasheet
230Kb / 9P
   SMD Type Reflective Photo Sensor Subminiature Photointerrupter
logo
Sharp Corporation
GP2S60 SHARP-GP2S60 Datasheet
88Kb / 6P
   Subminiature, Reflective Type Photointerrupter for Automatic Mounting
logo
Hamamatsu Corporation
P6448 HAMAMATSU-P6448 Datasheet
116Kb / 2P
   Light modulation photoreflector
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com