Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPC-USS-ABD-1 Datasheet(PDF) 4 Page - DOMINANT Semiconductors

Part # NPC-USS-ABD-1
Description  SPNovaLED InGaN Cyan : 1 Watt
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

NPC-USS-ABD-1 Datasheet(HTML) 4 Page - DOMINANT Semiconductors

  NPC-USS-ABD-1 Datasheet HTML 1Page - DOMINANT Semiconductors NPC-USS-ABD-1 Datasheet HTML 2Page - DOMINANT Semiconductors NPC-USS-ABD-1 Datasheet HTML 3Page - DOMINANT Semiconductors NPC-USS-ABD-1 Datasheet HTML 4Page - DOMINANT Semiconductors NPC-USS-ABD-1 Datasheet HTML 5Page - DOMINANT Semiconductors NPC-USS-ABD-1 Datasheet HTML 6Page - DOMINANT Semiconductors NPC-USS-ABD-1 Datasheet HTML 7Page - DOMINANT Semiconductors NPC-USS-ABD-1 Datasheet HTML 8Page - DOMINANT Semiconductors NPC-USS-ABD-1 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
24/08/2006 V1.0
4
SPNovaLED InGaN Cyan : 1 Watt
DOMINANT TM
Semiconductors
Innovating Illumination
Wavelength Vs Forward Current
Forward Current, mA
0
200
400
600
0
0.2
0.4
0.6
0.8
1
1.2
1.4
Relative Flux Vs Forward Current
Forward Current, mA
0
200
400
600
0
0.2
0.4
0.6
0.8
1
1.2
1.4
Forward Current Vs Forward Voltage
Forward Voltage, V
2
2.5
3
3.5
4
4.5
0
100
200
300
400
500
Forward Current Vs Ambient Temperature
Ambient Temperature
0
20
40
60
80
100
0
50
100
150
200
250
300
350
400
Forward Current Vs Temperature
Temperature
0
20
40
60
80
100
0
50
100
150
200
250
300
350
400
Wavelength Vs Forward Current
Forward Current, mA
0
200
400
600
800
1000
469
469.5
470
470.5
471
Relative Intensity Vs Forward Current
Forward Current, mA
0
20
40
60
80
100
0
0.5
1
1.5
2
2.5
Forward Current Vs Forward Voltage
Forward Voltage, V
2.5
3
3.5
4
4.5
0
10
20
30
40
50
60
Maximum Current Vs Temperature
Ambient Temperature
0
10 20 30 40 50 60 70 80 90 100
0
5
10
15
20
25
30
35
Dominant Wavelength Vs Forward Current
Forward Current, mA
0
10
20
30
40
50
60
515
520
525
530
535
540
Dominant Wavelength Vs Forward Current
Forward Current, mA
0
10
20
30
40
50
60
495
500
505
510
515
Dominant Wavelength Vs Forward Current
Forward Current, mA
0
10
20
30
40
50
60
464
465
466
467
468
469
470
Forward Current Vs Ambient Temperature (Rja=40KW)
Forward Current Vs Solder Point Temperature
Solder Point Temperature


Similar Part No. - NPC-USS-ABD-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NPC-100 ETC2-NPC-100 Datasheet
149Kb / 4P
   NovaSensor Disposable Medical Pressure Sensors
logo
Amphenol Corporation
NPC-100 AMPHENOL-NPC-100 Datasheet
109Kb / 4P
   Solid state, high reliability
NPC-100-T AMPHENOL-NPC-100-T Datasheet
109Kb / 4P
   Solid state, high reliability
logo
List of Unclassifed Man...
NPC-1101 ETC2-NPC-1101 Datasheet
170Kb / 1P
   Snagless cat5e patch cords
NPC-1102 ETC2-NPC-1102 Datasheet
170Kb / 1P
   Snagless cat5e patch cords
More results

Similar Description - NPC-USS-ABD-1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
NPB-USS DOMINANT-NPB-USS Datasheet
586Kb / 13P
   SPNovaLED InGaN Blue : 1 Watt
NPT-USS-ADE-1 DOMINANT-NPT-USS-ADE-1 Datasheet
584Kb / 13P
   SPNovaLED InGaN True Green :1 Watt
N2B-CSS-TU1-1 DOMINANT-N2B-CSS-TU1-1 Datasheet
561Kb / 12P
   SPNovaLED InGaN : 50mA
NPR-MSS-AAB-1 DOMINANT-NPR-MSS-AAB-1 Datasheet
492Kb / 12P
   AlInGaP : SPNovaLED-1 Watt (400mA)
NPW-USD-AAC-1 DOMINANT-NPW-USD-AAC-1 Datasheet
589Kb / 14P
   SPNovaLED InGaN White: 350 mA
NPW-TSD-ADE-1 DOMINANT-NPW-TSD-ADE-1 Datasheet
499Kb / 14P
   SPNovaLED InGaN White High Lumens : 350 mA
NPF-TSD-ABD-1 DOMINANT-NPF-TSD-ABD-1 Datasheet
499Kb / 14P
   SPNovaLED InGaN Warm White High Lumens : 350 mA
logo
OptoSupply Internationa...
OSG3XAE1E1E OPTOSUPPLY-OSG3XAE1E1E Datasheet
109Kb / 1P
   Xeon 1 Power Cyan LED
logo
DOMINANT Semiconductors
NMRTB-USS-1 DOMINANT-NMRTB-USS-1 Datasheet
549Kb / 13P
   SPNovaLED
NPR-SSS-WX2-1 DOMINANT-NPR-SSS-WX2-1 Datasheet
533Kb / 12P
   AlInGaP : SPNovaLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com