Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA6880H Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TEA6880H
Description  Up-level Car radio Analog Signal Processor CASP
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6880H Datasheet(HTML) 3 Page - NXP Semiconductors

  TEA6880H Datasheet HTML 1Page - NXP Semiconductors TEA6880H Datasheet HTML 2Page - NXP Semiconductors TEA6880H Datasheet HTML 3Page - NXP Semiconductors TEA6880H Datasheet HTML 4Page - NXP Semiconductors TEA6880H Datasheet HTML 5Page - NXP Semiconductors TEA6880H Datasheet HTML 6Page - NXP Semiconductors TEA6880H Datasheet HTML 7Page - NXP Semiconductors TEA6880H Datasheet HTML 8Page - NXP Semiconductors TEA6880H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 88 page
background image
2000 May 08
3
Philips Semiconductors
Product specification
Up-level Car radio Analog Signal
Processor (CASP)
TEA6880H
1
FEATURES
1.1
General
• I2C-bus compatible
• Digital alignment/adjustment via I2C-bus:
– FM noise blanker sensitivity
– FM stereo noise canceller
– FM High Cut Control (HCC)
– FM stereo separation.
• FM audio processing hold for RDS updating; holds the
detectors for the FM weak signal processing in their
present state
• FM bandwidth limiting; limits the bandwidth of the FM
audio signal with external capacitors
• AM stereo input; AM stereo audio can be fed in at the
pins for the de-emphasis capacitors; this will provide
8 dB of gain to the AM audio.
1.2
Stereo decoder and noise blanking
• FM stereo decoder
• Accepts FM multiplex signal and AM audio at input
• Pilot detector and pilot canceller
• De-emphasis selectable between 75 and 50 µs
• AM noise blanker: impulse noise detector and an audio
hold.
1.3
Weak signal processing
• FM weak signal processing: six signal condition
detectors, soft mute, stereo noise canceller (blend), and
High Cut Control (roll-off).
1.4
Audio pre-amplifier
• Source selector for 6 sources: 2 stereo inputs external
(A and B), 1 symmetrical stereo input (C), 1 symmetrical
mono input (D), 1 internal stereo input (AM or FM), and
1 chime/diagnostic mono input
• Volume 1 control from +20 to −56 dB in 1 dB steps;
programmable 20 dB loudness control included
• Volume 2 control from 0 to −56 dB in 1 dB steps, −56,
−58.5, −62, −68 dB and mute
• Programmable loudness control with bass boost as well
as bass and treble boost
• Treble control from −14 to +14 dB in 2 dB steps
• Bass control from −18 to +18 dB in 2 dB steps with
selectable characteristic
• Analog Step Interpolation (ASI) minimizes pops by
smoothing out the transitions in the audio signal when a
switch is made
• Audio Blend Control (ABC) minimizes pops by
automatically incrementing the volume and loudness
controls through each step between their present
settings and the new settings
• Rear Seat Audio (RSA) can select different sources for
the front and rear speakers
• Chime input: can be sent to any audio output, at any
volume level
• Chime adder circuit: chime input can also be summed
with left front and/or right front audio, or be turned off.
2
GENERAL DESCRIPTION
The TEA6880H is a monolithic bipolar integrated circuit
providing the stereo decoder function and ignition noise
blanking facility combined with source selector and
tone/volume control for AM/FM car radio applications. The
device operates with a power supply voltage range of
7.8 to 9.2 V and a typical current consumption of 40 mA.
3
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TEA6880H
QFP64
plastic quad flat package; 64 leads (lead length 1.95 mm);
body 14
× 20 × 2.8 mm
SOT319-2


Similar Part No. - TEA6880H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA6886 PHILIPS-TEA6886 Datasheet
376Kb / 92P
   Up-level Car radio Analog Signal Processor CASP
2000 Nov 21
TEA6886HL PHILIPS-TEA6886HL Datasheet
376Kb / 92P
   Up-level Car radio Analog Signal Processor CASP
2000 Nov 21
More results

Similar Description - TEA6880H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA6886HL PHILIPS-TEA6886HL Datasheet
376Kb / 92P
   Up-level Car radio Analog Signal Processor CASP
2000 Nov 21
logo
STMicroelectronics
TDA7404DTR STMICROELECTRONICS-TDA7404DTR Datasheet
632Kb / 35P
   Car radio signal processor
December 2008 Rev 2
TDA7461 STMICROELECTRONICS-TDA7461 Datasheet
1Mb / 30P
   CAR RADIO SIGNAL PROCESSOR
TDA7404 STMICROELECTRONICS-TDA7404_08 Datasheet
632Kb / 35P
   Car radio signal processor
TDA7406T STMICROELECTRONICS-TDA7406T Datasheet
823Kb / 49P
   CAR RADIO SIGNAL PROCESSOR
TDA7402 STMICROELECTRONICS-TDA7402_07 Datasheet
971Kb / 71P
   Car radio signal processor
TDA7416 STMICROELECTRONICS-TDA7416_11 Datasheet
448Kb / 37P
   Car radio signal processor
TDA7460N STMICROELECTRONICS-TDA7460N Datasheet
227Kb / 31P
   CAR RADIO SIGNAL PROCESSOR
TDA7461N STMICROELECTRONICS-TDA7461N_03 Datasheet
360Kb / 32P
   CAR RADIO SIGNAL PROCESSOR
TDA7461N STMICROELECTRONICS-TDA7461N Datasheet
229Kb / 31P
   CAR RADIO SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com