Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJA1010 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TJA1010
Description  Octal Low Side Driver OLSD
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TJA1010 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TJA1010 Datasheet HTML 2Page - NXP Semiconductors TJA1010 Datasheet HTML 3Page - NXP Semiconductors TJA1010 Datasheet HTML 4Page - NXP Semiconductors TJA1010 Datasheet HTML 5Page - NXP Semiconductors TJA1010 Datasheet HTML 6Page - NXP Semiconductors TJA1010 Datasheet HTML 7Page - NXP Semiconductors TJA1010 Datasheet HTML 8Page - NXP Semiconductors TJA1010 Datasheet HTML 9Page - NXP Semiconductors TJA1010 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1998 Feb 09
6
Philips Semiconductors
Preliminary specification
Octal Low Side Driver (OLSD)
TJA1010
Other features
When using several OLSDs, input control and diagnostics
can be provided, as described above, without spending
further microcontroller pins by cascading, i.e. connecting
the SO pin of one OLSD to the SI pin of the following
OLSD.
A standby input (STBY) pin allows the off state current
consumption in the OLSD to be minimized. Thus the OLSD
can be connected permanently to a battery.
A power-on reset ensures a defined off state for all drivers
when the device is switched on i.e. by switching on the
power supply or by activating the device via the STBY pin.
Thus the STBY input can also be used as a reset pin.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1. The amount of Eclamp per output can NOT be added if outputs are used in parallel. Thus, if two or more outputs are
used in parallel it can handle the Eclamp of one output.
2. Defined for tclamp = 1 ms.
3. Defined for tclamp = 5 ms.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDD
supply voltage
continuous
0
25
V
transient
0
50
V
Vn
input voltage at pins SI, SCL and SIE
0
5.5
V
VI(STBY)
input voltage at pin STBY
0
7
V
Vo(STAT)
output voltage at pins STATOL and
STATSC
018
V
Vo(SO)
output voltage at pin SO
0
18
V
Io
output current
internally limited
Io(con)
continuous output current
Tj = 135 °C
−0.2
+0.2
A
Tj =95 °C
−0.3
+0.3
A
Iclamp(rep)
repetitive inductive turn-off current per
output
Tj = 135 °C; note 1
see Fig.5
A
Eclamp(rep)
repetitive inductive turn-off energy per
output
Tj =95 °C; notes 1 and 2
5mJ
Eclamp(nrep)
non-repetitive inductive turn-off
energy per output
Tj =95 °C; notes 1 and 3
60
mJ
Tvj
virtual junction temperature
−40
+135
°C
Tstg
storage temperature
−55
+150
°C
Vesd
electrostatic handling
human body model
3kV
machine model
300
V


Similar Part No. - TJA1010

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1020 PHILIPS-TJA1020 Datasheet
105Kb / 24P
   LIN transceiver
2002 Jul 17
TJA1020 PHILIPS-TJA1020 Datasheet
129Kb / 22P
   LIN transceiver
2004 Jan 13
TJA1020T PHILIPS-TJA1020T Datasheet
105Kb / 24P
   LIN transceiver
2002 Jul 17
TJA1020T PHILIPS-TJA1020T Datasheet
129Kb / 22P
   LIN transceiver
2004 Jan 13
TJA1020T-CM118 PHILIPS-TJA1020T-CM118 Datasheet
189Kb / 21P
   High-speed CAN transceiver Rev. 6 ??25 March 2011
Rev. 6-25 March 2011
More results

Similar Description - TJA1010

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7240 ONSEMI-NCV7240_16 Datasheet
233Kb / 27P
   Octal Low-Side Relay Driver
September, 2016 ??Rev. 8
NCV7240 ONSEMI-NCV7240_17 Datasheet
235Kb / 27P
   Octal Low-Side Relay Driver
November, 2017 ??Rev. 11
NCV7240DPR2G ONSEMI-NCV7240DPR2G Datasheet
278Kb / 26P
   Octal Low-Side Relay Driver
July, 2013 ??Rev. 3
NCV7754 ONSEMI-NCV7754_17 Datasheet
385Kb / 27P
   Octal Low-Side Relay Driver
November, 2017 ??Rev. 2
NCV7754 ONSEMI-NCV7754 Datasheet
373Kb / 26P
   Octal Low-Side Relay Driver
February, 2015 ??Rev. 1
NCV7608 ONSEMI-NCV7608 Datasheet
305Kb / 27P
   Octal Configurable Low/High Side Driver
June, 2013 ??Rev. 3
NCV7608 ONSEMI-NCV7608_17 Datasheet
257Kb / 27P
   Octal Configurable Low/High Side Driver
February, 2017 ??Rev. 4
logo
STMicroelectronics
VN808CM STMICROELECTRONICS-VN808CM Datasheet
286Kb / 14P
   LOW THRESHOLD OCTAL HIGH SIDE DRIVER
L9848 STMICROELECTRONICS-L9848 Datasheet
207Kb / 18P
   OCTAL CONFIGURABLE LOW/HIGH SIDE DRIVER
L9301 STMICROELECTRONICS-L9301 Datasheet
763Kb / 51P
   Automotive octal low side driver or quad low side plus quad high side driver
April 2016 Rev 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com