Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME1117CCBTZ Datasheet(PDF) 1 Page - Analog Microelectronics

Part # AME1117CCBTZ
Description  1A Low Dropout Positive Voltage Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME1117CCBTZ Datasheet(HTML) 1 Page - Analog Microelectronics

  AME1117CCBTZ Datasheet HTML 1Page - Analog Microelectronics AME1117CCBTZ Datasheet HTML 2Page - Analog Microelectronics AME1117CCBTZ Datasheet HTML 3Page - Analog Microelectronics AME1117CCBTZ Datasheet HTML 4Page - Analog Microelectronics AME1117CCBTZ Datasheet HTML 5Page - Analog Microelectronics AME1117CCBTZ Datasheet HTML 6Page - Analog Microelectronics AME1117CCBTZ Datasheet HTML 7Page - Analog Microelectronics AME1117CCBTZ Datasheet HTML 8Page - Analog Microelectronics AME1117CCBTZ Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
AME, Inc.
Rev.S.02
1
AME1117
1A Low Dropout
Positive Voltage Regulator
n Typical Application
n Functional Block Diagram
l Low Dropout Voltage ----- 1.4V at 1A
l Adjustable or Fixed Voltages:
1.8V, 2.5V, 3.3V, 5.0V
l Adjust Pin Current Less than 120
µA
l Overcurrent Protection
l Thermal Protection
The AME1117 is a 1A low-dropout positive voltage regu-
lator. It is available in fixed and adjustable output voltage
versions. Overcurrent and thermal protection are integrated
onto the chip. Output current will limit as while it reaches
the pre-set current or temperature limit. The dropout volt-
age is specified at 1.4V Maximum at full rated output
current. The AME1117 series provides excellent regula-
tion over line, load and temperature variations.
l High Efficiency Linear Regulators
l Post Regulators for Switching Supplies
l 5V to 3.3V Voltage Converter
l Battery Charger
n General Description
n Features
n Applications
Thermal
Protection
Bandgap
Reference
Current
Limiting
Amplifier
Input
Output
ADJ/COM
Error
Amp.
AME1117
Load
10
µF Tan
GND
V
OUT
V
IN
10
µF Tan
l All AME's Lead Free Products Meet RoHS
Standards
l Available in TO-220, TO-252, SOT-223


Similar Part No. - AME1117CCBTZ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME1117CCBT AME-AME1117CCBT Datasheet
128Kb / 15P
   1A Low Dropout Positive Voltage Regulator
More results

Similar Description - AME1117CCBTZ

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
   1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117BCW12 TSC-TS1117BCW12 Datasheet
247Kb / 7P
   1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Torex Semiconductor
XB1117 TOREX-XB1117_15 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
E-CMOS Corporation
EC50117S E-CMOS-EC50117S Datasheet
548Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117E HSMC-H1117E Datasheet
44Kb / 4P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com