Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8847AEGT180Z Datasheet(PDF) 6 Page - Analog Microelectronics

Part # AME8847AEGT180Z
Description  800mA CMOS LDO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8847AEGT180Z Datasheet(HTML) 6 Page - Analog Microelectronics

Back Button AME8847AEGT180Z Datasheet HTML 2Page - Analog Microelectronics AME8847AEGT180Z Datasheet HTML 3Page - Analog Microelectronics AME8847AEGT180Z Datasheet HTML 4Page - Analog Microelectronics AME8847AEGT180Z Datasheet HTML 5Page - Analog Microelectronics AME8847AEGT180Z Datasheet HTML 6Page - Analog Microelectronics AME8847AEGT180Z Datasheet HTML 7Page - Analog Microelectronics AME8847AEGT180Z Datasheet HTML 8Page - Analog Microelectronics AME8847AEGT180Z Datasheet HTML 9Page - Analog Microelectronics AME8847AEGT180Z Datasheet HTML 10Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AME, Inc.
6
Rev.A.01
800mA CMOS LDO
AME8847
The AME8847 of CMOS regulators contains a PMOS
pass transistor, voltage reference, error amplifier, over-
current protection, and thermal shutdown.
The P-channel pass transistor receives data from the
error amplifier, over-current shutdown, and thermal pro-
tection circuits. During normal operation, the error ampli-
fier compares the output voltage to a precision reference.
Over-current and Thermal shutdown circuits become ac-
tive when the junction temperature exceeds 150oC, or
the current exceeds 900mA. During thermal shutdown,
the output voltage remains low. Normal operation is re-
stored when the junction temperature drops below 120oC.
The AME8847 switches from voltage mode to current
mode when the load exceeds the rated output current.
This prevents over-stress. The AME8847 also incorpo-
rates current foldback to reduce power dissipation when
the output is short circuited. This feature becomes active
when the output drops below 0.8 volts, and reduces the
current flow by 65%. Full current is restored when the
voltage exceeds 0.8 volts.
n Detailed Description
n External Capacitors
The AME8847 is stable with an output capacitor to
ground of 2.2
µF or greater. Ceramic capacitors have the
lowest ESR, and will offer the best AC performance. Con-
versely, Aluminum Electrolytic capacitors exhibit the high-
est ESR, resulting in the poorest AC response. Unfortu-
nately, large value ceramic capacitors are comparatively
expensive. One option is to parallel a 0.1
µF ceramic ca-
pacitor with a 10
µF Aluminum Electrolytic. The benefit is
low ESR, high capacitance, and low overall cost.
A second capacitor is recommended between the in-
put and ground to stabilize Vin. The input capacitor should
be at least 0.1
µF to have a beneficial effect.
All capacitors should be placed in close proximity to
the pins. A "Quiet" ground termination is desirable. This
can be achieved with a "Star" connection.


Similar Part No. - AME8847AEGT180Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8840 AME-AME8840 Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8840AEEV AME-AME8840AEEV Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8840BEEV AME-AME8840BEEV Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8840CEEV AME-AME8840CEEV Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8840DEEV AME-AME8840DEEV Datasheet
114Kb / 14P
   300mA CMOS LDO
More results

Similar Description - AME8847AEGT180Z

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L1188 UTC-L1188_10 Datasheet
152Kb / 6P
   800mA CMOS LDO
L1188 UTC-L1188_12 Datasheet
160Kb / 4P
   800mA CMOS LDO
L1188 UTC-L1188 Datasheet
152Kb / 6P
   800mA CMOS LDO
logo
ELM Technology Corporat...
ELM85301HA-S ELM-TECH-ELM85301HA-S Datasheet
137Kb / 12P
   CMOS 800mA LDO voltage regulator
logo
Microchip Technology
TC1264 MICROCHIP-TC1264 Datasheet
448Kb / 12P
   800mA Fixed Output CMOS LDO
2002
logo
Will Semiconductor Ltd.
WL2803K WILLSEMI-WL2803K Datasheet
732Kb / 10P
   Ultra low dropout, 800mA, CMOS LDO
WL2803D WILLSEMI-WL2803D Datasheet
768Kb / 9P
   Ultra low dropout, 800mA, CMOS LDO
logo
ELM Technology Corporat...
ELM85 ELM-TECH-ELM85_17 Datasheet
992Kb / 14P
   CMOS 600mA/800mA LDO voltage regulator
logo
ELM Electronics
ELM85 ELM-ELM85 Datasheet
1Mb / 14P
   CMOS 600mA/800mA LDO voltage regulator
logo
ELM Technology Corporat...
ELM85-SERIES ELM-TECH-ELM85-SERIES Datasheet
973Kb / 14P
   CMOS 600mA/800mA LDO voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com