Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN221E04-QFPSP Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AN221E04-QFPSP
Description  Dynamically Reconfigurable FPAA With Enhanced I/O
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AN221E04-QFPSP Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AN221E04-QFPSP Datasheet HTML 4Page - List of Unclassifed Manufacturers AN221E04-QFPSP Datasheet HTML 5Page - List of Unclassifed Manufacturers AN221E04-QFPSP Datasheet HTML 6Page - List of Unclassifed Manufacturers AN221E04-QFPSP Datasheet HTML 7Page - List of Unclassifed Manufacturers AN221E04-QFPSP Datasheet HTML 8Page - List of Unclassifed Manufacturers AN221E04-QFPSP Datasheet HTML 9Page - List of Unclassifed Manufacturers AN221E04-QFPSP Datasheet HTML 10Page - List of Unclassifed Manufacturers AN221E04-QFPSP Datasheet HTML 11Page - List of Unclassifed Manufacturers AN221E04-QFPSP Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
AN221E04 Datasheet – Dynamically Reconfigurable FPAA With Enhanced I/O
DS030100-U006a
- 8 -
Input Differential Chopper Amplifier on and filter OFF
Parameter
Symbol
Min
Typ
Max
Unit
Comment
Input Range
Vina
Vdiffina
See analog input above
Usable input range will be reduced
by the effective gain setting
Gain Setting
Ginamp
16
-
128
Gain Accuracy
-
1.0
2.5
%
Gain Drift, (Temperature, Supply
Voltage and Time)
-
-
1.0
%
Chopper Frequency Clock Range
Fch
Fc/260100
-
>250
KHz
Fc = master clock frequency
Set Fch as slow as possible
Fch > 250KHz will result in some
signal attenuation
Equivalent Input Offset Voltage
Vos
-
<100
200
µV
Chopper stabilized amplifier
The maximum value of 200µV is
guaranteed by production test
This is a tester limitation
Offset Voltage Temperature
Coefficient
Voffsettc
-
0.5
2.0
µV/°C
from -40°C to 125°C
Power Supply Rejection Ratio
PSRR
65
-
-
dB
d.c.
a.c. See graphs on page 18
Common Mode Rejection Ratio
CMRR
-
102
-
dB
Large Signal Harmonic Distortion
Dist
-
-40
-
dB
0.4v p-p Differential input at
660Hz
Gain setting = 16
Input Frequency
Fain
0
Fch/20
Fch/2
KHz
Fch=Chopper clock frequency
The chopper frequency and
input frequency should be
chosen such that subsequent
low pass filtering can remove the
chopper stage frequency
elements
Input Resistance
Rin
10
-
Mohm
Input to filter or chopper
Input Capacitance
Cin
-
5.0
pF
Input Referred Noise Figure
NF
-
0.09
-
µV/sqrtHz
Input cell Gain = 16
Applies to Audio frequency
range Chopper clock Fch =
250KHz
See graphical data on page 18
Signal-to Noise Ratio and
Distortion
SINAD
-
75
-
dB
Input signal = 285 mV p-p
differential,
Audio frequency range
See graphical data on page 18
Spurious Free Dynamic Range
SFDR
-
74
-
dB
Input signal =100 mV p-p
differential
See graphical data on page 18
Input Differential Amplifier OFF and filter ON
Parameter
Symbol
Min
Typ
Max
Unit
Comment
Input Range
Vina
Vdiffina
See analog input above
Equivalent Input Offset
Vos
-
8
32
mV
Non-chopper stabilized input,
Filter corner frequency =470KHz
Offset Voltage Temperature
Coefficient
Voffsettc
-
0.05 I
1.0 II
mV/°C
from -40°C to 125°C
I. measured at filter corner=470Khz
II. maximum at Filter corner=76KHz
Input Frequency
Fain
-
-
-
MHz
Input filter frequency will define the
maximum frequency
Input filter is recommended to be
>30x higher than the max input
frequency, for 80dB distortion
performance


Similar Part No. - AN221E04-QFPSP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN221 ETC2-AN221 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Seoul Semiconductor
AN2210 SEOUL-AN2210 Datasheet
530Kb / 16P
   Acriche series
logo
List of Unclassifed Man...
AN2210S ETC-AN2210S Datasheet
307Kb / 5P
   Video Camera Video Output Circuit
logo
Freescale Semiconductor...
AN2213 FREESCALE-AN2213 Datasheet
91Kb / 2P
   16-bit Microcontrollers MC9S12A128
logo
Seoul Semiconductor
AN2214 SEOUL-AN2214 Datasheet
530Kb / 16P
   Acriche series
More results

Similar Description - AN221E04-QFPSP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN220E04 ETC1-AN220E04 Datasheet
1Mb / 21P
   DANAMICALLY RECONFIGURABLE FPAA
AN231E04 ETC2-AN231E04 Datasheet
438Kb / 24P
   Dynamically Reconfigurable dpASP
logo
Holtek Semiconductor In...
HT48R064G HOLTEK-HT48R064G_12 Datasheet
786Kb / 128P
   Enhanced I/O Type MCU with OPA
HT48R064G HOLTEK-HT48R064G Datasheet
731Kb / 126P
   Enhanced I/O Type MCU with OPA
logo
SMSC Corporation
LPC47M112-MC SMSC-LPC47M112-MC Datasheet
1Mb / 193P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
37C67X SMSC-37C67X Datasheet
546Kb / 194P
   ENHANCED SUPER I/O CONTROLLER WITH FAST IR
LPC47M112 SMSC-LPC47M112 Datasheet
1Mb / 208P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
logo
List of Unclassifed Man...
FDC37C67X ETC1-FDC37C67X Datasheet
531Kb / 194P
   Enhanced Super I/O Controller with Fast IR
logo
SMSC Corporation
37C672 SMSC-37C672 Datasheet
965Kb / 173P
   ENHANCED SUPER I/O CONTROLLER WITH FAST IR
logo
Holtek Semiconductor In...
HT68F20 HOLTEK-HT68F20_11 Datasheet
2Mb / 244P
   Enhanced I/O Flash Type MCU with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com