Selected language     English  ā–¼


BC547 Datasheet(PDF) 7 Page - NXP Semiconductors

Part No. BC547
Description  NPN general purpose transistors
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

   
 7 page
background image
2004 Nov 25
7
Philips Semiconductors
Product speciļ¬cation
NPN general purpose transistors
BC546; BC547
PACKAGE OUTLINE
UNIT
A
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
5.2
5.0
b
0.48
0.40
c
0.45
0.38
D
4.8
4.4
d
1.7
1.4
E
4.2
3.6
L
14.5
12.7
e
2.54
e1
1.27
L1
(1)
max.
2.5
b1
0.66
0.55
DIMENSIONS (mm are the original dimensions)
Note
1. Terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities.
SOT54
TO-92
SC-43A
04-06-28
04-11-16
A
L
0
2.5
5 mm
scale
b
c
D
b1
L1
d
E
Plastic single-ended leaded (through hole) package; 3 leads
SOT54
e1
e
1
2
3




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HBNP3946S6RGeneral Purpose NPN / PNP Epitaxial Planar Transistors 1 2 3 4 5 Cystech Electonics Corp.
MMBT2222LT1_06General Purpose Transistors NPN Silicon 1 2 3 4 5 MoreComchip Technology
2N3903_07General Purpose Transistors NPN Silicon 1 2 3 4 5 MoreON Semiconductor
MMBT2132T3_06General Purpose Transistors NPN Bipolar Junction Transistor 1 2 3 4 ON Semiconductor
2N4123_07General Purpose Transistors NPN Silicon 1 2 3 4 5 MoreON Semiconductor
2N4401_07General Purpose Transistors NPN Silicon 1 2 3 4 5 MoreON Semiconductor
MSD42WT1NPN Silicon General Purpose High Voltage Transistors 1 2 3 4 ON Semiconductor
2SC4617_04NPN Silicon General Purpose Amplifier Transistor NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT 1 2 3 4 ON Semiconductor
HN1B01FDW1T1Complementary Dual General Purpose Amplifier Transistor PNP and NPN Surface Mount 1 2 3 4 5 MoreON Semiconductor
BSS79CNPN General Purpose Amplifier 1 2 3 4 Fairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl