Selected language     English  ▼


BC547 Datasheet(PDF) 2 Page - NXP Semiconductors

Part No. BC547
Description  NPN general purpose transistors
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

   
 2 page
background image
2004 Nov 25
2
Philips Semiconductors
Product specification
NPN general purpose transistors
BC546; BC547
FEATURES
• Low current (max. 100 mA)
• Low voltage (max. 65 V).
APPLICATIONS
• General purpose switching and amplification.
DESCRIPTION
NPN transistor in a TO-92; SOT54 plastic package.
PNP complements: BC556 and BC557.
PINNING
PIN
DESCRIPTION
1
emitter
2
base
3
collector
Fig.1
Simplified outline (TO-92; SOT54)
and symbol.
handbook, halfpage1
3
2
MAM182
3
2
1
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
BC546A
SC-43A
plastic single-ended leaded (through hole) package; 3 leads
SOT54
BC546B
BC547
BC547B
BC547C




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HBNP3946S6RGeneral Purpose NPN / PNP Epitaxial Planar Transistors 1 2 3 4 5 Cystech Electonics Corp.
MMBT2222LT1_06General Purpose Transistors NPN Silicon 1 2 3 4 5 MoreComchip Technology
2N3903_07General Purpose Transistors NPN Silicon 1 2 3 4 5 MoreON Semiconductor
MMBT2132T3_06General Purpose Transistors NPN Bipolar Junction Transistor 1 2 3 4 ON Semiconductor
2N4123_07General Purpose Transistors NPN Silicon 1 2 3 4 5 MoreON Semiconductor
2N4401_07General Purpose Transistors NPN Silicon 1 2 3 4 5 MoreON Semiconductor
MSD42WT1NPN Silicon General Purpose High Voltage Transistors 1 2 3 4 ON Semiconductor
2SC4617_04NPN Silicon General Purpose Amplifier Transistor NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT 1 2 3 4 ON Semiconductor
HN1B01FDW1T1Complementary Dual General Purpose Amplifier Transistor PNP and NPN Surface Mount 1 2 3 4 5 MoreON Semiconductor
BSS79CNPN General Purpose Amplifier 1 2 3 4 Fairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl