Selected language     English  ▼


BC547 Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. BC547
Description  NPN general purpose transistors
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

   
 3 page
background image
2004 Nov 25
3
Philips Semiconductors
Product specification
NPN general purpose transistors
BC546; BC547
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
1. Transistor mounted on an FR4 printed-circuit board.
THERMAL CHARACTERISTICS
Note
1. Transistor mounted on an FR4 printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
BC546A; BC546B
80
V
BC547
50
V
VCEO
collector-emitter voltage
open base
BC546A; BC546B
65
V
BC547; BC547B; BC547C
45
V
VEBO
emitter-base voltage
open collector
BC546A; BC546B
6V
BC547; BC547B; BC547C
6V
IC
collector current (DC)
100
mA
ICM
peak collector current
200
mA
IBM
peak base current
200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
500
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
Tamb
ambient temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
note 1
250
K/W




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HBNP3946S6RGeneral Purpose NPN / PNP Epitaxial Planar Transistors 1 2 3 4 5 Cystech Electonics Corp.
MMBT2222LT1_06General Purpose Transistors NPN Silicon 1 2 3 4 5 MoreComchip Technology
2N3903_07General Purpose Transistors NPN Silicon 1 2 3 4 5 MoreON Semiconductor
MMBT2132T3_06General Purpose Transistors NPN Bipolar Junction Transistor 1 2 3 4 ON Semiconductor
2N4123_07General Purpose Transistors NPN Silicon 1 2 3 4 5 MoreON Semiconductor
2N4401_07General Purpose Transistors NPN Silicon 1 2 3 4 5 MoreON Semiconductor
MSD42WT1NPN Silicon General Purpose High Voltage Transistors 1 2 3 4 ON Semiconductor
2SC4617_04NPN Silicon General Purpose Amplifier Transistor NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT 1 2 3 4 ON Semiconductor
HN1B01FDW1T1Complementary Dual General Purpose Amplifier Transistor PNP and NPN Surface Mount 1 2 3 4 5 MoreON Semiconductor
BSS79CNPN General Purpose Amplifier 1 2 3 4 Fairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl