Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJA1050T Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TJA1050T
Description  High speed CAN transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TJA1050T Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TJA1050T Datasheet HTML 5Page - NXP Semiconductors TJA1050T Datasheet HTML 6Page - NXP Semiconductors TJA1050T Datasheet HTML 7Page - NXP Semiconductors TJA1050T Datasheet HTML 8Page - NXP Semiconductors TJA1050T Datasheet HTML 9Page - NXP Semiconductors TJA1050T Datasheet HTML 10Page - NXP Semiconductors TJA1050T Datasheet HTML 11Page - NXP Semiconductors TJA1050T Datasheet HTML 12Page - NXP Semiconductors TJA1050T Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1999 Sep 27
9
Philips Semiconductors
Preliminary specification
High speed CAN transceiver
TJA1050
Fig.5 Hysteresis of the receiver.
handbook, full pagewidth
MGS378
VRXD
HIGH
LOW
hysteresis
0.5
0.9
Vi(dif)(bus)
Fig.6 Test circuit for automotive transients.
The waveforms of the applied transients shall be in accordance with
“ISO 7637 part 1”, test pulses 1, 2, 3a and 3b.
handbook, full pagewidth
MGS379
VCC
Vref
RXD
TJA1050
1 nF
TRANSIENT
GENERATOR
1 nF
CANH
CANL
7
6
8
2
GND
S
15 pF
4
5
TXD
1
3
100
nF
47
µF
+5 V


Similar Part No. - TJA1050T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1050T NXP-TJA1050T Datasheet
120Kb / 18P
   High speed CAN transceiver
2003 Oct 22
TJA1050TD-T NXP-TJA1050TD-T Datasheet
120Kb / 18P
   High speed CAN transceiver
2003 Oct 22
More results

Similar Description - TJA1050T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
   High-speed CAN transceiver
logo
ON Semiconductor
AMIS-30660 ONSEMI-AMIS-30660 Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
   High-Speed CAN Transceiver
2002
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com