Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME1117ACBT Datasheet(PDF) 4 Page - Analog Microelectronics

Part # AME1117ACBT
Description  1A Low Dropout Positive Voltage Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME1117ACBT Datasheet(HTML) 4 Page - Analog Microelectronics

  AME1117ACBT Datasheet HTML 1Page - Analog Microelectronics AME1117ACBT Datasheet HTML 2Page - Analog Microelectronics AME1117ACBT Datasheet HTML 3Page - Analog Microelectronics AME1117ACBT Datasheet HTML 4Page - Analog Microelectronics AME1117ACBT Datasheet HTML 5Page - Analog Microelectronics AME1117ACBT Datasheet HTML 6Page - Analog Microelectronics AME1117ACBT Datasheet HTML 7Page - Analog Microelectronics AME1117ACBT Datasheet HTML 8Page - Analog Microelectronics AME1117ACBT Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
AME, Inc.
4
1A Low Dropout
Positive Voltage Regulator
AME1117
Rev.S.02
Part Number
Marking*
Output Voltage
Package
Operating Ambient
Temperature Range
AME1117ACGT
ABEyww
ADJ
SOT-223
0
oC to 70oC
AME1117ACGTZ
ABEyww
ADJ
SOT-223
0
oC to 70oC
AME1117BCGT
AKEyww
2.5
SOT-223
0
oC to 70oC
AME1117BCGTZ
AKEyww
2.5
SOT-223
0
oC to 70oC
AME1117CCGT
ABFyww
3.3
SOT-223
0
oC to 70oC
AME1117CCGTZ
ABFyww
3.3
SOT-223
0
oC to 70oC
AME1117DCGT
AKFyww
5.0
SOT-223
0
oC to 70oC
AME1117DCGTZ
AKFyww
5.0
SOT-223
0
oC to 70oC
AME1117ECGT
AXHyww
1.8
SOT-223
0
oC to 70oC
AME1117ECGTZ
AXHyww
1.8
SOT-223
0
oC to 70oC
AME1117ACCT
AME1117
ACCT
yyww
ADJ
TO-252-2
0
oC to 70oC
AME1117ACCTZ
AME1117
ACCT
yyww
ADJ
TO-252-2
0
oC to 70oC
AME1117BCCT
AME1117
BCCT
yyww
2.5
TO-252-2
0
oC to 70oC
AME1117BCCTZ
AME1117
BCCT
yyww
2.5
TO-252-2
0
oC to 70oC
AME1117CCCT
AME1117
CCCT
yyww
3.3
TO-252-2
0
oC to 70oC
AME1117CCCTZ
AME1117
CCCT
yyww
3.3
TO-252-2
0
oC to 70oC
n Ordering Information (contd.)
Note: yyww & yww represent the date code
* A line on top of the first letter represents lead free plating such as AME1117.
Please consult AME sales office or authorized Rep./Distributor for the availability of output voltage and package type.


Similar Part No. - AME1117ACBT

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME1117ACBT AME-AME1117ACBT Datasheet
128Kb / 15P
   1A Low Dropout Positive Voltage Regulator
More results

Similar Description - AME1117ACBT

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
   1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117BCW12 TSC-TS1117BCW12 Datasheet
247Kb / 7P
   1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Torex Semiconductor
XB1117 TOREX-XB1117_15 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
E-CMOS Corporation
EC50117S E-CMOS-EC50117S Datasheet
548Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117E HSMC-H1117E Datasheet
44Kb / 4P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com