Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMG-CLD-M2 Datasheet(PDF) 3 Page - DOMINANT Semiconductors

Part # SMG-CLD-M2
Description  AlInGaP MSpice
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

SMG-CLD-M2 Datasheet(HTML) 3 Page - DOMINANT Semiconductors

  SMG-CLD-M2 Datasheet HTML 1Page - DOMINANT Semiconductors SMG-CLD-M2 Datasheet HTML 2Page - DOMINANT Semiconductors SMG-CLD-M2 Datasheet HTML 3Page - DOMINANT Semiconductors SMG-CLD-M2 Datasheet HTML 4Page - DOMINANT Semiconductors SMG-CLD-M2 Datasheet HTML 5Page - DOMINANT Semiconductors SMG-CLD-M2 Datasheet HTML 6Page - DOMINANT Semiconductors SMG-CLD-M2 Datasheet HTML 7Page - DOMINANT Semiconductors SMG-CLD-M2 Datasheet HTML 8Page - DOMINANT Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DOMINANT Semiconductors
02/06/04
M SpiceLED AlInGaP SMx-CLD-pv4
Page 3 of 8
PRELIMINARY
UNDER DEVELOPMENT
Engineering reference data are not verified. The specifications are subject to
change without notice.
Electrical Characteristics.
(Ta = 25
°C)
Vf @ If= 20 mA
Vr @ Ir =10uA
Part Number
Typ. (V)
Max. (V)
Min.(V)
All devices
1.8
2.4
12
Forward voltages are tested using a current pulse of 1 ms and has an accuracy of
± 0.1V.
Wavelength Grouping.
Color
Group
Wavelength distribution (nm)
SMS, Super Red
Full
625 – 640
SMR; Red
Full
620 – 630
SMO; Orange
Full
W
X
Y
Z
600 – 612
600 – 603
603 – 606
606 - 609
609 - 612
SMY; Yellow
Full
W
X
Y
Z
582 – 594
582 – 585
585 – 588
588 - 591
591 - 594
SMG; Green
Full
W
X
Y
Z
564.5 – 576.5
564.5 – 567.5
567.5 – 570.5
570.5 – 573.5
573.5 – 576.5
Dominant wavelength is measured with an accuracy of
±1 nm.


Similar Part No. - SMG-CLD-M2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMG.00.08 ETC2-SMG.00.08 Datasheet
384Kb / 28P
   ROD END BEARINGS & LINKAGES
SMG.00.10 ETC2-SMG.00.10 Datasheet
384Kb / 28P
   ROD END BEARINGS & LINKAGES
SMG.00.12 ETC2-SMG.00.12 Datasheet
384Kb / 28P
   ROD END BEARINGS & LINKAGES
SMG.00.14 ETC2-SMG.00.14 Datasheet
384Kb / 28P
   ROD END BEARINGS & LINKAGES
SMG.00.16 ETC2-SMG.00.16 Datasheet
384Kb / 28P
   ROD END BEARINGS & LINKAGES
More results

Similar Description - SMG-CLD-M2

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMA-C265 HP-HSMA-C265 Datasheet
367Kb / 5P
   AlInGaP chipLED
logo
DOMINANT Semiconductors
DDH-CJS-PQ2-1 DOMINANT-DDH-CJS-PQ2-1 Datasheet
804Kb / 16P
   LED AlInGaP
logo
Vishay Siliconix
TLHE44R1S2-26 VISHAY-TLHE44R1S2-26 Datasheet
106Kb / 5P
   AlInGaP technology
Rev. 1.4, 14-Oct-14
logo
DOMINANT Semiconductors
NPR-SSS-WX2-1 DOMINANT-NPR-SSS-WX2-1 Datasheet
533Kb / 12P
   AlInGaP : SPNovaLED
DDS-CJS-J2L1-1-I2 DOMINANT-DDS-CJS-J2L1-1-I2 Datasheet
760Kb / 12P
   LED AlInGaP
DDS-EJS-S2T-1 DOMINANT-DDS-EJS-S2T-1 Datasheet
780Kb / 12P
   LED AlInGaP
DDH-CRS-PQ2-1 DOMINANT-DDH-CRS-PQ2-1 Datasheet
630Kb / 11P
   LED - AlInGaP
logo
Vishay Siliconix
TLHE42T2V1 VISHAY-TLHE42T2V1 Datasheet
107Kb / 5P
   AlInGaP technology
Rev. 1.2, 14-Oct-14
TLLE4401 VISHAY-TLLE4401 Datasheet
110Kb / 6P
   AlInGaP technology
Rev. 1.5, 14-Oct-14
logo
Agilent(Hewlett-Packard...
HSME-C110 HP-HSME-C110 Datasheet
216Kb / 12P
   AlInGaP Green ChipLED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com