Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP8SCE9IMT7 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8SCE9IMT7
Description  8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM and Brownout Reset
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SCE9IMT7 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button COP8SCE9IMT7 Datasheet HTML 3Page - National Semiconductor (TI) COP8SCE9IMT7 Datasheet HTML 4Page - National Semiconductor (TI) COP8SCE9IMT7 Datasheet HTML 5Page - National Semiconductor (TI) COP8SCE9IMT7 Datasheet HTML 6Page - National Semiconductor (TI) COP8SCE9IMT7 Datasheet HTML 7Page - National Semiconductor (TI) COP8SCE9IMT7 Datasheet HTML 8Page - National Semiconductor (TI) COP8SCE9IMT7 Datasheet HTML 9Page - National Semiconductor (TI) COP8SCE9IMT7 Datasheet HTML 10Page - National Semiconductor (TI) COP8SCE9IMT7 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 70 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)7V
Voltage at Any Pin
−0.3V to V
CC +0.3V
Total Current into V
CC Pin (Source)
200 mA
Total Current out of GND Pin (Sink)
200 mA
Storage Temperature Range
−65˚C to +140˚C
ESD Protection Level
2 kV (Human Body
Model)
Note 1:
Absolute maximum ratings indicate limits beyond which damage to
the device may occur. DC and AC electrical specifications are not ensured
when operating the device at absolute maximum ratings.
2.0 Electrical Characteristics
TABLE 1. DC Electrical Characteristics (0˚C
≤ T
A ≤ +70˚C)
Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Parameter
Conditions
Min
Typ
Max
Units
Operating Voltage
2.7
5.5
V
Power Supply Rise Time
10
50 x 10
6
ns
Power Supply Ripple (Note 2)
Peak-to-Peak
0.1 V
CC
V
Supply Current (Note 3)
High Speed Mode
CKI = 10 MHz
V
CC = 5.5V, tC = 0.5 µs
11.5
mA
CKI = 3.33 MHz
V
CC = 4.5V, tC = 1.5 µs
5
mA
Dual Clock Mode
CKI = 10 MHz, Low Speed OSC = 32 kHz
V
CC = 5.5V, tC = 0.5 µs
11.5
mA
CKI = 3.33 MHz, Low Speed OSC = 32 kHz
V
CC = 4.5V, tC = 1.5 µs
5
mA
Low Speed Mode
Low Speed OSC = 32 kHz
V
CC = 5.5V
60
103
µA
HALT Current with BOR Disabled (Note 4)
High Speed Mode
V
CC = 5.5V, CKI=0MHz
<210
µA
Dual Clock Mode
V
CC = 5.5V, CKI = 0 MHz,
Low Speed OSC = 32 kHz
<517
µA
Low Speed Mode
V
CC = 5.5V, CKI = 0 MHz,
Low Speed OSC = 32 kHz
<517
µA
Idle Current (Note 3)
High Speed Mode
CKI = 10 MHz
V
CC = 5.5V, tC = 0.5 µs
1.8
mA
CKI = 3.33 MHz
V
CC = 4.5V, tC = 1.5 µs
0.8
mA
Dual Clock Mode
CKI = 10 MHz, Low Speed OSC = 32 kHz
V
CC = 5.5V, tC = 0.5 µs
1.8
mA
CKI = 3.33 MHz, Low Speed OSC = 32 kHz
V
CC = 4.5V, tC = 1.5 µs
0.8
mA
Low Speed Mode
Low Speed OSC = 32 kHz
V
CC = 5.5V
15
30
µA
Supply Current When Programming In ISP
V
CC = 5.0V, tC = 0.5 µs
26
mA
Supply Current for BOR Feature
V
CC = 5.5V
45
µA
High Brownout Trip Level (BOR Enabled)
4.17
4.28
4.5
V
Low Brownout Trip Level (BOR Enabled)
2.7
2.78
2.9
V
Input Levels (V
IH,VIL)
Logic High
0.8 V
CC
V
Logic Low
0.16 V
CC
V
Internal Bias Resistor for the CKI
Crystal/Resonator Oscillator
0.3
1.0
2.5
M
Hi-Z Input Leakage
V
CC = 5.5V
−0.5
+0.5
µA
Input Pullup Current
V
CC = 5.5V, VIN = 0V
−50
−210
µA
Port Input Hysteresis
0.25 V
CC
V
www.national.com
7


Similar Part No. - COP8SCE9IMT7

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8SCR9 NSC-COP8SCR9 Datasheet
972Kb / 80P
   8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
logo
Texas Instruments
COP8SCR9 TI1-COP8SCR9 Datasheet
1Mb / 105P
[Old version datasheet]   COP8SBR9/COP8SCR9/COP8SDR9 8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
logo
National Semiconductor ...
COP8SCR9HLQ7 NSC-COP8SCR9HLQ7 Datasheet
972Kb / 80P
   8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
COP8SCR9HLQ8 NSC-COP8SCR9HLQ8 Datasheet
972Kb / 80P
   8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
COP8SCR9HVA7 NSC-COP8SCR9HVA7 Datasheet
972Kb / 80P
   8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
More results

Similar Description - COP8SCE9IMT7

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8CBE9 NSC-COP8CBE9 Datasheet
921Kb / 75P
   8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, 10-Bit A/D and Brownout Reset
logo
Texas Instruments
COP8CCE9 TI1-COP8CCE9_15 Datasheet
1Mb / 101P
[Old version datasheet]   8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM
COP8CCE9 TI1-COP8CCE9_14 Datasheet
1Mb / 103P
[Old version datasheet]   COP8CBE9/CCE9 8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, 10- Bit A/D and Brownout Reset
logo
National Semiconductor ...
COP8SBR9 NSC-COP8SBR9 Datasheet
972Kb / 80P
   8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
COP8CBR9 NSC-COP8CBR9 Datasheet
1Mb / 84P
   8-Bit CMOS Flash Microcontroller with 32k Memory, Virtual EEPROM, 10-Bit A/D and Brownout
COP8CFE9 NSC-COP8CFE9 Datasheet
771Kb / 63P
   8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, and 10-Bit A/D
logo
Texas Instruments
COP8AME9 TI1-COP8AME9_14 Datasheet
1Mb / 102P
[Old version datasheet]   COP8AME9 8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEPROM, Temperature Sensor, 10-Bit A/D and Brownout Reset
COP8SBR9 TI1-COP8SBR9_14 Datasheet
1Mb / 105P
[Old version datasheet]   COP8SBR9/COP8SCR9/COP8SDR9 8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
logo
National Semiconductor ...
COP8AME9 NSC-COP8AME9 Datasheet
931Kb / 83P
   8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEROM, Temperature Sensor,10-Bit A/D and Brownout Reset
logo
Texas Instruments
COP8CBR9 TI1-COP8CBR9_15 Datasheet
2Mb / 111P
[Old version datasheet]   8-Bit CMOS Flash Microcontroller with 32k Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com