Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP8SBE9ILQ9 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8SBE9ILQ9
Description  8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM and Brownout Reset
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SBE9ILQ9 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button COP8SBE9ILQ9 Datasheet HTML 5Page - National Semiconductor (TI) COP8SBE9ILQ9 Datasheet HTML 6Page - National Semiconductor (TI) COP8SBE9ILQ9 Datasheet HTML 7Page - National Semiconductor (TI) COP8SBE9ILQ9 Datasheet HTML 8Page - National Semiconductor (TI) COP8SBE9ILQ9 Datasheet HTML 9Page - National Semiconductor (TI) COP8SBE9ILQ9 Datasheet HTML 10Page - National Semiconductor (TI) COP8SBE9ILQ9 Datasheet HTML 11Page - National Semiconductor (TI) COP8SBE9ILQ9 Datasheet HTML 12Page - National Semiconductor (TI) COP8SBE9ILQ9 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
AC Electrical Characteristics (0˚C
≤ T
A ≤ +70˚C) (Continued)
Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Parameter
Conditions
Min
Typ
Max
Units
Input Pulse Width
Interrupt Input High Time
1
t
C
Interrupt Input Low Time
1
t
C
Timer 1 Input High Time
1
t
C
Timer 1 Input Low Time
1
t
C
Timer 2 Input High Time (Note 6)
1
MCLK or t
C
Timer 2 Input Low Time (Note 6)
1
MCLK or t
C
Output Pulse Width
Timer 2 Output High Time
150
ns
Timer 2 Output Low Time
150
ns
USART Bit Time when using External
CKX
6 CKI
periods
USART CKX Frequency when being
Driven by Internal Baud Rate Generator
2
MHz
Reset Pulse Width
1
t
C
tC = instruction cycle time.
Note 2: Maximum rate of voltage change must be < 0.5 V/ms.
Note 3: Supply and IDLE currents are measured with CKI driven with a square wave Oscillator, CKO driven 180˚ out of phase with CKI, inputs connected to VCC
and outputs driven low but not connected to a load.
Note 4: The HALT mode will stop CKI from oscillating. Measurement of IDD HALT is done with device neither sourcing nor sinking current; with A. B, G0, G2–G5,
H and L programmed as low outputs and not driving a load; all inputs tied to VCC; A/D converter and clock monitor and BOR disabled. Parameter refers to HALT
mode entered via setting bit 7 of the G Port data register.
Note 5: Pins G6 and RESET are designed with a high voltage input network. These pins allow input voltages > VCC and the pins will have sink current to VCC when
biased at voltages > VCC (the pins do not have source current when biased at a voltage below VCC). These two pins will not latch up. The voltage at the pins must
be limited to < 14V. WARNING: Voltages in excess of 14V will cause damage to the pins. This warning excludes ESD transients.
Note 6: If timer is in high speed mode, the minimum time is 1 MCLK. If timer is not in high speed mode, the minimum time is 1 tC.
Note 7: Absolute Maximum Ratings should not be exceeded.
Note 8: Vcc must be valid and stable before G6 is raised to a high voltage.
www.national.com
9


Similar Part No. - COP8SBE9ILQ9

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8SBR9 NSC-COP8SBR9 Datasheet
972Kb / 80P
   8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
logo
Texas Instruments
COP8SBR9 TI1-COP8SBR9 Datasheet
1Mb / 105P
[Old version datasheet]   COP8SBR9/COP8SCR9/COP8SDR9 8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
COP8SBR9 TI1-COP8SBR9 Datasheet
1Mb / 104P
[Old version datasheet]   8-Bit CMOS Flash Based Microcontroller with 32k Memory
logo
National Semiconductor ...
COP8SBR9HLQ8 NSC-COP8SBR9HLQ8 Datasheet
972Kb / 80P
   8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
COP8SBR9HVA8 NSC-COP8SBR9HVA8 Datasheet
972Kb / 80P
   8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
More results

Similar Description - COP8SBE9ILQ9

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8CBE9 NSC-COP8CBE9 Datasheet
921Kb / 75P
   8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, 10-Bit A/D and Brownout Reset
logo
Texas Instruments
COP8CCE9 TI1-COP8CCE9_15 Datasheet
1Mb / 101P
[Old version datasheet]   8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM
COP8CCE9 TI1-COP8CCE9_14 Datasheet
1Mb / 103P
[Old version datasheet]   COP8CBE9/CCE9 8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, 10- Bit A/D and Brownout Reset
logo
National Semiconductor ...
COP8SBR9 NSC-COP8SBR9 Datasheet
972Kb / 80P
   8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
COP8CBR9 NSC-COP8CBR9 Datasheet
1Mb / 84P
   8-Bit CMOS Flash Microcontroller with 32k Memory, Virtual EEPROM, 10-Bit A/D and Brownout
COP8CFE9 NSC-COP8CFE9 Datasheet
771Kb / 63P
   8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, and 10-Bit A/D
logo
Texas Instruments
COP8AME9 TI1-COP8AME9_14 Datasheet
1Mb / 102P
[Old version datasheet]   COP8AME9 8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEPROM, Temperature Sensor, 10-Bit A/D and Brownout Reset
COP8SBR9 TI1-COP8SBR9_14 Datasheet
1Mb / 105P
[Old version datasheet]   COP8SBR9/COP8SCR9/COP8SDR9 8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
logo
National Semiconductor ...
COP8AME9 NSC-COP8AME9 Datasheet
931Kb / 83P
   8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEROM, Temperature Sensor,10-Bit A/D and Brownout Reset
logo
Texas Instruments
COP8CBR9 TI1-COP8CBR9_15 Datasheet
2Mb / 111P
[Old version datasheet]   8-Bit CMOS Flash Microcontroller with 32k Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com