Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CBT3306DRE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74CBT3306DRE4
Description  DUAL FET BUS SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CBT3306DRE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74CBT3306DRE4 Datasheet HTML 1Page - Texas Instruments SN74CBT3306DRE4 Datasheet HTML 2Page - Texas Instruments SN74CBT3306DRE4 Datasheet HTML 3Page - Texas Instruments SN74CBT3306DRE4 Datasheet HTML 4Page - Texas Instruments SN74CBT3306DRE4 Datasheet HTML 5Page - Texas Instruments SN74CBT3306DRE4 Datasheet HTML 6Page - Texas Instruments SN74CBT3306DRE4 Datasheet HTML 7Page - Texas Instruments SN74CBT3306DRE4 Datasheet HTML 8Page - Texas Instruments SN74CBT3306DRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SN74CBT3306
DUAL FET BUS SWITCH
SCDS016H − MAY 1995 − REVISED JANUARY 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 5-Ω Switch Connection Between Two Ports
D TTL-Compatible Input Levels
description/ordering information
The SN74CBT3306 dual FET bus switch features
independent line switches. Each switch is
disabled when the associated output-enable (OE)
input is high.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SOIC − D
Tube
SN74CBT3306D
CU306
−40
°C to 85°C
SOIC − D
Tape and reel
SN74CBT3306DR
CU306
−40
°C to 85°C
TSSOP − PW
Tube
SN74CBT3306PW
CU306
TSSOP − PW
Tape and reel
SN74CBT3306PWR
CU306
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
FUNCTION TABLE
(each bus switch)
INPUT
OE
FUNCTION
L
A port = B port
H
Disconnect
logic diagram (positive logic)
1OE
1B
1A
2OE
2B
2A
2
1
5
7
3
6
D OR PW PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1OE
1A
1B
GND
VCC
2OE
2B
2A
Copyright
 2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74CBT3306DRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3306D TI-SN74CBT3306D Datasheet
62Kb / 4P
[Old version datasheet]   DUAL FET BUS SWITCH
More results

Similar Description - SN74CBT3306DRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3T3306 TI1-SN74CB3T3306_16 Datasheet
903Kb / 19P
[Old version datasheet]   Dual FET Bus Switch
logo
Unisonic Technologies
U74CBT3306 UTC-U74CBT3306 Datasheet
250Kb / 4P
   DUAL FET BUS SWITCH
logo
Texas Instruments
SN74CBT3306 TI-SN74CBT3306 Datasheet
62Kb / 4P
[Old version datasheet]   DUAL FET BUS SWITCH
logo
Unisonic Technologies
U74CBT3306 UTC-U74CBT3306_15 Datasheet
200Kb / 4P
   DUAL FET BUS SWITCH
logo
Texas Instruments
SN74CBTD3306DRG4 TI-SN74CBTD3306DRG4 Datasheet
755Kb / 12P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD3306DR TI-SN74CBTD3306DR Datasheet
769Kb / 12P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD3306 TI-SN74CBTD3306 Datasheet
74Kb / 5P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBT3305C TI1-SN74CBT3305C_15 Datasheet
1Mb / 16P
[Old version datasheet]   DUAL FET BUS SWITCH 5-V BUS SWITCH WITH ??-V UNDERSHOOT PROTECTION
SN74CB3Q3305 TI-SN74CB3Q3305 Datasheet
131Kb / 10P
[Old version datasheet]   DUAL FET BUS SWITCH 2.5V/3.3V LOW VOLTAGE HIGH BANDWIDTH BUS SWITCH
logo
Renesas Technology Corp
HD74CBT1G125 RENESAS-HD74CBT1G125 Datasheet
112Kb / 9P
   Single FET Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com