Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSA5514AT Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TSA5514AT
Description  1.3 GHz bidirectional I2C-bus controlled synthesizer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5514AT Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TSA5514AT Datasheet HTML 4Page - NXP Semiconductors TSA5514AT Datasheet HTML 5Page - NXP Semiconductors TSA5514AT Datasheet HTML 6Page - NXP Semiconductors TSA5514AT Datasheet HTML 7Page - NXP Semiconductors TSA5514AT Datasheet HTML 8Page - NXP Semiconductors TSA5514AT Datasheet HTML 9Page - NXP Semiconductors TSA5514AT Datasheet HTML 10Page - NXP Semiconductors TSA5514AT Datasheet HTML 11Page - NXP Semiconductors TSA5514AT Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
October 1992
8
Philips Semiconductors
Product specification
1.3 GHz bidirectional I2C-bus controlled synthesizer
TSA5514
Table 3
ADC levels
Table 4
Address selection
LIMITING VALUES
In accordance with Absolute Maximum Rating System (IEC 134); all pin numbers refer to DIL18 version
THERMAL RESISTANCE
VOLTAGE APPLIED ON THE PORT P6
A2
A1
A0
0.6 Vcc to 13.5 V
1
0
0
0.45 Vcc to 0.6 Vcc
011
0.3 Vcc to 0.45 Vcc
010
0.15 Vcc to 0.3 Vcc
001
0 to 0.15 Vcc
000
MA1
MA0
VOLTAGE APPLIED ON PIN AS
0
0
0 to 0.1 Vcc
0
1
open
1
0
0.4 to 0.6 Vcc
1
1
0.9 Vcc to Vcc
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
Vcc
supply voltage
−0.3
6
V
V1
charge-pump output voltage
−0.3
Vcc
V
V2
crystal (Q1) input voltage
−0.3
Vcc
V
V4
serial data input/output voltage
−0.3
6
V
V5
serial clock input voltage
−0.3
6
V
V10
address selection input voltage
−0.3
6
V
V6-13
P7 to P0 input/output voltage
−0.3
+16
V
V15
prescaler input voltage
−0.3
+2.5
V
V18
drive output voltage
−0.3
Vcc
V
I6-13
P7 to P0 output current (open collector)
−115
mA
I4
SDA output current (open collector)
−15
mA
Tstg
IC storage temperature range
−40
+150
°C
Tj
maximum junction temperature
150
°C
SYMBOL
PARAMETER
THERMAL RESISTANCE
Rth j-a
from junction to ambient in free air
DIL18
80 K/W
SO16
110 K/W
SO20
80 K/W


Similar Part No. - TSA5514AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TSA5511 PHILIPS-TSA5511 Datasheet
145Kb / 19P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5511AT PHILIPS-TSA5511AT Datasheet
145Kb / 19P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5511T PHILIPS-TSA5511T Datasheet
145Kb / 19P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5512 PHILIPS-TSA5512 Datasheet
146Kb / 20P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5512AT PHILIPS-TSA5512AT Datasheet
146Kb / 20P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
More results

Similar Description - TSA5514AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TSA5518M PHILIPS-TSA5518M Datasheet
161Kb / 20P
   1.3 GHz bidirectional I2C-bus controlled synthesizer
1997 Mar 07
TSA5511 PHILIPS-TSA5511 Datasheet
145Kb / 19P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5512 PHILIPS-TSA5512 Datasheet
146Kb / 20P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5515T PHILIPS-TSA5515T Datasheet
117Kb / 15P
   1.3 GHz bi-directional I2C-bus controlled synthesizer
November 1991
TSA5055T PHILIPS-TSA5055T Datasheet
101Kb / 20P
   2.65 GHz bidirectional I2C-bus controlled synthesizer
1999 Aug 11
TSA5060A PHILIPS-TSA5060A Datasheet
119Kb / 24P
   1.3 GHz I2C-bus controlled low phase noise frequency synthesizer
2000 Oct 24
TSA5520 PHILIPS-TSA5520 Datasheet
285Kb / 24P
   1.3 GHz universal bus-controlled TV synthesizer
1996 Oct 10
TSA5522 PHILIPS-TSA5522 Datasheet
172Kb / 20P
   1.4 GHz I2C-bus controlled synthesizer
1996 Jan 23
TSA5523M PHILIPS-TSA5523M Datasheet
182Kb / 20P
   1.4 GHz I2C-bus controlled multimedia synthesizer
1996 Dec 17
logo
Siemens Semiconductor G...
SDA3202 SIEMENS-SDA3202 Datasheet
462Kb / 10P
   1.3 GHZ PLL WITH I2C BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com